Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC94355-4YCS Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC94355-4YCS
Description  500mA LDO with Ripple Blocker??Technology
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC94355-4YCS Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC94355-4YCS Datasheet HTML 2Page - Micrel Semiconductor MIC94355-4YCS Datasheet HTML 3Page - Micrel Semiconductor MIC94355-4YCS Datasheet HTML 4Page - Micrel Semiconductor MIC94355-4YCS Datasheet HTML 5Page - Micrel Semiconductor MIC94355-4YCS Datasheet HTML 6Page - Micrel Semiconductor MIC94355-4YCS Datasheet HTML 7Page - Micrel Semiconductor MIC94355-4YCS Datasheet HTML 8Page - Micrel Semiconductor MIC94355-4YCS Datasheet HTML 9Page - Micrel Semiconductor MIC94355-4YCS Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Micrel, Inc.
MIC94325/45/55
October 2012
6
M9999-102512-A
Absolute Maximum Ratings(1)
Input Voltage (VIN)..............................................0.3 to +4V
Output Voltage (VOUT) .................... –0.3 to VIN+0.3V or +4V
Enable Voltage (VEN)...................... –0.3 to VIN+0.3V or +4V
Lead Temperature (soldering, 10s)............................ 260°C
Storage Temperature (Ts).........................–65°C to +150°C
ESD Rating
(3).................................................................. 3kV
Operating Ratings
(2)
Input Voltage (VIN)........................................ +1.8V to +3.6V
Enable Voltage (VEN).............................................. 0V to VIN
Junction Temperature (TJ) ........................–40°C to +125°C
Junction Thermal Resistance
Thin DFN (
JA) ...................................................92°C/W
CSP (
JA) .........................................................160°C/W
Electrical Characteristics(4)
VIN = VEN = VOUT + 500mV (VIN = VEN = 3.6V for VOUT ≥ 3.1V); IOUT = 1mA; COUT = 4.7µF; TA = 25°C,
bold values indicate –40°C ≤ TJ ≤ +125°C, unless noted.
Parameter
Condition
Min.
Typ.
Max.
Units
Input Voltage
1.8
3.6
V
Output Voltage Range
MIC94325
1.2
3.4
V
Output Voltage Accuracy
Variation from nominal VOUT
–3
±1
+3
%
Adjust Reference
MIC94325
1.1
V
Dropout Voltage
VIN to VOUT dropout at 50mA output current
VIN to VOUT dropout at 500mA output current
10
100
200
mV
Load Regulation
1mA to 500mA
10
mV
Line Regulation
VIN = VOUT + 500mV to 3.6V, IOUT = 100mA
0.1
1
%
Ground Current
IOUT = 100µA
170
250
µA
Shutdown Current
VEN = 0V
0.2
5
µA
f = 100Hz
85
f = 1KHz
85
f = 100KHz
57
f = 1MHz
60
VIN Ripple Rejection
f= 5MHz
50
dB
Current Limit
VOUT = 0V
530
800
1100
mA
Total Output Noise
10Hz to 100kHz
83
μVRMS
Turn-On Time
100
150
μs
Auto Discharge NFET
Resistance
VIN = 3.6V, VEN = 0V, IOUT = -3mA
MIC94355 Only
50
Enable
Input Logic Low
0.35
V
Input Logic High
1.0
V
Input Current
0.01
1
µA
Notes:
1.
Exceeding the absolute maximum rating may damage the device.
2.
The device is not guaranteed to function outside its operating rating.
3.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF.
4.
Specification for packaged product only.


Similar Part No. - MIC94355-4YCS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94300 MICREL-MIC94300 Datasheet
518Kb / 13P
   200mA Switch with Ripple Blocker??Technology
MIC94300YCS MICREL-MIC94300YCS Datasheet
518Kb / 13P
   200mA Switch with Ripple Blocker??Technology
MIC94300YCS MICREL-MIC94300YCS Datasheet
253Kb / 6P
   200mA Switch with Ripple Blocker??Technology
MIC94300YMT MICREL-MIC94300YMT Datasheet
518Kb / 13P
   200mA Switch with Ripple Blocker??Technology
MIC94300YMT MICREL-MIC94300YMT Datasheet
253Kb / 6P
   200mA Switch with Ripple Blocker??Technology
More results

Similar Description - MIC94355-4YCS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94305 MICREL-MIC94305 Datasheet
442Kb / 13P
   500mA Switch with Ripple Blocker??Technology
MIC94310_EB MICREL-MIC94310_EB Datasheet
464Kb / 6P
   200mA LDO with Ripple Blocker??Technology
MIC94310 MICREL-MIC94310_14 Datasheet
958Kb / 15P
   200mA LDO with Ripple Blocker??Technology
MIC94310-GYMT-TR MICREL-MIC94310-GYMT-TR Datasheet
1Mb / 13P
   200mA LDO with Ripple Blocker??Technology
MIC94310 MICREL-MIC94310 Datasheet
1Mb / 13P
   200mA LDO with Ripple Blocker??Technology
logo
Microchip Technology
MIC94310 MICROCHIP-MIC94310 Datasheet
2Mb / 22P
   200 mA LDO with Ripple Blocker™ Technology
Revision B September 2020
logo
Micrel Semiconductor
MIC94300_EB MICREL-MIC94300_EB Datasheet
253Kb / 6P
   200mA Switch with Ripple Blocker??Technology
MIC94300 MICREL-MIC94300 Datasheet
518Kb / 13P
   200mA Switch with Ripple Blocker??Technology
logo
Maxim Integrated Produc...
MAX1857 MAXIM-MAX1857 Datasheet
245Kb / 10P
   500mA, Low-Dropout, Ripple-Rejecting LDO in MAX
Rev 0; 1/01
logo
Mitsumi Electronics, Co...
MM3526 MITSUMI-MM3526 Datasheet
2Mb / 22P
   500mA LDO with soft-start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com