Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC94345-MYCS Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC94345-MYCS
Description  500mA LDO with Ripple Blocker??Technology
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC94345-MYCS Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC94345-MYCS Datasheet HTML 7Page - Micrel Semiconductor MIC94345-MYCS Datasheet HTML 8Page - Micrel Semiconductor MIC94345-MYCS Datasheet HTML 9Page - Micrel Semiconductor MIC94345-MYCS Datasheet HTML 10Page - Micrel Semiconductor MIC94345-MYCS Datasheet HTML 11Page - Micrel Semiconductor MIC94345-MYCS Datasheet HTML 12Page - Micrel Semiconductor MIC94345-MYCS Datasheet HTML 13Page - Micrel Semiconductor MIC94345-MYCS Datasheet HTML 14Page - Micrel Semiconductor MIC94345-MYCS Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Micrel, Inc.
MIC94325/45/55
October 2012
11
M9999-102512-A
PD = (VIN – VOUT1) I OUT + VIN IGND
For more information about Micrel’s Ripple Blocker
products, go to:
Because this device is CMOS and the ground current is
typically <170µA over the load range, the power
dissipation contributed by the ground current is <1% and
can be ignored for this calculation.
http://www.micrel.com/index.php/en/products/power-
management-ics/ldos/linear-power-filters.html
PD = (2.5V – 1.8V) × 500mA
http://www.micrel.com/index.php/en/products/power-
management-ics/ldos/linear-power-filters/article/1-
mic94300.html
PD = 0.35W
To
determine
the
maximum
ambient
operating
temperature of the package, use the junction-to-ambient
thermal resistance of the device and the following basic
equation:
http://www.micrel.com/index.php/en/products/power-
management-ics/ldos/linear-power-filters/article/3-
mic94310.html


JA
A
J(max)
D(MAX)
θ
T
T
P
TJ(max) = 125°C, the maximum junction temperature of the
die, θJA thermal resistance = 160°C/W for the YCS
package and 92°C/W for the Thin DFN package.
Substituting PD for PD(MAX) and solving for the ambient
operating temperature will give the maximum operating
conditions for the regulator circuit.
The maximum power dissipation must not be exceeded
for proper operation.
For example, when operating the MIC94325-GYMT at
an input voltage of 2.5V and 500mA load with a
minimum footprint layout, the maximum ambient
operating temperature TA can be determined as follows:
0.35W = (125°C – TA)/(92°C/W)
TA = 92°C
Therefore, the maximum ambient operating temperature
allowed in a 1.6mm x 1.6mm Thin DFN package is 92°C.
For a full discussion of heat sinking and thermal effects
on voltage regulators, refer to the “Regulator Thermals”
section of Micrel’s Designing with Low-Dropout Voltage
Regulators
handbook. This information can be found on
Micrel's website at:
http://www.micrel.com/_PDF/other/LDOBk.pdf
http://www.micrel.com/_PDF/other/LDO%20SG.B.pdf


Similar Part No. - MIC94345-MYCS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94300 MICREL-MIC94300 Datasheet
518Kb / 13P
   200mA Switch with Ripple Blocker??Technology
MIC94300YCS MICREL-MIC94300YCS Datasheet
518Kb / 13P
   200mA Switch with Ripple Blocker??Technology
MIC94300YCS MICREL-MIC94300YCS Datasheet
253Kb / 6P
   200mA Switch with Ripple Blocker??Technology
MIC94300YMT MICREL-MIC94300YMT Datasheet
518Kb / 13P
   200mA Switch with Ripple Blocker??Technology
MIC94300YMT MICREL-MIC94300YMT Datasheet
253Kb / 6P
   200mA Switch with Ripple Blocker??Technology
More results

Similar Description - MIC94345-MYCS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94305 MICREL-MIC94305 Datasheet
442Kb / 13P
   500mA Switch with Ripple Blocker??Technology
MIC94310_EB MICREL-MIC94310_EB Datasheet
464Kb / 6P
   200mA LDO with Ripple Blocker??Technology
MIC94310 MICREL-MIC94310_14 Datasheet
958Kb / 15P
   200mA LDO with Ripple Blocker??Technology
MIC94310-GYMT-TR MICREL-MIC94310-GYMT-TR Datasheet
1Mb / 13P
   200mA LDO with Ripple Blocker??Technology
MIC94310 MICREL-MIC94310 Datasheet
1Mb / 13P
   200mA LDO with Ripple Blocker??Technology
logo
Microchip Technology
MIC94310 MICROCHIP-MIC94310 Datasheet
2Mb / 22P
   200 mA LDO with Ripple Blocker™ Technology
Revision B September 2020
logo
Micrel Semiconductor
MIC94300_EB MICREL-MIC94300_EB Datasheet
253Kb / 6P
   200mA Switch with Ripple Blocker??Technology
MIC94300 MICREL-MIC94300 Datasheet
518Kb / 13P
   200mA Switch with Ripple Blocker??Technology
logo
Maxim Integrated Produc...
MAX1857 MAXIM-MAX1857 Datasheet
245Kb / 10P
   500mA, Low-Dropout, Ripple-Rejecting LDO in MAX
Rev 0; 1/01
logo
Mitsumi Electronics, Co...
MM3526 MITSUMI-MM3526 Datasheet
2Mb / 22P
   500mA LDO with soft-start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com