Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC94310-GYCS Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC94310-GYCS
Description  200mA LDO with Ripple Blocker??Technology
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC94310-GYCS Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC94310-GYCS Datasheet HTML 1Page - Micrel Semiconductor MIC94310-GYCS Datasheet HTML 2Page - Micrel Semiconductor MIC94310-GYCS Datasheet HTML 3Page - Micrel Semiconductor MIC94310-GYCS Datasheet HTML 4Page - Micrel Semiconductor MIC94310-GYCS Datasheet HTML 5Page - Micrel Semiconductor MIC94310-GYCS Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Micrel, Inc.
MIC94310 Evaluation Board
February 2012
2
M9999-020912
(408) 944-0800
Power Supply Ripple Rejection (PSRR)
Measurements
Figure 1 illustrates the frequency response of the
MIC94310.
PSRR COUT = 1µF
-120
-100
-80
-60
-40
-20
0
1.E+01 1.E+02 1.E+03 1.E+04 1.E+05 1.E+06 1.E+07
FREQUENCY (Hz)
IOUT = 200mA
IOUT = 100mA
IOUT = 10mA
VIN = 2.5V + 40mVpp
VOUT = 1.8V
10
100
1K
10K
100K
1M
10M
Figure 1. MIC94310 Ripple Blocker
Frequency Response
For high-frequency measurements (above 1MHz),
careful attention must be made to the test set-up
configuration as it is easy to introduce noise into the
grounds which will give inaccurate measurements as
shown in Figure 2.
Figure 2. High-Frequency Noise on
Measurement System
The inductance of test probes connected to the
evaluation board at higher frequencies becomes a
factor which can create a differential between the
device under test and test measurement system
grounds. Adding a low-value resistor (2
Ω) in series
with the input capacitor to ground and utilizing a test
measurement system capable of making differential
measurements will help to reduce these effects.
PSRR measurements may be made using either
dedicated PSRR test equipment or with a PSRR
interface board and a network analyzer. The network
analyzer can sweep the AC frequency and perform a
comparison measurement of the amplitude on the
input and output. With this method, the network
analyzer is configured for an A/R measurement. The
difficulty arises when trying to impose the network
analyzer’s AC signal with the DC input voltage to the
MIC94310.
The
circuit
shown
in
Figure
3
accomplishes this by using the MIC911 as a summing
amplifier. The summing amplifier adds the VSUPPLY
(DC voltage) and the network analyzers AC signal. As
the network analyzers source is 50Ω impedance it
may be neglected, the DC voltage seen at the non-
inverting side is half of the VSUPPLY voltage. The output
is gained up by 2 with the 1kΩ resistor divider to the
non-inverting side. This sums the AC and DC voltages
with an overall gain of 1.
Figure 3. Network Analyzer Set-Up


Similar Part No. - MIC94310-GYCS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94310-GYCS MICREL-MIC94310-GYCS Datasheet
1Mb / 13P
   200mA LDO with Ripple Blocker??Technology
MIC94310-GYCS MICREL-MIC94310-GYCS Datasheet
958Kb / 15P
   200mA LDO with Ripple Blocker??Technology
logo
Microchip Technology
MIC94310-GYCS-TR MICROCHIP-MIC94310-GYCS-TR Datasheet
2Mb / 22P
   200 mA LDO with Ripple Blocker™ Technology
Revision B September 2020
More results

Similar Description - MIC94310-GYCS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94310-GYMT-TR MICREL-MIC94310-GYMT-TR Datasheet
1Mb / 13P
   200mA LDO with Ripple Blocker??Technology
MIC94310 MICREL-MIC94310 Datasheet
1Mb / 13P
   200mA LDO with Ripple Blocker??Technology
MIC94310 MICREL-MIC94310_14 Datasheet
958Kb / 15P
   200mA LDO with Ripple Blocker??Technology
MIC94300_EB MICREL-MIC94300_EB Datasheet
253Kb / 6P
   200mA Switch with Ripple Blocker??Technology
MIC94300 MICREL-MIC94300 Datasheet
518Kb / 13P
   200mA Switch with Ripple Blocker??Technology
MIC94325 MICREL-MIC94325 Datasheet
533Kb / 16P
   500mA LDO with Ripple Blocker??Technology
logo
Microchip Technology
MIC94310 MICROCHIP-MIC94310 Datasheet
2Mb / 22P
   200 mA LDO with Ripple Blocker™ Technology
Revision B September 2020
logo
Micrel Semiconductor
MIC94305 MICREL-MIC94305 Datasheet
442Kb / 13P
   500mA Switch with Ripple Blocker??Technology
logo
Mitsumi Electronics, Co...
MM1856 MITSUMI-MM1856 Datasheet
243Kb / 21P
   200mA LDO
MM1836 MITSUMI-MM1836 Datasheet
222Kb / 19P
   200mA LDO
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com