Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-12CTQ045-N3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VS-12CTQ045-N3
Description  Schottky Rectifier, 2 x 6 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-12CTQ045-N3 Datasheet(HTML) 5 Page - Vishay Siliconix

  VS-12CTQ045-N3 Datasheet HTML 1Page - Vishay Siliconix VS-12CTQ045-N3 Datasheet HTML 2Page - Vishay Siliconix VS-12CTQ045-N3 Datasheet HTML 3Page - Vishay Siliconix VS-12CTQ045-N3 Datasheet HTML 4Page - Vishay Siliconix VS-12CTQ045-N3 Datasheet HTML 5Page - Vishay Siliconix VS-12CTQ045-N3 Datasheet HTML 6Page - Vishay Siliconix VS-12CTQ045-N3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
VS-12CTQ...PbF Series, VS-12CTQ...-N3 Series
www.vishay.com
Vishay Semiconductors
Revision: 22-Aug-11
5
Document Number: 94130
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION TABLE
ORDERING INFORMATION (Example)
PREFERRED P/N
QUANTITY PER T/R
MINIMUM ORDER QUANTITY
PACKAGING DESCRIPTION
VS-12CTQ035PbF
50
1000
Antistatic plastic tube
VS-12CTQ035-N3
50
1000
Antistatic plastic tube
VS-12CTQ040PbF
50
1000
Antistatic plastic tube
VS-12CTQ040-N3
50
1000
Antistatic plastic tube
VS-12CTQ045PbF
50
1000
Antistatic plastic tube
VS-12CTQ045-N3
50
1000
Antistatic plastic tube
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95222
Part marking information
TO-220AB PbF
www.vishay.com/doc?95225
TO-220AB -N3
www.vishay.com/doc?95028
2
-
Current rating (12 = 12 A)
3
-
Package:
-
Circuit configuration:
C = Common cathode
T = TO-220
4
-
Schottky “Q” series
5
-
Voltage ratings
6
7
-
035 = 35 V
040 = 40 V
045 = 45 V
Device code
6
2
4
3
5
7
12
C
T
Q
045 PbF
1
VS-
1
-
Vishay Semiconductors product
PbF = Lead (Pb)-free and RoHS compliant
-N3 = Halogen-free, RoHS compliant, and totally lead (Pb)-free
Environmental digit


Similar Part No. - VS-12CTQ045-N3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-12CTQ045-N3 VISHAY-VS-12CTQ045-N3 Datasheet
173Kb / 8P
   Schottky Rectifier
Revision: 22-Aug-11
VS-12CTQ045-N3 VISHAY-VS-12CTQ045-N3 Datasheet
129Kb / 6P
   High Performance Schottky Rectifier, 2 x 6 A
Revision: 21-Oct-15
More results

Similar Description - VS-12CTQ045-N3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-12CWQ10FNTRPBF VISHAY-VS-12CWQ10FNTRPBF Datasheet
148Kb / 7P
   Schottky Rectifier, 2 x 6 A
Revision: 14-Jan-11
VS-12CWQ10FNPBF VISHAY-VS-12CWQ10FNPBF Datasheet
140Kb / 7P
   Schottky Rectifier, 2 x 6 A
Revision: 14-Jan-11
VS-12CWQ04FNPBF VISHAY-VS-12CWQ04FNPBF_15 Datasheet
140Kb / 7P
   Schottky Rectifier, 2 x 6 A
Revision: 14-Jan-11
VS-12CWQ04FNHM3 VISHAY-VS-12CWQ04FNHM3_15 Datasheet
105Kb / 6P
   Schottky Rectifier, 2 x 6 A
Revision: 21-Aug-13
12CWQ04FNPBF VISHAY-12CWQ04FNPBF Datasheet
141Kb / 7P
   Schottky Rectifier, 2 x 6 A
Revision: 14-Jan-11
12CTQ VISHAY-12CTQ Datasheet
120Kb / 6P
   Schottky Rectifier, 2 x 6 A
Revision: 06-Oct-08
12CWQ03FNPBF VISHAY-12CWQ03FNPBF Datasheet
140Kb / 7P
   Schottky Rectifier, 2 x 6 A
Revision: 14-Jan-11
12CWQ10FNPBF VISHAY-12CWQ10FNPBF Datasheet
145Kb / 7P
   Schottky Rectifier, 2 x 6 A
Revision: 14-Jan-11
VS-12CWQ06FNPBF VISHAY-VS-12CWQ06FNPBF Datasheet
149Kb / 7P
   Schottky Rectifier, 2 x 6 A
Revision: 14-Jan-11
VS-12CWQ03FNPBF VISHAY-VS-12CWQ03FNPBF_15 Datasheet
139Kb / 7P
   Schottky Rectifier, 2 x 6 A
Revision: 14-Jan-11
VS-12CWQ04FN-M3 VISHAY-VS-12CWQ04FN-M3_15 Datasheet
141Kb / 7P
   Schottky Rectifier, 2 x 6 A
Revision: 03-Nov-10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com