Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD3120TSR2V Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FOD3120TSR2V
Description  High Noise Immunity, 2.5A Output Current, Gate Drive Optocoupler
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD3120TSR2V Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FOD3120TSR2V Datasheet HTML 7Page - Fairchild Semiconductor FOD3120TSR2V Datasheet HTML 8Page - Fairchild Semiconductor FOD3120TSR2V Datasheet HTML 9Page - Fairchild Semiconductor FOD3120TSR2V Datasheet HTML 10Page - Fairchild Semiconductor FOD3120TSR2V Datasheet HTML 11Page - Fairchild Semiconductor FOD3120TSR2V Datasheet HTML 12Page - Fairchild Semiconductor FOD3120TSR2V Datasheet HTML 13Page - Fairchild Semiconductor FOD3120TSR2V Datasheet HTML 14Page - Fairchild Semiconductor FOD3120TSR2V Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD3120 Rev. 1.17.0
11
Test Circuit
Figure 20. IOL Test Circuit
Figure 21. IOH Test Circuit
+
+
Power Supply
VCC = 15V to 30V
Power Supply
V = 6V
1
2
PW = 4.99ms
Period = 5ms
ROUT = 50Ω
R2
100
Frequency = 200Hz
Duty Cycle = 99.8%
VCC = 15V to 30V
VEE = 0V
VF(OFF) = -3.0V to 0.8V
C1
0.1
µF
Pulse-In
LED-IFmon
Pulse Generator
Test Conditions:
3
4
8
7
6
5
To Scope
VOL
R1
100
C2
47
µF
+
C3
0.1
µF
D1
C4
47
µF
+
Iol
1
2
PW = 10
µs
Period = 5ms
ROUT = 50Ω
R2
100
Frequency = 200Hz
Duty Cycle = 0.2%
VCC = 15V to 30V
VEE = 0V
IF = 7mA to 16mA
C1
0.1
µF
Pulse-In
LED-IFmon
Pulse Generator
Test Conditions:
3
4
8
7
6
5
Power Supply
VCC = 15V to 30V
+
+
Power Supply
V = 6V
To Scope
VOH
R1
100
C2
47
µF
+
C3
0.1
µF
D1
Current
Probe
Ioh
C4
47
µF
+


Similar Part No. - FOD3120TSR2V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FOD3120TSR2V ONSEMI-FOD3120TSR2V Datasheet
468Kb / 19P
   Gate Drive Optocoupler, High Noise Immunity, 2.5 A Output Current
August, 2021 - Rev. 3
More results

Similar Description - FOD3120TSR2V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD8320 FAIRCHILD-FOD8320 Datasheet
2Mb / 19P
   High Noise Immunity, 2.5A Output Current, Gate Drive Optocoupler
FOD3150 FAIRCHILD-FOD3150 Datasheet
714Kb / 19P
   High Noise Immunity, 1.0A Output Current, Gate Drive Optocoupler
logo
ON Semiconductor
FOD3120 ONSEMI-FOD3120 Datasheet
468Kb / 19P
   Gate Drive Optocoupler, High Noise Immunity, 2.5 A Output Current
August, 2021 - Rev. 3
FOD3150 ONSEMI-FOD3150 Datasheet
437Kb / 18P
   Gate Drive Optocoupler, High Noise Immunity, 1.0 A Output Current
May, 2020 ??Rev. 4
FOD3150 ONSEMI-FOD3150_V01 Datasheet
504Kb / 18P
   Gate Drive Optocoupler, High Noise Immunity, 1.0 A Output Current
January, 2021 - Rev. 5
logo
COSMO Electronics Corp...
KP1510S COSMO-KP1510S Datasheet
186Kb / 9P
   High Noise Immunity, 2.5A Output Current
logo
ISOCOM COMPONENTS
ICPL-3120 ISOCOM-ICPL-3120 Datasheet
652Kb / 18P
   2.5A Output Current, High CME Gate Drive Optocoupler
logo
Fairchild Semiconductor
FOD8316 FAIRCHILD-FOD8316 Datasheet
2Mb / 29P
   2.5A Output Current, IGBT Drive Optocoupler
logo
Clare, Inc.
IX3120 CLARE-IX3120 Datasheet
1Mb / 11P
   2.5A Output Current Gate Driver Optocoupler
logo
Fairchild Semiconductor
FODM8071 FAIRCHILD-FODM8071 Datasheet
363Kb / 13P
   3.3V/5V Logic Gate Output Optocoupler with High Noise Immunity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com