Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100398QI Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 100398QI
Description  Quad Differential ECL/TTL Translating Transceiver with Latch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

100398QI Datasheet(HTML) 5 Page - Fairchild Semiconductor

  100398QI Datasheet HTML 1Page - Fairchild Semiconductor 100398QI Datasheet HTML 2Page - Fairchild Semiconductor 100398QI Datasheet HTML 3Page - Fairchild Semiconductor 100398QI Datasheet HTML 4Page - Fairchild Semiconductor 100398QI Datasheet HTML 5Page - Fairchild Semiconductor 100398QI Datasheet HTML 6Page - Fairchild Semiconductor 100398QI Datasheet HTML 7Page - Fairchild Semiconductor 100398QI Datasheet HTML 8Page - Fairchild Semiconductor 100398QI Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
www.fairchildsemi.com
Commercial Version (Continued)
ECL-to-TTL DC Electrical Characteristics (Note 10)
VEE = −4.2V to 5.7V, GND = 0V, TC = 0°C to +85°C, CL = 50 pF, VTTL = +4.5V to +5.5V
Note 10: The specified limits represent the “worst case” value for the parameter. Since these values normally occur at the temperature extremes, additional
noise immunity and guardbanding can be achieved by decreasing the allowable system operating ranges. Conditions for testing shown in the tables are cho-
sen to guarantee operation under “worst case” conditions.
DIP and PCC TTL-to-ECL AC Electrical Characteristics
VEE = −4.2V to 5.7V, VTTL = +4.5V to +5.5V
Symbol
Parameter
Min
Typ
Max
Units
Conditions
VOH
Output HIGH Voltage
2.7
3.1
V
IOH = −3 mA, VTTL = 4.75V
2.4
2.9
V
IOH = −3 mA, VTTL = 4.50V
VOL
Output LOW Voltage
0.3
0.5
V
IOL = 24 mA, VTTL = 4.50V
VIH
Input HIGH Voltage
−1165
−870
mV
Guaranteed HIGH Signal for All Inputs
VIL
Input LOW Voltage
−1830
−1475
mV
Guaranteed LOW Signal for All Inputs
VDIFF
Input Voltage Differential
150
mV
Required for Full Output Swing
VCM
Common Mode Voltage
GNDECL
− 2.0
GNDECL
− 0.5
V
IIH
Input HIGH Current
30
µAV
IN = VIH (Max)
IIL
Input LOW Current
0.50
µAV
IN = VIL (Min)
IOZHT
3-STATE Current Output High
70
µAV
OUT = +2.7V
IOZLT
3-STATE Current Output Low
−650
µAV
OUT = +0.5V
IOS
Output Short-Circuit Current
−100
−225
mA
VOUT = 0.0V, VTTL = +5.5V
ICEX
Output HIGH Leakage Current
50
µAV
OUT = 5.5V
IZZ
Bus Drainage Test
500
µAV
OUT = 5.25V
ITTL
VTTL Supply Current
39
mA
TTL Outputs LOW
27
mA
TTL Outputs HIGH
39
mA
TTL Outputs in 3-STATE
Symbol
Parameter
TC = 0°CTC = 25°CTC = 85°C
Units
Conditions
Min
Max
Min
Max
Min
Max
fMAX
Toggle Frequency
180
180
180
MHz
tPLH
Tn to En, En
0.90
2.10
0.80
2.20
0.70
2.50
ns
Figures 1, 3
tPHL
(Transparent)
tPLH
LE to En, En
1.40
2.70
1.50
2.70
1.80
3.10
ns
Figures 1, 3
tPHL
tPZH
OE to En, En
2.90
8.00
2.80
6.90
2.80
5.80
ns
Figures 1, 3
(Cutoff to HIGH)
tPHZ
OE to En, En
1.30
2.70
1.40
2.90
1.70
3.40
ns
Figures 1, 3
(HIGH to Cutoff)
tPHZ
DIR to En, En
1.30
2.70
1.40
2.90
1.80
3.50
ns
Figures 1, 3
(HIGH to Cutoff)
tS
Tn to LE
0.70
0.70
0.70
ns
Figures 1, 3
tH
Tn to LE
0.90
0.80
0.70
ns
Figures 1, 3
tTLH
Transition Time
0.45
1.50
0.45
1.50
0.45
1.50
ns
Figures 1, 3
tTHL
20% to 80%, 80% to 20%


Similar Part No. - 100398QI

ManufacturerPart #DatasheetDescription
logo
Heyco.
10039 HEYCO-10039 Datasheet
111Kb / 1P
   Nylon PCB Supports - Imperial Spacing
logo
Fairchild Semiconductor
100390 FAIRCHILD-100390 Datasheet
96Kb / 8P
   Low Power Single Supply Hex PECL-to-TTL Translator
100390PC FAIRCHILD-100390PC Datasheet
96Kb / 8P
   Low Power Single Supply Hex PECL-to-TTL Translator
100390QC FAIRCHILD-100390QC Datasheet
96Kb / 8P
   Low Power Single Supply Hex PECL-to-TTL Translator
100390QI FAIRCHILD-100390QI Datasheet
96Kb / 8P
   Low Power Single Supply Hex PECL-to-TTL Translator
More results

Similar Description - 100398QI

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100397 FAIRCHILD-100397 Datasheet
129Kb / 13P
   Quad Differential ECL/TTL Translating Transceiver with Latch
logo
ON Semiconductor
MC10H424 ONSEMI-MC10H424_06 Datasheet
134Kb / 5P
   Quad TTL to ECL Translator with ECL Strobe
August, 2006 ??Rev. 10
MC10H424 ONSEMI-MC10H424 Datasheet
102Kb / 4P
   Quad TTL-to-ECL Translator with ECL Strobe
1996 REV 5
MC10H424 ONSEMI-MC10H424_00 Datasheet
117Kb / 4P
   Quad TTL to ECL Translator with ECL Strobe
March, 2000 ??Rev. 6
MC10H681 ONSEMI-MC10H681 Datasheet
112Kb / 7P
   Hex ECL/TTL Transceiver with Latches
1996 REV 2
MC10H680 ONSEMI-MC10H680_06 Datasheet
137Kb / 10P
   4?묪it Differential ECL Bus to TTL Bus Transceiver
November, 2006 ??Rev. 11
MC10ELT25 ONSEMI-MC10ELT25 Datasheet
66Kb / 4P
   Differential ECL to TTL Translator
February, 2000 ??Rev. 3
logo
Micrel Semiconductor
SY100ELT24 MICREL-SY100ELT24_06 Datasheet
53Kb / 5P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
SY100ELT25 MICREL-SY100ELT25 Datasheet
57Kb / 6P
   DIFFERENTIAL ECL-to-TTL TRANSLATOR
SY100ELT24 MICREL-SY100ELT24 Datasheet
60Kb / 4P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com