Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D2587P24 Datasheet(PDF) 8 Page - Agere Systems

Part # D2587P24
Description  Wavelength-Selected High-Power D2587P-Type (with Wavelength Locker)/D2547P-Type Isolated DFB Laser Modules
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

D2587P24 Datasheet(HTML) 8 Page - Agere Systems

Back Button D2587P24 Datasheet HTML 4Page - Agere Systems D2587P24 Datasheet HTML 5Page - Agere Systems D2587P24 Datasheet HTML 6Page - Agere Systems D2587P24 Datasheet HTML 7Page - Agere Systems D2587P24 Datasheet HTML 8Page - Agere Systems D2587P24 Datasheet HTML 9Page - Agere Systems D2587P24 Datasheet HTML 10Page - Agere Systems D2587P24 Datasheet HTML 11Page - Agere Systems D2587P24 Datasheet HTML 12Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Wavelength-Selected, High-Power D2587P-Type (with Wavelength
Data Sheet, Rev. 2
Locker)/D2547P-Type Isolated DFB Laser Modules
July 2001
8
Agere Systems Inc.
High-Power Product
Class IIIb Laser Product
FDA/CDRH Class IIIb laser product. All versions are Class IIIb laser products per CDRH, 21 CFR 1040 Laser
Safety requirements. The device has been classified with the FDA under accession number 8720010.
This product complies with 21 CFR 1040.10 and 1040.11.
8
µm/125 µm ±3 µm single-mode fiber with 900 µm loose-tube jacketed fiber and connector
Wavelength = 1.5
µm
Maximum power = 40 mW
Because of size constraints, laser safety labeling (including an FDA Class IIIb label) is not affixed to the module but
attached to the outside of the shipping carton.
Product is not shipped with power supply.
Caution: Use of controls, adjustments, and procedures other than those specified herein may result in
hazardous laser radiation exposure.
DANGER
INVISIBLE LASER RADIATION
IS EMITTED FROM THE END
OF FIBER OR CONNECTOR
Avoid direct exposure to beam
Do not view beam directly with
optical instruments
INVISIBLE LASER RADIATION EMITTED FROM END OF FIBER OR CONNECTOR
Avoid exposure to beam
Class IIIb Laser Product FDA/CDRH, 21 CFR 1040
Max. Output: 40 mW Wavelength: 1.5
µm


Similar Part No. - D2587P24

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
D2580 SANYO-D2580 Datasheet
43Kb / 4P
   Color TV Horizontal Deflection Output Applications
D2581 SANYO-D2581 Datasheet
43Kb / 4P
   Color TV Horizontal Deflection Output Applications
logo
Toshiba Semiconductor
D2586 TOSHIBA-D2586 Datasheet
211Kb / 4P
   NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR COLOR TV)
More results

Similar Description - D2587P24

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D2525P AGERE-D2525P Datasheet
261Kb / 10P
   Wavelength-Selected D2525P Isolated DFB Laser Module with PMF
logo
Eudyna Devices Inc
FLD5F20CE-E EUDYNA-FLD5F20CE-E Datasheet
424Kb / 6P
   1,550nm MI DFB Laser with Integrated Wavelength Locker
logo
Agere Systems
D2570 AGERE-D2570 Datasheet
112Kb / 12P
   D2570, D2526, D2555 Wavelength-Selected Direct Modulated Isolated DFB Laser Module
logo
OptoDiode Corp
OD-780W OPTODIODE-OD-780W Datasheet
281Kb / 1P
   SELECTED WAVELENGTH GaAlAs EMITTERS
logo
List of Unclassifed Man...
2309-3-650 ETC2-2309-3-650 Datasheet
34Kb / 1P
   Laser Diode Modules: By Wavelength
logo
JDS Uniphase Corporatio...
WVL-2B1050110 JDSU-WVL-2B1050110 Datasheet
202Kb / 5P
   Broadband (Fabry-Perot) Wavelength Locker
logo
Agere Systems
CW20P AGERE-CW20P Datasheet
72Kb / 6P
   CW20P-Type CW Tunable, Wavelength-Stabilized Laser Module
logo
CT Micro International ...
RGBP080806-PCTC7 CTMICRO-RGBP080806-PCTC7 Datasheet
1Mb / 11P
   Multi-Wavelength SMD Type
Rev 2 Jan, 2021
BYRP161504-PBTC2 CTMICRO-BYRP161504-PBTC2 Datasheet
1Mb / 11P
   Multi-Wavelength SMD Type
Rev2 Jan, 2021
GRBC212110-PCTC6 CTMICRO-GRBC212110-PCTC6 Datasheet
1Mb / 10P
   Multi-Wavelength SMD Type
Rev1 Sep, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com