Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSFR1700US Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSFR1700US
Description  FSFR-US Series ??Fairchild Power Switch (FPS?? for Half-Bridge Resonant Converters
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSFR1700US Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSFR1700US Datasheet HTML 1Page - Fairchild Semiconductor FSFR1700US Datasheet HTML 2Page - Fairchild Semiconductor FSFR1700US Datasheet HTML 3Page - Fairchild Semiconductor FSFR1700US Datasheet HTML 4Page - Fairchild Semiconductor FSFR1700US Datasheet HTML 5Page - Fairchild Semiconductor FSFR1700US Datasheet HTML 6Page - Fairchild Semiconductor FSFR1700US Datasheet HTML 7Page - Fairchild Semiconductor FSFR1700US Datasheet HTML 8Page - Fairchild Semiconductor FSFR1700US Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
May 2010
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSFR-US Series • Rev.1.0.2
FSFR-US Series — Fairchild Power Switch (FPS™)
for Half-Bridge Resonant Converters
Features
Variable Frequency Control with 50% Duty Cycle
for Half-Bridge Resonant Converter Topology
High Efficiency through Zero Voltage Switching (ZVS)
Internal UniFET™s with Fast-Recovery Type
Body Diode
Fixed Dead Time (350ns) Optimized for MOSFETs
Up to 300kHz Operating Frequency
Auto-Restart Operation for All Protections with An
External LVCC
Protection Functions: Over-Voltage Protection
(OVP), Over-Current Protection (OCP), Abnormal
Over-Current Protection (AOCP), Internal Thermal
Shutdown (TSD)
Applications
PDP and LCD TVs
Desktop PCs and Servers
Adapters
Telecom Power Supplies
Description
The FSFR-US series are a highly integrated power
switches
designed
for
high-efficiency
half-bridge
resonant converters. Offering everything necessary to
build a reliable and robust resonant converter, the FSFR-
US series simplifies designs and improves productivity,
while improving performance. The FSFR-US series
combines power MOSFETs with fast-recovery type body
diodes, a high-side gate-drive circuit, an accurate current
controlled oscillator, frequency limit circuit, soft-start, and
built-in protection functions. The high-side gate-drive
circuit has a common-mode noise cancellation capability,
which guarantees stable operation with excellent noise
immunity. The fast-recovery body diode of the MOSFETs
improves
reliability
against
abnormal
operation
conditions, while minimizing the effect of the reverse
recovery.
Using
the
zero-voltage-switching
(ZVS)
technique dramatically reduces the switching losses and
efficiency is significantly improved. The ZVS also
reduces the switching noise noticeably, which allows a
small-sized Electromagnetic Interference (EMI) filter.
The FSFR-US series can be applied to various resonant
converter topologies such as series resonant, parallel
resonant, and LLC resonant converters.
Related Resources
AN4151 — Half-bridge LLC Resonant Converter Design
using FSFR-Series Fairchild Power Switch (FPS
TM)
Ordering Information
Part Number
Package
Operating
Junction
Temperature
RDS(ON_MAX)
Maximum Output Power
without Heatsink
(VIN=350~400V)
(1,2)
Maximum Output
Power with Heatsink
(VIN=350~400V)
(1,2)
FSFR2100US
9-SIP
-40 to +130°C
0.51
Ω
180W
400W
FSFR1800US
0.95
Ω
120W
260W
FSFR1700US
1.25
Ω
100W
200W
FSFR2100USL
9-SIP
L-Forming
0.51
Ω
180W
400W
FSFR1800USL
0.95
Ω
120W
260W
FSFR1700USL
1.25
Ω
100W
200W
Notes:
1.
The junction temperature can limit the maximum output power.
2.
Maximum practical continuous power in an open-frame design at 50
°C ambient.


Similar Part No. - FSFR1700US

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSFR1700 FAIRCHILD-FSFR1700 Datasheet
959Kb / 17P
   Power Switch (FPS?? for Half-Bridge Resonant Converters
FSFR1700 FAIRCHILD-FSFR1700 Datasheet
812Kb / 18P
   Fairchild Power Switch (FPS) for Half-Bridge Resonant Converters
FSFR1700HS FAIRCHILD-FSFR1700HS Datasheet
2Mb / 15P
   FSFR-HS Series ??Advanced Fairchild Power Switch(FPS??
FSFR1700HSL FAIRCHILD-FSFR1700HSL Datasheet
2Mb / 15P
   FSFR-HS Series ??Advanced Fairchild Power Switch(FPS??
FSFR1700L FAIRCHILD-FSFR1700L Datasheet
812Kb / 18P
   Fairchild Power Switch (FPS) for Half-Bridge Resonant Converters
More results

Similar Description - FSFR1700US

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSFR1700XS FAIRCHILD-FSFR1700XS Datasheet
915Kb / 14P
   Fairchild Power Switch (FPS?? for Half-Bridge Resonant Converters
FSFR2100U FAIRCHILD-FSFR2100U_10 Datasheet
812Kb / 18P
   Fairchild Power Switch (FPS) for Half-Bridge Resonant Converters
FSFR2100 FAIRCHILD-FSFR2100 Datasheet
650Kb / 16P
   Fairchild Power Switch (FPS?? for Half-Bridge Resonant Converter
FSFR2100 FAIRCHILD-FSFR2100_08 Datasheet
959Kb / 17P
   Power Switch (FPS?? for Half-Bridge Resonant Converters
FSFR1700HS FAIRCHILD-FSFR1700HS Datasheet
2Mb / 15P
   FSFR-HS Series ??Advanced Fairchild Power Switch(FPS??
FSFA2100 FAIRCHILD-FSFA2100 Datasheet
688Kb / 16P
   Power Switch (FPS?? for Half-Bridge PWM Converters
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com