Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE7340-10 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE7340-10
Description  10 dB Fixed Attenuator, 7/16 DIN Female To TNC Male Directional Rated To 50 Watts Up To 7.5 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7340-10 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7340-10 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7340-10 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7340-10 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Connector 2
Type
TNC Male
Contact Material and Plating
Beryllium Copper, Gold
Outer Conductor Material and Plating
Stainless Steel, Passivated
Hex Size, In.
11/16
Body Material and Plating
Stainless Steel, Passivated
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
OUTPUT PORT HANDLES 5 WATTS MAX POWER
URL:
http://www.pasternack.com/10db-fixed-7-16-female-tnc-male-50-watts-attenuator-pe7340-10-p.aspx
10 dB Fixed Attenuator, 7/16 DIN Female To TNC Male Directional Rated To 50 Watts Up To 7.5 GHz from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products
maintain a 99% availability and are part of the broadest selection in the industry.
10 dB Fixed Attenuator, 7/16 DIN Female To TNC Male
Directional Rated To 50 Watts Up To 7.5 GHz
PE7340-10
PE7340-10 REV NC


Similar Part No. - PE7340-10

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7340-20 PASTERNACK-PE7340-20 Datasheet
350Kb / 3P
   20 dB Fixed Attenuator, 7/16 DIN Female To TNC Male Directional Rated To 50 Watts Up To 7.5 GHz
PE7340-3 PASTERNACK-PE7340-3 Datasheet
350Kb / 3P
   3 dB Fixed Attenuator, 7/16 DIN Female To TNC Male Directional Rated To 50 Watts Up To 7.5 GHz
PE7340-30 PASTERNACK-PE7340-30 Datasheet
350Kb / 3P
   30 dB Fixed Attenuator, 7/16 DIN Female To TNC Male Directional Rated To 50 Watts Up To 7.5 GHz
PE7340-40 PASTERNACK-PE7340-40 Datasheet
350Kb / 3P
   40 dB Fixed Attenuator, 7/16 DIN Female To TNC Male Directional Rated To 50 Watts Up To 7.5 GHz
PE7340-50 PASTERNACK-PE7340-50 Datasheet
349Kb / 3P
   50 dB Fixed Attenuator, 7/16 DIN Female To TNC Male Directional Rated To 50 Watts Up To 7.5 GHz
More results

Similar Description - PE7340-10

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7344-10 PASTERNACK-PE7344-10 Datasheet
350Kb / 3P
   10 dB Fixed Attenuator, 7/16 DIN Male To TNC Female Directional Rated To 50 Watts Up To 7.5 GHz
PE7344-50 PASTERNACK-PE7344-50 Datasheet
350Kb / 3P
   50 dB Fixed Attenuator, 7/16 DIN Male To TNC Female Directional Rated To 50 Watts Up To 7.5 GHz
PE7340-50 PASTERNACK-PE7340-50 Datasheet
349Kb / 3P
   50 dB Fixed Attenuator, 7/16 DIN Female To TNC Male Directional Rated To 50 Watts Up To 7.5 GHz
PE7340-20 PASTERNACK-PE7340-20 Datasheet
350Kb / 3P
   20 dB Fixed Attenuator, 7/16 DIN Female To TNC Male Directional Rated To 50 Watts Up To 7.5 GHz
PE7310-10 PASTERNACK-PE7310-10 Datasheet
349Kb / 3P
   10 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN Male Directional Rated To 50 Watts Up To 7.5 GHz
PE7340-40 PASTERNACK-PE7340-40 Datasheet
350Kb / 3P
   40 dB Fixed Attenuator, 7/16 DIN Female To TNC Male Directional Rated To 50 Watts Up To 7.5 GHz
PE7340-30 PASTERNACK-PE7340-30 Datasheet
350Kb / 3P
   30 dB Fixed Attenuator, 7/16 DIN Female To TNC Male Directional Rated To 50 Watts Up To 7.5 GHz
PE7340-3 PASTERNACK-PE7340-3 Datasheet
350Kb / 3P
   3 dB Fixed Attenuator, 7/16 DIN Female To TNC Male Directional Rated To 50 Watts Up To 7.5 GHz
PE7344-40 PASTERNACK-PE7344-40 Datasheet
350Kb / 3P
   40 dB Fixed Attenuator, 7/16 DIN Male To TNC Female Directional Rated To 50 Watts Up To 7.5 GHz
PE7344-3 PASTERNACK-PE7344-3 Datasheet
350Kb / 3P
   3 dB Fixed Attenuator, 7/16 DIN Male To TNC Female Directional Rated To 50 Watts Up To 7.5 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com