Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100391PC Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 100391PC
Description  Low Power Single Supply Hex TTL-to-PECL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

100391PC Datasheet(HTML) 3 Page - Fairchild Semiconductor

  100391PC Datasheet HTML 1Page - Fairchild Semiconductor 100391PC Datasheet HTML 2Page - Fairchild Semiconductor 100391PC Datasheet HTML 3Page - Fairchild Semiconductor 100391PC Datasheet HTML 4Page - Fairchild Semiconductor 100391PC Datasheet HTML 5Page - Fairchild Semiconductor 100391PC Datasheet HTML 6Page - Fairchild Semiconductor 100391PC Datasheet HTML 7Page - Fairchild Semiconductor 100391PC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum rating.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Note 2: Either voltage limit or current limit is sufficient to protect inputs.
Note 3: ESD testing conforms to MIL-STD-883, Method 3015.
Commercial Version
TTL-to-PECL DC Electrical Characteristics (Note 4)
VCC = +5.0V ± 10%, GND = 0V, TC = 0°C to +85°C
Note 4: The specified limits represent the “worst case” value for the parameter. Since these values normally occur at the temperature extremes, additional
noise immunity and guardbanding can be achieved by decreasing the allowable system operating ranges. Conditions for testing shown in the tables are cho-
sen to guarantee operation under “worst case” conditions.
PDIP AC Electrical Characteristics
VCC = 5.0V ± 10%
Storage Temperature (TSTG)
−65°C to +150°C
Maximum Junction Temperature (TJ)
+150°C
Pin Potential to Ground Pin (VCC)
−0.5V to +7.0V
PECL Output Current
(DC Output HIGH)
−50 mA
TTL Input Voltage (Note 2)
−0.5V to +7.0V
TTL Input Current (Note 2)
−30 mA to + 5.0 mA
ESD (Last Passing Voltage)
(Note 3)
≥2000V
Case Temperature (TC)
Industrial
−40°C to +85°C
Commercial
0
°C to +85°C
Supply Voltage (VCC)
4.5V to 5.5V
Symbol
Parameter
Min
Typ
Max
Units
Conditions
VOH
Output HIGH Voltage
VCC− 1025
VCC− 955
VCC− 870
mV
VIN = VIH(max) or VIL (min)
VOL
Output LOW Voltage
VCC− 1890 VCC − 1705 VCC − 1620
mV
Loading with 50
Ω to V
CC − 2V
VOHC
Output HIGH Voltage
VCC − 1035
mV
Corner Point High
VIN = VIH(min) or VIL (max)
VOLC
Output LOW Voltage
VCC − 1610
mV
Loading with 50
Ω to V
CC − 2V
Corner Point Low
VIH
Input HIGH Voltage
2.0
5.0
V
Over VTTL, VEE, TC Range
VIL
Input LOW Voltage
0
0.8
V
Over VTTL, VEE, TC Range
IIH
Input LOW Current
10
µAV
IN = +2.7V
Breakdown Test
20
µAV
IN = +5.5V
IIL
Input LOW Current
mA
VIN = +0.5V
Dn
−0.8
E
−4.2
VFCD
Input Clamp
−1.2
V
IIN = −18 mA
Diode Voltage
ICC
VCC Supply Current
32
69
mA
Inputs OPEN
Symbol
Parameter
TC = 0°CTC = +25°CTC = +85°C
Units
Conditions
Min
Max
Min
Max
Min
Max
tPLH
Propagation Delay
0.30
1.40
0.35
1.30
0.40
1.30
ns
Figures 1, 2
tPHL
Data to Output
tPLH
Propagation Delay
0.40
1.50
0.45
1.40
0.50
1.40
ns
Figures 1, 2
tPHL
Enable to Output
tTLH
Transition Time
0.35
1.70
0.35
1.70
0.35
1.70
ns
Figures 1, 2
tTHL
20% to 80%, 80% to 20%


Similar Part No. - 100391PC

ManufacturerPart #DatasheetDescription
logo
Heyco.
10039 HEYCO-10039 Datasheet
111Kb / 1P
   Nylon PCB Supports - Imperial Spacing
logo
Fairchild Semiconductor
100390 FAIRCHILD-100390 Datasheet
96Kb / 8P
   Low Power Single Supply Hex PECL-to-TTL Translator
100390PC FAIRCHILD-100390PC Datasheet
96Kb / 8P
   Low Power Single Supply Hex PECL-to-TTL Translator
100390QC FAIRCHILD-100390QC Datasheet
96Kb / 8P
   Low Power Single Supply Hex PECL-to-TTL Translator
100390QI FAIRCHILD-100390QI Datasheet
96Kb / 8P
   Low Power Single Supply Hex PECL-to-TTL Translator
More results

Similar Description - 100391PC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100390 FAIRCHILD-100390 Datasheet
96Kb / 8P
   Low Power Single Supply Hex PECL-to-TTL Translator
logo
Micrel Semiconductor
SY100S391 MICREL-SY100S391 Datasheet
110Kb / 6P
   LOW-POWER HEX TTL-TO-PECL TRANSLATOR
SY100S391 MICREL-SY100S391_07 Datasheet
75Kb / 6P
   LOW-POWER HEX TTL-TO-PECL TRANSLATOR
logo
ON Semiconductor
MC100H606FN ONSEMI-MC100H606FN Datasheet
120Kb / 7P
   Registered Hex TTL to PECL Translator
November, 2006 ??Rev. 6
MC10H607 ONSEMI-MC10H607 Datasheet
86Kb / 5P
   Registered Hex PECL/TTL Translator
1996 REV 2
MC10H606 ONSEMI-MC10H606 Datasheet
89Kb / 5P
   Registered Hex TTL/PECL Translator
1996 REV 1
logo
Micrel Semiconductor
SY10H350 MICREL-SY10H350_06 Datasheet
63Kb / 5P
   PECL-to-TTL TRANSLATOR
SY10H350 MICREL-SY10H350 Datasheet
62Kb / 4P
   PECL-to-TTL TRANSLATOR
logo
ON Semiconductor
MC10H350 ONSEMI-MC10H350 Datasheet
106Kb / 4P
   PECL* to TTL Translator(5 Vdc Power Supply Only)
1996 REV 6
MC10H350 ONSEMI-MC10H350_06 Datasheet
156Kb / 7P
   PECL* to TTL Translator (5 Vdc Power Supply Only)
February, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com