Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMFT3055EL Datasheet(PDF) 7 Page - Motorola, Inc

Part # MMFT3055EL
Description  MEDIUM POWER LOGIC LEVEL TMOS FET 1.5 AMP 60 VOLTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMFT3055EL Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MMFT3055EL Datasheet HTML 2Page - Motorola, Inc MMFT3055EL Datasheet HTML 3Page - Motorola, Inc MMFT3055EL Datasheet HTML 4Page - Motorola, Inc MMFT3055EL Datasheet HTML 5Page - Motorola, Inc MMFT3055EL Datasheet HTML 6Page - Motorola, Inc MMFT3055EL Datasheet HTML 7Page - Motorola, Inc MMFT3055EL Datasheet HTML 8Page - Motorola, Inc MMFT3055EL Datasheet HTML 9Page - Motorola, Inc MMFT3055EL Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MMFT3055EL
7
Motorola TMOS Power MOSFET Transistor Device Data
INFORMATION FOR USING THE SOT–223 SURFACE MOUNT PACKAGE
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total
design. The footprint for the semiconductor packages must be
the correct size to insure proper solder connection interface
between the board and the package. With the correct pad
geometry, the packages will self align when subjected to a
solder reflow process.
SOT–223
0.079
2.0
0.15
3.8
0.248
6.3
0.079
2.0
0.059
1.5
0.059
1.5
0.059
1.5
0.091
2.3
0.091
2.3
mm
inches
SOT–223 POWER DISSIPATION
The power dissipation of the SOT–223 is a function of the
drain pad size. This can vary from the minimum pad size for
soldering to a pad size given for maximum power dissipation.
Power dissipation for a surface mount device is determined by
TJ(max), the maximum rated junction
temperature of the die, R
θJA, the thermal resistance from the
device junction to ambient, and the operating temperature, TA.
Using the values provided on the data sheet for the SOT–223
package, PD can be calculated as follows:
PD =
TJ(max) – TA
R
θJA
The values for the equation are found in the maximum
ratings table on the data sheet. Substituting these values into
the equation for an ambient temperature TA of 25°C, one can
calculate the power dissipation of the device which in this case
is 800 milliwatts.
PD =
150
°C – 25°C
156
°C/W
= 800 milliwatts
The 156
°C/W for the SOT–223 package assumes the use
of the recommended footprint on a glass epoxy printed circuit
board to achieve a power dissipation of 800 milliwatts. There
are other alternatives to achieving higher power dissipation
from the SOT–223 package. One is to increase the area of the
drain pad. By increasing the area of the drain pad, the power
dissipation can be increased. Although one can almost double
the power dissipation with this method, one will be giving up
area on the printed circuit board which can defeat the purpose
of using surface mount technology. A graph of R
θJA versus
drain pad area is shown in Figure 17.
°
A, Area (square inches)
0.0
0.2
0.4
0.6
0.8
1.0
160
140
120
100
80
Figure 17. Thermal Resistance versus Drain Pad
Area for the SOT–223 Package (Typical)
Board Material = 0.0625
G–10/FR–4, 2 oz Copper
TA = 25°C
0.8 Watts
1.25 Watts*
1.5 Watts
*Mounted on the DPAK footprint
Another alternative would be to use a ceramic substrate or
an aluminum core board such as Thermal Clad
™. Using a
board material such as Thermal Clad, an aluminum core
board, the power dissipation can be doubled using the same
footprint.


Similar Part No. - MMFT3055EL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMFT3055E MOTOROLA-MMFT3055E Datasheet
238Kb / 10P
   MEDIUM POWER TMOS FET 1.7 AMP 60 VOLTS
logo
ON Semiconductor
MMFT3055E ONSEMI-MMFT3055E Datasheet
196Kb / 7P
   N-Channel TMOS E-FET Power MOSFET
August, 2006 ??Rev. 5
MMFT3055ET1 ONSEMI-MMFT3055ET1 Datasheet
196Kb / 7P
   N-Channel TMOS E-FET Power MOSFET
August, 2006 ??Rev. 5
MMFT3055ET3 ONSEMI-MMFT3055ET3 Datasheet
196Kb / 7P
   N-Channel TMOS E-FET Power MOSFET
August, 2006 ??Rev. 5
More results

Similar Description - MMFT3055EL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMFT2N02EL MOTOROLA-MMFT2N02EL Datasheet
250Kb / 10P
   MEDIUM POWER LOGIC LEVEL TMOS FET 1.6 AMP 20 VOLTS
MMFT3055E MOTOROLA-MMFT3055E Datasheet
238Kb / 10P
   MEDIUM POWER TMOS FET 1.7 AMP 60 VOLTS
MMFT2955E MOTOROLA-MMFT2955E Datasheet
178Kb / 10P
   TMOS MEDIUM POWER FET 1.2 AMP 60 VOLTS
MTB50N06EL MOTOROLA-MTB50N06EL Datasheet
97Kb / 4P
   TMOS POWER FET LOGIC LEVEL 50 AMPERES 60 VOLTS
MMFT960T1 MOTOROLA-MMFT960T1 Datasheet
122Kb / 6P
   MEDIUM POWER TMOS FET 300 mA 60 VOLTS
MMFT1N10E MOTOROLA-MMFT1N10E Datasheet
236Kb / 10P
   MEDIUM POWER TMOS FET 1 AMP 100 VOLTS
MTB50P03HDL MOTOROLA-MTB50P03HDL Datasheet
182Kb / 12P
   TMOS POWER FET LOGIC LEVEL 50 AMPERES 30 VOLTS
BS108 MOTOROLA-BS108 Datasheet
58Kb / 4P
   200 VOLTS N-CHANNEL TMOS POWER FET LOGIC LEVEL
MTB75N03HDL MOTOROLA-MTB75N03HDL Datasheet
304Kb / 12P
   TMOS POWER FET LOGIC LEVEL 75 AMPERES 25 VOLTS
MTD20P06HDL MOTOROLA-MTD20P06HDL Datasheet
308Kb / 12P
   TMOS POWER FET LOGIC LEVEL 15 AMPERES 60 VOLTS RDS(on) = 175 MOHM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com