Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100350PC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 100350PC
Description  Low Power Hex D-Type Latch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

100350PC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  100350PC Datasheet HTML 1Page - Fairchild Semiconductor 100350PC Datasheet HTML 2Page - Fairchild Semiconductor 100350PC Datasheet HTML 3Page - Fairchild Semiconductor 100350PC Datasheet HTML 4Page - Fairchild Semiconductor 100350PC Datasheet HTML 5Page - Fairchild Semiconductor 100350PC Datasheet HTML 6Page - Fairchild Semiconductor 100350PC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2000 Fairchild Semiconductor Corporation
DS009884
www.fairchildsemi.com
July 1988
Revised August 2000
100350
Low Power Hex D-Type Latch
General Description
The 100350 contains six D-type latches with true and com-
plement outputs, a pair of common Enables (Ea and Eb),
and a common Master Reset (MR). A Q output follows its D
input when both Ea and Eb are LOW. When either Ea or Eb
(or both) are HIGH, a latch stores the last valid data
present on its D input before Ea or Eb went HIGH. The MR
input overrides all other inputs and makes the Q outputs
LOW. All inputs have 50 k
Ω pull-down resistors.
Features
s 20% power reduction of the 100150
s 2000V ESD protection
s Pin/function compatible with 100150
s Voltage compensated operating range
= −4.2V to −5.7V
Ordering Code:
Devises also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbol
Pin Descriptions
Connection Diagrams
24-Pin DIP
28-Pin PLCC
Order Number
Package Number
Package Description
100350PC
N24E
24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-010, 0.400 Wide
100350QC
V28A
28-Lead Plastic Lead Chip Carrier (PLCC), JEDEC MO-047, 0.450 Square
Pin Names
Description
D0–D5
Data Inputs
Ea, Eb
Common Enable Inputs (Active LOW)
MR
Asynchronous Master Reset Input
Q0–Q5
Data Outputs
Q0–Q5
Complementary Data Outputs


Similar Part No. - 100350PC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1003500300 ETC2-1003500300 Datasheet
2Mb / 164P
   We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
logo
Turck, Inc.
1003503 TURCK-1003503 Datasheet
427Kb / 4P
   Inductive Sensor – With Increased Temperature Range
11/07/2023
More results

Similar Description - 100350PC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S350 MICREL-SY100S350_06 Datasheet
94Kb / 8P
   HEX D-LATCH
SY100S350 MICREL-SY100S350 Datasheet
110Kb / 7P
   HEX D-LATCH
SY100S350 MICREL-SY100S350_07 Datasheet
86Kb / 5P
   HEX D-LATCH
logo
Fairchild Semiconductor
100351 FAIRCHILD-100351 Datasheet
94Kb / 9P
   Low Power Hex D-Type Flip-Flop
logo
Nexperia B.V. All right...
74AUP1G373 NEXPERIA-74AUP1G373 Datasheet
302Kb / 20P
   Low-power D-type transparent latch; 3-state
Rev. 9 - 20 January 2022
74AUP1G373-Q100 NEXPERIA-74AUP1G373-Q100 Datasheet
728Kb / 21P
   Low-power D-type transparent latch; 3-state
logo
NXP Semiconductors
74AUP1G373 PHILIPS-74AUP1G373 Datasheet
106Kb / 22P
   Low-power D-type transparent latch; 3-state
Rev. 02-20 July 2007
74AUP1G373 NXP-74AUP1G373 Datasheet
114Kb / 22P
   Low-power D-type transparent latch; 3-state
Rev. 03-9 January 2008
74AUP1G373 PHILIPS-74AUP1G373_15 Datasheet
231Kb / 25P
   Low-power D-type transparent latch; 3-state
Rev. 6-4 July 2012
logo
Texas Instruments
TPIC6273 TI-TPIC6273 Datasheet
143Kb / 9P
[Old version datasheet]   POWER LOGIC OCTAL D-TYPE LATCH
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com