Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100350PC Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 100350PC
Description  Low Power Hex D-Type Latch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

100350PC Datasheet(HTML) 4 Page - Fairchild Semiconductor

  100350PC Datasheet HTML 1Page - Fairchild Semiconductor 100350PC Datasheet HTML 2Page - Fairchild Semiconductor 100350PC Datasheet HTML 3Page - Fairchild Semiconductor 100350PC Datasheet HTML 4Page - Fairchild Semiconductor 100350PC Datasheet HTML 5Page - Fairchild Semiconductor 100350PC Datasheet HTML 6Page - Fairchild Semiconductor 100350PC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
PLCC AC Electrical Characteristics
VEE = −4.2V to −5.7V, VCC = VCCA = GND
Test Circuit
Note:
VCC, VCCA = +2V, VEE = −2.5V
L1 and L2
= equal length 50Ω impedance lines
RT = 50Ω terminator internal to scope
Decoupling 0.1
µF from GND to V
CC and VEE
All unused outputs are loaded with 50
Ω to GND
CL = Fixture and stray capacitance ≤ 3 pF
FIGURE 1. AC Test Circuit
Symbol
Parameter
TC = 0°CTC = +25°CTC = +85°C
Units
Conditions
Min
Max
Min
Max
Min
Max
tPLH
Propagation Delay
Figures 1, 2
tPHL
Dn to Output
0.50
1.20
0.50
1.20
0.50
1.30
ns
(Transparent Mode)
tPLH
Propagation Delay
0.75
1.65
0.75
1.65
0.75
1.85
ns
tPHL
Ea, Eb to Output
tPLH
Propagation Delay
0.90
1.90
0.90
1.90
0.90
1.90
ns
Figures 1, 3
tPHL
MR to Output
tTLH
Transition Time
0.35
1.10
0.35
1.10
0.35
1.10
ns
Figures 1, 2
tTHL
20% to 80%, 80% to 20%
tS
Setup Time
Figures 3, 4
D0–D5
0.90
0.90
0.90
ns
MR (Release Time)
1.50
1.50
1.50
tH
Hold Time, D0–D5
0.30
0.30
0.30
ns
Figure 4
tPW(L)
Pulse Width LOW
2.00
2.00
2.00
ns
Figure 2
Ea, Eb
tPW(H)
Pulse Width HIGH, MR
2.00
2.00
2.00
ns
Figure 3


Similar Part No. - 100350PC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1003500300 ETC2-1003500300 Datasheet
2Mb / 164P
   We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
logo
Turck, Inc.
1003503 TURCK-1003503 Datasheet
427Kb / 4P
   Inductive Sensor – With Increased Temperature Range
11/07/2023
More results

Similar Description - 100350PC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S350 MICREL-SY100S350_06 Datasheet
94Kb / 8P
   HEX D-LATCH
SY100S350 MICREL-SY100S350 Datasheet
110Kb / 7P
   HEX D-LATCH
SY100S350 MICREL-SY100S350_07 Datasheet
86Kb / 5P
   HEX D-LATCH
logo
Fairchild Semiconductor
100351 FAIRCHILD-100351 Datasheet
94Kb / 9P
   Low Power Hex D-Type Flip-Flop
logo
Nexperia B.V. All right...
74AUP1G373 NEXPERIA-74AUP1G373 Datasheet
302Kb / 20P
   Low-power D-type transparent latch; 3-state
Rev. 9 - 20 January 2022
74AUP1G373-Q100 NEXPERIA-74AUP1G373-Q100 Datasheet
728Kb / 21P
   Low-power D-type transparent latch; 3-state
logo
NXP Semiconductors
74AUP1G373 PHILIPS-74AUP1G373 Datasheet
106Kb / 22P
   Low-power D-type transparent latch; 3-state
Rev. 02-20 July 2007
74AUP1G373 NXP-74AUP1G373 Datasheet
114Kb / 22P
   Low-power D-type transparent latch; 3-state
Rev. 03-9 January 2008
74AUP1G373 PHILIPS-74AUP1G373_15 Datasheet
231Kb / 25P
   Low-power D-type transparent latch; 3-state
Rev. 6-4 July 2012
logo
Texas Instruments
TPIC6273 TI-TPIC6273 Datasheet
143Kb / 9P
[Old version datasheet]   POWER LOGIC OCTAL D-TYPE LATCH
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com