Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100341QI Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 100341QI
Description  Low Power 8-Bit Shift Register
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

100341QI Datasheet(HTML) 1 Page - Fairchild Semiconductor

  100341QI Datasheet HTML 1Page - Fairchild Semiconductor 100341QI Datasheet HTML 2Page - Fairchild Semiconductor 100341QI Datasheet HTML 3Page - Fairchild Semiconductor 100341QI Datasheet HTML 4Page - Fairchild Semiconductor 100341QI Datasheet HTML 5Page - Fairchild Semiconductor 100341QI Datasheet HTML 6Page - Fairchild Semiconductor 100341QI Datasheet HTML 7Page - Fairchild Semiconductor 100341QI Datasheet HTML 8Page - Fairchild Semiconductor 100341QI Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2000 Fairchild Semiconductor Corporation
DS009880
www.fairchildsemi.com
July 1988
Revised August 2000
100341
Low Power 8-Bit Shift Register
General Description
The 100341 contains eight edge-triggered, D-type flip-flops
with individual inputs (Pn) and outputs (Qn) for parallel
operation, and with serial inputs (Dn) and steering logic for
bidirectional shifting. The flip-flops accept input data a
setup time before the positive-going transition of the clock
pulse and their outputs respond a propagation delay after
this rising clock edge.
The circuit operating mode is determined by the Select
inputs S0 and S1, which are internally decoded to select
either “parallel entry”, “hold”, “shift left” or “shift right” as
described in the Truth Table. All inputs have 50 k
Ω pull-
down resistors.
Features
s 35% power reduction of the 100141
s 2000V ESD protection
s Pin/function compatible with 100141
s Voltage compensated operating range
= −4.2V to −5.7V
s Available to industrial grade temperature range
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbol
Pin Descriptions
Connection Diagrams
24-Pin DIP/SOIC
28-Pin PLCC
Order Number
Package Number
Package Description
10034SC
M24B
24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
100341PC
N24E
24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-010, 0.400 Wide
100341QI
V28A
28-Lead Plastic Lead Chip Carrier (PLCC), JEDEC MO-047, 0.450 Square
100341QC
V28A
28-Lead Plastic Lead Chip Carrier (PLCC), JEDEC MO-047, 0.450 Square
Industrial Temperature Range (
−40°C to +85°C)
Pin Names
Description
CP
Clock Input
S0, S1
Select Inputs
D0, D7
Serial Inputs
P0–P7
Parallel Inputs
Q0–Q7
Data Outputs


Similar Part No. - 100341QI

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100341 NSC-100341 Datasheet
150Kb / 10P
   Low Power 8-Bit Shift Register
100341D NSC-100341D Datasheet
150Kb / 10P
   Low Power 8-Bit Shift Register
100341F NSC-100341F Datasheet
150Kb / 10P
   Low Power 8-Bit Shift Register
More results

Similar Description - 100341QI

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100341 NSC-100341 Datasheet
150Kb / 10P
   Low Power 8-Bit Shift Register
logo
Diodes Incorporated
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
   8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
logo
Hitachi Semiconductor
HD74AC166 HITACHI-HD74AC166 Datasheet
65Kb / 11P
   8-bit Shift Register
logo
ON Semiconductor
MC10E141 ONSEMI-MC10E141 Datasheet
111Kb / 4P
   8-BIT SHIFT REGISTER
1996 REV 3
logo
Micrel Semiconductor
SY100S341 MICREL-SY100S341_07 Datasheet
89Kb / 6P
   8-BIT SHIFT REGISTER
logo
Renesas Technology Corp
HD74HC95 RENESAS-HD74HC95 Datasheet
90Kb / 7P
   8-bit Shift Register
logo
Micrel Semiconductor
SY10E141 MICREL-SY10E141 Datasheet
63Kb / 4P
   8-BIT SHIFT REGISTER
logo
Toshiba Semiconductor
TC74ACT164F TOSHIBA-TC74ACT164F Datasheet
281Kb / 7P
   8 BIT SHIFT REGISTER
TC7MH165FK TOSHIBA-TC7MH165FK Datasheet
292Kb / 7P
   8-BIT SHIFT REGISTER
logo
Micrel Semiconductor
SY10E141 MICREL-SY10E141_06 Datasheet
63Kb / 4P
   8-BIT SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com