Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-1393253-1 Datasheet(PDF) 7 Page - Tyco Electronics

Part # 2-1393253-1
Description  Magnetic Hydraulic P&B Circuit Breakers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1393253-1 Datasheet(HTML) 7 Page - Tyco Electronics

  2-1393253-1 Datasheet HTML 1Page - Tyco Electronics 2-1393253-1 Datasheet HTML 2Page - Tyco Electronics 2-1393253-1 Datasheet HTML 3Page - Tyco Electronics 2-1393253-1 Datasheet HTML 4Page - Tyco Electronics 2-1393253-1 Datasheet HTML 5Page - Tyco Electronics 2-1393253-1 Datasheet HTML 6Page - Tyco Electronics 2-1393253-1 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
Catalog 1308242
Issued 3-03 (PDF Rev. 03-10)
Revised 03-10
www.tycoelectronics.com
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Dimensions are shown for reference
purposes only. Specifications and
availability subject to change.
South America: 55-11-2103-6000
Hong Kong: 852-2735-1628
Japan: 81-44-844-8013
UK: 44-8706-080208
USA: 1-800-522-6752
Canada: 1-905-470-4425
Mexico: 01-800-733-8926
C. America: 52-55-1106-0803
.750
(19.05)
.750
(19.05)
.750
(19.05)
.385
(9.78)
1.450
(36.83)
.732
(18.59)
2X Ø .156
(3.96)
PER POLE
.76
(19.3)
1.52
(38.6)
2.28
(57.9)
3.04
(77.2)
1 POLE
2 POLE
3 POLE
4 POLE
.907
(23.04)
2.065
(52.45)
Notes:
1. Terminal protrusion
dimensions are referenced
from the back of the
mounting panel.
2. Mounting detail tolerance
±.005 (13) unless noted.
3. Outline drawing tolerance ±
.015 (.38) unless noted.
Dimensions in brackets ( )
are in millimeters.
ON
29°
30°
OFF
.74
(18.8)
2.10
(53.34)
1.940
(49.28)
.281
(7.14)
1.845
(46.86)
.313
(7.95)
.14
(3.56)
2.50
(64.00)
LINE
LOAD
#10-32
STUD
TERMINATION
.375
(9.52)
1.15
(29.21)
.060
(1.52)
Outline Dimensions
OFF OFF
ON ON
.750
(19.05)
OFF OFF
ON ON
OFF OFF
ON ON
OFF OFF
ON ON
OFF OFF
ON ON
.750
(19.05)
.750
(19.05)
.750
(19.05)
.375
(9.53)
2 POLE
1.500
(38.10)
2.250
(57.15)
3POLE
4 POLE
3.000
(76.20)
.218
(5.54)
2.065
(52.45)
.398
(10.11)
1.438
(36.53)
2.50
(63.5)
TAPPED #6-32 X .16 (4.06)
DEEP
M3 X 0.5 OPTIONAL
.375
(9.53)
1 POLE
.060
(1.52)
1.940
(49.28)
.281
(7.14)
2.46
(62.48)
2.50
(64.00)
LINE
LOAD
C
NO
NC
'A' STYLE
Series Trip Model
Series Trip Model
Series Trip Model
With Common Enclosed Auxiliary Switch
Panel Mounting Cutout Detail
W9 Series
Note:
1. Top mounted plate
(shown with broken
line) is present only on
UL1500 models.
© 2010 by Tyco Electronics Corporation. All Rights Reserved.
P&B, Potter & Brumfield, TE (logo) and Tyco Electronics are trademarks of the Tyco Electronics group of companies and its licensors.
Disclaimer:
While Tyco Electronics and its affiliates referenced herein have made every reasonable effort to ensure the accuracy of the information contained in this
document, Tyco Electronics cannot assure that this information is error free. For this reason, Tyco Electronics does not make any representation or offer any
guarantee that such information is accurate, correct, reliable or current. Tyco Electronics reserves the right to make any adjustments to the information at any
time. Tyco Electronics expressly disclaims any implied warranty regarding the information contained herein, including, but not limited to, the implied
warranties of merchantability or fitness for a particular purpose. Tyco Electronics‘ only obligations are those stated in Tyco Electronics’ Standard Terms and
Conditions of Sale. Tyco Electronics will in no case be liable for any incidental, indirect or consequential damages arising from or in connection with, including,
but not limited to, the sale, resale, use or misuse of its products. Users should rely on their own judgment to evaluate the suitability of a product for a certain
purpose and test each product for its intended application.
In case of any potential ambiguities or questions, please don’t hesitate to contact us for clarification.


Similar Part No. - 2-1393253-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393253-3 MACOM-2-1393253-3 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393253-5 MACOM-2-1393253-5 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393253-8 MACOM-2-1393253-8 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393253-9 MACOM-2-1393253-9 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
More results

Similar Description - 2-1393253-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393253-5 MACOM-2-1393253-5 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-7 MACOM-2-1393254-7 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393253-8 MACOM-2-1393253-8 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
W68-X2Q110-15 MACOM-W68-X2Q110-15 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-4 MACOM-2-1393254-4 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-5 MACOM-2-1393254-5 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393253-3 MACOM-2-1393253-3 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-2 MACOM-2-1393254-2 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-3 MACOM-2-1393254-3 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393252-0 MACOM-2-1393252-0 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com