Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-1393252-3 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 2-1393252-3
Description  Magnetic Hydraulic P&B Circuit Breakers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1393252-3 Datasheet(HTML) 5 Page - Tyco Electronics

  2-1393252-3 Datasheet HTML 1Page - Tyco Electronics 2-1393252-3 Datasheet HTML 2Page - Tyco Electronics 2-1393252-3 Datasheet HTML 3Page - Tyco Electronics 2-1393252-3 Datasheet HTML 4Page - Tyco Electronics 2-1393252-3 Datasheet HTML 5Page - Tyco Electronics 2-1393252-3 Datasheet HTML 6Page - Tyco Electronics 2-1393252-3 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Catalog 1308242
Issued 3-03 (PDF Rev. 03-10)
Revised 03-10
www.tycoelectronics.com
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Dimensions are shown for reference
purposes only. Specifications and
availability subject to change.
South America: 55-11-2103-6000
Hong Kong: 852-2735-1628
Japan: 81-44-844-8013
UK: 44-8706-080208
USA: 1-800-522-6752
Canada: 1-905-470-4425
Mexico: 01-800-733-8926
C. America: 52-55-1106-0803
1.520
(38.61)
.235
(5.97)
2.043
(51.89)
1.640
(41.66)
.245
(6.22)
.66
(16.8)
ON
OFF
29°
30°
A
B
LINE
LOAD
2.000
(50.80)
6.32 TH'D. .14 (3.56) DP. TYP.
M3 X 0.5 OPTIONAL
1.22
(31.00)
1.05
(26.67)
1.660
(42.16)
.750
(19.05)
Ø .590
(15.00)
Note:
Multi-pole models furnished with separate handle tie hardware.
W6 Series
Outline Dimensions - Toggle Actuator Models
W6 Series – One Actuator Per Pole
1 Pole
2 Pole
3 Pole
4 Pole
1.500
(38.10)
2.250
(57.15)
.750
(19.05)
1.660
(42.16)
Ø .625 +.010
-.000
(15.88 +0.25)
-0.00
1 PER POLE
Ø .156
(3.96)
[2 PLACES PER POLE]
1.048
(26.62)
Notes:
1. Terminal protrusion dimensions are
referenced from back of mounting panel.
2. Main terminals are male quick connect
type .250 (6.35) wide x .031 (.79) thick x
.377 (9.58) long. Optional 8-32 x .250
(6.35) or 10-32 x .250 (6.35) screw type.
3. Panel mounting cutout detail mtg. detail
tol.: ± .005 (.13) unless noted. Add
additional cutouts to correspond to
number of poles. Outline drawing
tolerance ± .015 (.38) unless noted.
Panel Mounting Cutout
1.058
(26.97)
2.380
(60.45)
LINE
LOAD
A
B
LINE
LOAD
1.520
(38.61)
.235
(5.97)
2.032
(51.61)
A
B
A
B
LINE
LOAD
LINE
LOAD
C
NO
NC
.416
(10.56)
.827
(21.00)
UL/CSA Models
W/Screw Terminals
UL/CSA/VDE Models
W/Aux. Switch
3.000
(76.20)
VDE Models
W/Screw Terminals
2.000
(50.80)
6.32 TH'D. .14 (3.56) DP. TYP.
M3 X 0.5 OPTIONAL
1.22
(31.00)
1.05
(26.67)
1.660
(42.16)
.750
(19.05)
Ø .590
(15.00)
Note: 4-pole models furnished with separate
handle tie hardware.
W6 Series – One Actuator Per Unit
1 Pole
2 Pole
3 Pole
4 Pole
1.500
(38.10)
2.250
(57.15)
3.000
(76.20)
UL/CSA Models
W/Terminals Bent 30°
480V Model with Barriers
2.250
(57.15)
2.778
(70.56)
.269
(6.83)
.266
(6.76)
2.530
(64.26)
Note: 3-pole model shown.
Model with Aux. Relay Trip Pole
Note: W68 -D model shown. Note that the
auxiliary relay trip pole is on the right.
#10-32 screw terminals must be
specified with this option; however,
the terminals on the relay trip pole
are 0.250” quick connects.
The relay pole is self-opening, so the
trip current can remain energized
indefinitely.
Termination Options


Similar Part No. - 2-1393252-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393252-0 MACOM-2-1393252-0 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
More results

Similar Description - 2-1393252-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393253-5 MACOM-2-1393253-5 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-7 MACOM-2-1393254-7 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393253-8 MACOM-2-1393253-8 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
W68-X2Q110-15 MACOM-W68-X2Q110-15 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-4 MACOM-2-1393254-4 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-5 MACOM-2-1393254-5 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393253-3 MACOM-2-1393253-3 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393253-1 MACOM-2-1393253-1 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-2 MACOM-2-1393254-2 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-3 MACOM-2-1393254-3 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393252-0 MACOM-2-1393252-0 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com