Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100336SC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 100336SC
Description  Low Power 4-Stage Counter/Shift Register
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

100336SC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  100336SC Datasheet HTML 1Page - Fairchild Semiconductor 100336SC Datasheet HTML 2Page - Fairchild Semiconductor 100336SC Datasheet HTML 3Page - Fairchild Semiconductor 100336SC Datasheet HTML 4Page - Fairchild Semiconductor 100336SC Datasheet HTML 5Page - Fairchild Semiconductor 100336SC Datasheet HTML 6Page - Fairchild Semiconductor 100336SC Datasheet HTML 7Page - Fairchild Semiconductor 100336SC Datasheet HTML 8Page - Fairchild Semiconductor 100336SC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© 2000 Fairchild Semiconductor Corporation
DS010584
www.fairchildsemi.com
August 1989
Revised August 2000
100336
Low Power 4-Stage Counter/Shift Register
General Description
The 100336 operates as either a modulo-16 up/down
counter or as a 4-bit bidirectional shift register. Three
Select (Sn) inputs determine the mode of operation, as
shown in the Function Select table. Two Count Enable
(CEP, CET) inputs are provided for ease of cascading in
multistage counters. One Count Enable (CET) input also
doubles as a Serial Data (D0) input for shift-up operation.
For shift-down operation, D3 is the Serial Data input. In
counting operations the Terminal Count (TC) output goes
LOW when the counter reaches 15 in the count/up mode or
0 (zero) in the count/down mode. In the shift modes, the TC
output repeats the Q3 output. The dual nature of this TC/Q3
output and the D0/CET input means that one interconnec-
tion from one stage to the next higher stage serves as the
link for multistage counting or shift-up operation. The indi-
vidual Preset (Pn) inputs are used to enter data in parallel
or to preset the counter in programmable counter applica-
tions. A HIGH signal on the Master Reset (MR) input over-
rides all other inputs and asynchronously clears the flip-
flops. In addition, a synchronous clear is provided, as well
as a complement function which synchronously inverts the
contents of the flip-flops. All inputs have 50 k
Ω pull-down
resistors.
Features
s 40% power reduction of the 100136
s 2000V ESD protection
s Pin/function compatible with 100136
s Voltage compensated operating range
= −4.2V to −5.7V
s Available to industrial grade temperature range
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagrams
24-Pin DIP/SOIC
28-Pin PLCC
Logic Symbol
Order Number
Package Number
Package Description
100336SC
M24B
24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
100336PC
N24E
24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-010, 0.400 Wide
100336QC
V28A
28-Lead Plastic Lead Chip Carrier (PLCC), JEDEC MO-047, 0.450 Square
100336QI
V28A
28-Lead Plastic Lead Chip Carrier (PLCC), JEDEC MO-047, 0.450 Square
Industrial Temperature Range (
−40°C to +85°C)


Similar Part No. - 100336SC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100336 NSC-100336 Datasheet
318Kb / 16P
   Low Power 4-Stage Counter/Shift Register
100336D NSC-100336D Datasheet
318Kb / 16P
   Low Power 4-Stage Counter/Shift Register
100336F NSC-100336F Datasheet
318Kb / 16P
   Low Power 4-Stage Counter/Shift Register
More results

Similar Description - 100336SC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
F100336 NSC-F100336 Datasheet
366Kb / 15P
   LOW POWER 4-STAGE COUNTER/SHIFT REGISTER
100336 NSC-100336 Datasheet
318Kb / 16P
   Low Power 4-Stage Counter/Shift Register
logo
Micrel Semiconductor
SY100S336 MICREL-SY100S336 Datasheet
149Kb / 9P
   4-STAGE COUNTER/ SHIFT REGISTER
logo
National Semiconductor ...
F100136 NSC-F100136 Datasheet
234Kb / 10P
   4-Stage Counter/Shift Register
logo
Micrel Semiconductor
SY100S336 MICREL-SY100S336_06 Datasheet
126Kb / 10P
   4-STAGE COUNTER/SHIFT REGISTER
SY100S336A MICREL-SY100S336A_06 Datasheet
126Kb / 10P
   ENHANCED 4-STAGE COUNTER/SHIFT REGISTER
SY100S336A MICREL-SY100S336A Datasheet
149Kb / 9P
   ENHANCED 4-STAGE COUNTER/SHIFT REGISTER
logo
Fairchild Semiconductor
AN-684 FAIRCHILD-AN-684 Datasheet
76Kb / 7P
   100336 Four-Stage Counter/Shift Register
logo
KODENSHI_AUK CORP.
KK4015B KODENSHI-KK4015B Datasheet
311Kb / 6P
   Dual 4-Stage Static Shift Register
logo
System Logic Semiconduc...
SL4015B SLS-SL4015B Datasheet
39Kb / 5P
   Dual 4-Stage Static Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com