Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100328QI Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 100328QI
Description  Low Power Octal ECL/TTL Bi-Directional Translator with Latch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

100328QI Datasheet(HTML) 3 Page - Fairchild Semiconductor

  100328QI Datasheet HTML 1Page - Fairchild Semiconductor 100328QI Datasheet HTML 2Page - Fairchild Semiconductor 100328QI Datasheet HTML 3Page - Fairchild Semiconductor 100328QI Datasheet HTML 4Page - Fairchild Semiconductor 100328QI Datasheet HTML 5Page - Fairchild Semiconductor 100328QI Datasheet HTML 6Page - Fairchild Semiconductor 100328QI Datasheet HTML 7Page - Fairchild Semiconductor 100328QI Datasheet HTML 8Page - Fairchild Semiconductor 100328QI Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 5)
Recommended Operating
Conditions
Note 5: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum rating.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Note 6: Either voltage limit or current limit is sufficient to protect inputs.
Note 7: ESD testing conforms to MIL-STD-883, Method 3015.
Commercial Version
TTL-to-ECL DC Electrical Characteristics (Note 8)
VEE = −4.2V to −5.7V, VCC = VCCA = GND, TC = 0°C to +85°C, VTTL = +4.5V to +5.5V
Note 8: The specified limits represent the “worst case” value for the parameter. Since these values normally occur at the temperature extremes, additional
noise immunity and guardbanding can be achieved by decreasing the allowable system operating ranges. Conditions for testing shown in the tables are cho-
sen to guarantee operation under “worst case” conditions.
Storage Temperature (TSTG)
−65°C to +150°C
Maximum Junction Temperature (TJ) +150°C
VEE Pin Potential to Ground Pin
−7.0V to +0.5V
VTTL Pin Potential to Ground Pin
−0.5V to +6.0V
ECL Input Voltage (DC)
VEE to +0.5V
ECL Output Current
(DC Output HIGH)
−50 mA
TTL Input Voltage (Note 6)
−0.5V to +6.0V
TTL Input Current (Note 6)
−30 mA to +5.0 mA
Voltage Applied to Output
in HIGH State
3-STATE Output
−0.5V to +5.5V
Current Applied to TTL
Output in LOW State (Max)
twice the rated IOL (mA)
ESD (Note 7)
≥2000V
Case Temperature (TC)
Commercial
0
°C to +85°C
Industrial
−40°C to +85°C
ECL Supply Voltage (VEE)
−5.7V to −4.2V
TTL Supply Voltage (VTTL)
+4.5V to +5.5V
Symbol
Parameter
Min
Typ
Max
Units
Conditions
VOH
Output HIGH Voltage
−1025
−955
−870
mV
VIN = VIH(Max) or VIL(Min)
VOL
Output LOW Voltage
−1830
−1705
−1620
mV
Loading with 50
Ω to − 2V
Cutoff Voltage
OE or DIR LOW,
−2000
−1950
mV
VIN = VIH(Max) or VIL(Min),
Loading with 50
Ω to −2V
VOHC
Output HIGH Voltage
−1035
mV
Corner Point HIGH
VIN = VIH(Min) or VIL(Max)
VOLC
Output LOW Voltage
−1610
mV
Loading with 50
Ω to −2V
Corner Point LOW
VIH
Input HIGH Voltage
2.0
5.0
V
Over VTTL, VEE, TC Range
VIL
Input LOW Voltage
0
0.8
V
Over VTTL, VEE, TC Range
IIH
Input HIGH Current
70
µAV
IN = +2.7V
Breakdown Test
1.0
mA
VIN = +5.5V
IIL
Input LOW Current
−700
µAV
IN = +0.5V
VFCD
Input Clamp Diode Voltage
−1.2
V
IIN = −18 mA
IEE
VEE Supply Current
LE LOW, OE and DIR HIGH
Inputs OPEN
−159
−75
mA
VEE = −4.2V to −4.8V
−169
−75
VEE = −4.2V to −5.7V


Similar Part No. - 100328QI

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100328 NSC-100328 Datasheet
263Kb / 12P
   Low Power Octal ECL/TTL Bi-Directional Translator with Latch
100328D NSC-100328D Datasheet
263Kb / 12P
   Low Power Octal ECL/TTL Bi-Directional Translator with Latch
100328F NSC-100328F Datasheet
263Kb / 12P
   Low Power Octal ECL/TTL Bi-Directional Translator with Latch
More results

Similar Description - 100328QI

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100328 NSC-100328 Datasheet
263Kb / 12P
   Low Power Octal ECL/TTL Bi-Directional Translator with Latch
F100328 NSC-F100328 Datasheet
394Kb / 16P
   Low Power Octal ECL/TTL Bi-Directional Translator with Latch
F100329 NSC-F100329 Datasheet
385Kb / 16P
   Low Power Octal ECL/TTL Bidirectional Translator with Register
logo
Fairchild Semiconductor
100329 FAIRCHILD-100329 Datasheet
111Kb / 11P
   Low Power Octal ECL/TTL Bidirectional Translator with Register
100329A FAIRCHILD-100329A Datasheet
88Kb / 8P
   Low Power Octal ECL/TTL Bidirectional Translator with Register
logo
National Semiconductor ...
100329 NSC-100329 Datasheet
242Kb / 11P
   Low Power Octal ECL/TTL Bidirectional Translator with Register
logo
ON Semiconductor
MC10H602 ONSEMI-MC10H602 Datasheet
86Kb / 4P
   9-Bit Latch TTL/ECL Translator
1996 REV 5
MC10H603 ONSEMI-MC10H603 Datasheet
89Kb / 5P
   9-Bit Latch ECL/TTL Translator
1996 REV 5
logo
National Semiconductor ...
DP8482A NSC-DP8482A Datasheet
131Kb / 6P
   100k ECL to TTL Level Translator with Latch
DP8481 NSC-DP8481 Datasheet
110Kb / 6P
   TTL to 10k ECL Level Translator with Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com