Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-1393249-1 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 2-1393249-1
Description  P&B Push To Reset Only Thermal Circuit Breaker
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1393249-1 Datasheet(HTML) 2 Page - Tyco Electronics

  2-1393249-1 Datasheet HTML 1Page - Tyco Electronics 2-1393249-1 Datasheet HTML 2Page - Tyco Electronics 2-1393249-1 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Catalog 1308242
Issued 3-03 (PDF Rev. 5-10)
Revised 5-10
www.tycoelectronics.com
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Dimensions are shown for reference
purposes only. Specifications and
availability subject to change.
South America: 55-11-2103-6000
Hong Kong: 852-2735-1628
Japan: 81-44-844-8013
UK: 44-8706-080208
USA: 1-800-522-6752
Canada: 1-905-470-4425
Mexico: 01-800-733-8926
C. America: 52-55-1106-0803
W58-XB1A4A-1
W58-XB1A4A-2
W58-XB1A4A-3
W58-XB1A4A-4
W58-XB1A4A-5
W58-XB1A4A-6
W58-XB1A4A-7
W58-XB1A4A-8
W58-XB1A4A-10
W58-XB1A4A-12
W58-XB1A4A-15
W58-XB1A4A-20
W58-XB1A4A-25
W58-XB1A4A-30
W58-XC4C12A-1
W58-XC4C12A-2
W58-XC4C12A-3
W58-XC4C12A-5
W58-XC4C12A-7
W58-XC4C12A-10
W58-XC4C12A-15
W58-XC4C12A-20
W58-XC4C12A-25
W58-XC4C12A-30
Stock Items – Authorized distributors are more likely to stock the following items.
Outline Dimensions
Ordering Information
Typical Part No.
>W
58
-X
B1
A
4
A
-5
1. Designator:
W = Circuit breaker
2. Series Number:
58 = Single Pole, Push-to-Reset
3. Circuit Function:
X = Series Trip
4. Button and Rate Marking:
A = White, plain, no rate marking, no trip band
E = White with red rate marking no trip band
B = White with red rate marking, red trip band
F = White with black rate marking, no trip band
C = White with black rate marking, red trip band
K = Black, plain, no rate marking, no trip band
Note: Rate marking on the bottom of the case is available on a special order basis. Consult factory for details.
5. Mounting Bushing:
1 = Metal, 7/16” x .500” (12.70mm) long
7 = Plastic, 3/8” x .465” (11.81mm) long, round
4 = Metal, 15/32” x .300” (7.62mm) long, black
6 = Metal, 3/8” x .465” (11.81mm) long, round
6. Terminals:
A = Quick connect .250” (6.35mm) straight
C = 6/32 screw 90° (screws installed)
D = 6/32 screw 90° (screws bulk packed)
7. Mounting Hardware:
4 = Metal, knurled nut/hex nut
7 = Plastic, knurled nut
6 = Metal, knurled nut/hex nut/lock washer
22 = Plastic knurled nut, metal lock washer
12 = Metal, knurled nut/lock washer
15 = Metal, two hex nuts/lock washer
18 = Metal, hex nut/lock washer
99 = No mtg. hardware supplied (Use C, Step #8)
Note: For other hardware combinations, order separately. See mounting hardware Ordering Information table.
8. Mounting Hardware Packaging:
A = Assembled to bushing
B = Bulk unassembled
C = No mounting hardware
9. Specify Amp Rating:
0.5
369
15
30*
14
7
10
20
25
8
12
25
*Not UL or CSA
.440
(11.18)
1.375
(34.93)
.425
(10.80)
.850
(21.59)
SEE TERMINAL DRAWINGS
FOR DETAIL
.312.005
(7.92.13)
.050 MAX.
(1.27)
CLOSED POSITION
BUTTON
1.375
(34.93)
15
.660
(16.76)
SEE MOUNTING
BUSHING AND
MOUNTING HARDWARE DRAWINGS FOR DETAIL
.281 MAX.
(7.14)
OPEN POSITION
CODES 1 & 4
.250
(6.35)
CODE 6
.312 TYP.
(7.92)
.85
(21.6)
.156
(3.96)
.187
(4.75)
#6-32 SCREW
& LOCK WASHER ASSEMBLY
1.375
(34.93)
.440
(11.18)
.850
(21.59)
.425
(10.80)
.415
(10.54)
.250 (6.35) x .032 (.81)
QUICK CONNECT TERMINALS
A
C & D
Terminal Options


Similar Part No. - 2-1393249-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393249-0 MACOM-2-1393249-0 Datasheet
225Kb / 3P
   P&B Push To Reset Only Thermal Circuit Breaker
2-1393249-2 MACOM-2-1393249-2 Datasheet
225Kb / 3P
   P&B Push To Reset Only Thermal Circuit Breaker
2-1393249-4 MACOM-2-1393249-4 Datasheet
225Kb / 3P
   P&B Push To Reset Only Thermal Circuit Breaker
2-1393249-8 MACOM-2-1393249-8 Datasheet
225Kb / 3P
   P&B Push To Reset Only Thermal Circuit Breaker
More results

Similar Description - 2-1393249-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393249-2 MACOM-2-1393249-2 Datasheet
225Kb / 3P
   P&B Push To Reset Only Thermal Circuit Breaker
W54 MACOM-W54 Datasheet
220Kb / 3P
   Push To Reset Only P&B Thermal Circuit Breaker
2-1393249-4 MACOM-2-1393249-4 Datasheet
225Kb / 3P
   P&B Push To Reset Only Thermal Circuit Breaker
W58-XB1A4A-8 MACOM-W58-XB1A4A-8 Datasheet
225Kb / 3P
   P&B Push To Reset Only Thermal Circuit Breaker
2-1423695-4 MACOM-2-1423695-4 Datasheet
225Kb / 3P
   P&B Push To Reset Only Thermal Circuit Breaker
2-1393249-0 MACOM-2-1393249-0 Datasheet
225Kb / 3P
   P&B Push To Reset Only Thermal Circuit Breaker
2-1393249-8 MACOM-2-1393249-8 Datasheet
225Kb / 3P
   P&B Push To Reset Only Thermal Circuit Breaker
2-1423674-8 MACOM-2-1423674-8 Datasheet
220Kb / 3P
   Push To Reset Only P&B Thermal Circuit Breaker
W58 MACOM-W58 Datasheet
225Kb / 3P
   P&B Push To Reset Only Thermal Circuit Breaker
W57 MACOM-W57 Datasheet
250Kb / 3P
   Compact, Push To Reset Only P&B Thermal Circuit Breaker
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com