Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100331 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 100331
Description  Low Power Triple D-Type Flip-Flop
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

100331 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  100331 Datasheet HTML 1Page - Fairchild Semiconductor 100331 Datasheet HTML 2Page - Fairchild Semiconductor 100331 Datasheet HTML 3Page - Fairchild Semiconductor 100331 Datasheet HTML 4Page - Fairchild Semiconductor 100331 Datasheet HTML 5Page - Fairchild Semiconductor 100331 Datasheet HTML 6Page - Fairchild Semiconductor 100331 Datasheet HTML 7Page - Fairchild Semiconductor 100331 Datasheet HTML 8Page - Fairchild Semiconductor 100331 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.fairchildsemi.com
4
Commercial Version (Continued)
DIP AC Electrical Characteristics
VEE = −4.2V to −5.7V, VCC = VCCA = GND
SOIC and PLCC AC Electrical Characteristics
VEE = −4.2V to −5.7V, VCC = VCCA = GND
Symbol
Parameter
TC = 0°CTC = +25°CTC = +85°C
Units
Conditions
Min
Max
Min
Max
Min
Max
fMAX
Toggle Frequency
375
375
375
MHz
Figures 2, 3
tPLH
Propagation Delay
0.75
2.00
0.75
2.00
0.75
2.00
ns
tPHL
CPC to Output
Figures 1, 3
tPLH
Propagation Delay
0.75
2.00
0.75
2.00
0.75
2.00
ns
tPHL
CPn to Output
tPLH
Propagation Delay
0.70
1.70
0.70
1.70
0.70
1.80
CPn, CPC = L
Figures 1, 4
tPHL
CDn, SDn to Output
ns
tPLH
0.70
2.00
0.70
2.00
0.70
2.00
CPn, CPC = H
tPHL
tPLH
Propagation Delay
1.10
2.60
1.10
2.60
1.10
2.60
CPn, CPC = L
tPHL
MS, MR to Output
ns
tPLH
1.10
2.80
1.10
2.80
1.10
2.80
CPn, CPC = H
tPHL
tTLH
Transition Time
0.35
1.30
0.35
1.30
0.35
1.30
ns
Figures 1, 3, 4
tTHL
20% to 80%, 80% to 20%
tS
Setup Time
Figure 5
Dn
0.40
0.40
0.40
ns
CDn, SDn (Release Time)
1.30
1.30
1.30
Figure 4
MS, MR (Release Time)
2.30
2.30
2.30
tH
Hold Time Dn
0.5
0.5
0.7
ns
Figure 5
tPW(H)
Pulse Width HIGH
CPn, CPC, CDn,
2.00
2.00
2.00
ns
Figures 3, 4
SDn, MR, MS
Symbol
Parameter
TC = 0°CTC = +25°CTC = +85°C
Units
Conditions
Min
Max
Min
Max
Min
Max
fMAX
Toggle Frequency
400
400
400
MHz
Figures 2, 3
tPLH
Propagation Delay
0.75
1.80
0.75
1.80
0.75
1.80
ns
tPHL
CPC to Output
Figures 1, 3
tPLH
Propagation Delay
0.75
1.80
0.75
1.80
0.75
1.80
ns
tPHL
CPn to Output
tPLH
Propagation Delay
0.70
1.50
0.70
1.50
0.70
1.60
CPn, CPC =L
Figures 1, 4
tPHL
CDn, SDn to Output
ns
tPLH
0.80
1.80
0.70
1.80
0.70
1.80
CPn, CPC = H
tPHL
tPLH
Propagation Delay
1.10
2.40
1.10
2.40
1.10
2.40
CPn, CPC = L
tPHL
MS, MR to Output
ns
tPLH
1.10
2.60
1.10
2.60
1.10
2.60
CPn, CPC = H
tPHL
tTLH
Transition Time
0.35
1.10
0.35
1.10
0.35
1.10
ns
Figures 1, 3, 4
tTHL
20% to 80%, 80% to 20%
tS
Setup Time
Figure 5
Dn
0.30
0.30
0.30
CDn, SDn (Release Time)
1.20
1.20
1.20
ns
Figure 4
MS, MR (Release Time)
2.20
2.20
2.20
tH
Hold Time Dn
0.5
0.5
0.7
ns
Figure 5
tPW(H)
Pulse Width HIGH
CPn, CPC, CDn,
2.00
2.00
2.00
ns
Figures 3, 4
SDn, MR, MS


Similar Part No. - 100331

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100331 NSC-100331 Datasheet
150Kb / 8P
   Low Power Triple D Flip-Flop
100331D NSC-100331D Datasheet
150Kb / 8P
   Low Power Triple D Flip-Flop
100331F NSC-100331F Datasheet
150Kb / 8P
   Low Power Triple D Flip-Flop
More results

Similar Description - 100331

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
F100331 NSC-F100331 Datasheet
279Kb / 10P
   Low Power Triple D Flip-Flop
100331 NSC-100331 Datasheet
150Kb / 8P
   Low Power Triple D Flip-Flop
logo
Micrel Semiconductor
SY100S331 MICREL-SY100S331 Datasheet
110Kb / 7P
   TRIPLE D FLIP-FLOP
SY100S331 MICREL-SY100S331_10 Datasheet
424Kb / 6P
   TRIPLE D FLIP-FLOP
logo
National Semiconductor ...
F100131 NSC-F100131 Datasheet
168Kb / 8P
   TRIPLE D FLIP-FLOP
logo
Micrel Semiconductor
SY100S331 MICREL-SY100S331_06 Datasheet
95Kb / 8P
   TRIPLE D FLIP-FLOP
logo
Fairchild Semiconductor
100351 FAIRCHILD-100351 Datasheet
94Kb / 9P
   Low Power Hex D-Type Flip-Flop
CD40174BC FAIRCHILD-CD40174BC Datasheet
58Kb / 7P
   Hex D-Type Flip-Flop 쨌 Quad D-Type Flip-Flop
logo
National Semiconductor ...
100351 NSC-100351 Datasheet
147Kb / 8P
   Low Power Hex D Flip-Flop
logo
NXP Semiconductors
74AUP1G79 PHILIPS-74AUP1G79 Datasheet
97Kb / 20P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 01-12 September 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com