Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-1393248-8 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 2-1393248-8
Description  One- and Two-Pole, Switchable Thermal Circuit Breaker / Power Switch With Optional Indicator Lamp
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1393248-8 Datasheet(HTML) 1 Page - Tyco Electronics

  2-1393248-8 Datasheet HTML 1Page - Tyco Electronics 2-1393248-8 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
114
P&B
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03 (PDF Rev. 9-05)
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
W33 series
One- and Two-Pole, Switchable
Thermal Circuit Breaker / Power Switch
With Optional Indicator Lamp
Time vs. Current Trip Curve @ +25°C
Ambient Compensation Chart
All Models
Overload
Trip Times
100%
135%
200%
400%
600%
800%
1000%
No Trip
Trip in 1 hour
3.0 - 33 Sec.
0.6 - 10 Sec.
0.34 - 5 Sec.
0.25 - 2.2 Sec.
0.20 - 0.6 Sec.
1000
900
800
700
600
500
400
300
200
100
0
.1
1
10
100
1000
Time In Seconds
–20 –10
0
102030405060
1.40
1.30
1.20
1.10
1.00
0.90
0.80
0.70
0.60
Ambient Temperature In Degrees Centigrade (°C)
To use this chart: Read up from the ambient
temperature to the curve, and across to find a
correction factor. Multiply the breaker rating by the
correction factor to determine the compensated
rating. Calculate the overloads in terms of the
compensated rating to use the published trip curve.
Features
• Combines on/off switch and circuit protection in a single unit.
• 2 to 20 amp ratings (<2A types available as special order).
• One or two pole sensing.
• Lighted or non-lighted rocker actuator in various colors.
• Convenient, snap-in mounting.
• Optional auxiliary switch available.
• Trip-free operation.
Electrical Data @ 25°C
Calibration: Breaker will continuously carry 100% of rated load. It may trip
between 101% and 135%, but must trip at 135% within one
hour at +25°C.
Dielectric Strength: Over 2,000 volts RMS.
Maximum Operating Voltages: 50VDC; 250VAC to 400 Hz.
Interrupt Capacity: 1,000 amps at 50VDC; 250VAC, 60 Hz. and
125/250VAC, 400 Hz.
1,500 amps at 125/250VAC, 60 Hz.
Resettable Overload Capacity: Ten times rated current.
Mechanical/Environmental Data
Termination: Poles 1&2: .250” (6.35mm) quick connect/solder terminals.
Opt. Aux. Sw.: .110”(2.79mm) quick connect terminals.
Mounting: Snaps into panel from front.
Actuator: Rocker or lighted rocker.
Shock: 30g tested to IEC 68-2-27, test Ea.
Vibration: 8g tested to IEC 68-2-6, test Fc.
Switch Endurance Cycling:
50,000 operations at rated load.
1,000 operations at 200% rated load.
Agency Approvals
W33 series is UL 1077 Recognized as Supplementary Protectors, File
E69543, and CSA Accepted as Supplementary Protectors (Appliance
Component Protectors), File LR15734.
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that users also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.


Similar Part No. - 2-1393248-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393248-0 MACOM-2-1393248-0 Datasheet
68Kb / 2P
   One- and Two-Pole, Switchable Thermal Circuit Breaker / Power Switch With Optional Indicator Lamp
2-1393248-1 MACOM-2-1393248-1 Datasheet
68Kb / 2P
   One- and Two-Pole, Switchable Thermal Circuit Breaker / Power Switch With Optional Indicator Lamp
2-1393248-2 MACOM-2-1393248-2 Datasheet
68Kb / 2P
   One- and Two-Pole, Switchable Thermal Circuit Breaker / Power Switch With Optional Indicator Lamp
2-1393248-5 MACOM-2-1393248-5 Datasheet
68Kb / 2P
   One- and Two-Pole, Switchable Thermal Circuit Breaker / Power Switch With Optional Indicator Lamp
2-1393248-6 MACOM-2-1393248-6 Datasheet
68Kb / 2P
   One- and Two-Pole, Switchable Thermal Circuit Breaker / Power Switch With Optional Indicator Lamp
More results

Similar Description - 2-1393248-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393248-0 MACOM-2-1393248-0 Datasheet
68Kb / 2P
   One- and Two-Pole, Switchable Thermal Circuit Breaker / Power Switch With Optional Indicator Lamp
2-1393248-2 MACOM-2-1393248-2 Datasheet
68Kb / 2P
   One- and Two-Pole, Switchable Thermal Circuit Breaker / Power Switch With Optional Indicator Lamp
2-1393248-5 MACOM-2-1393248-5 Datasheet
68Kb / 2P
   One- and Two-Pole, Switchable Thermal Circuit Breaker / Power Switch With Optional Indicator Lamp
2-1393248-1 MACOM-2-1393248-1 Datasheet
68Kb / 2P
   One- and Two-Pole, Switchable Thermal Circuit Breaker / Power Switch With Optional Indicator Lamp
2-1393248-6 MACOM-2-1393248-6 Datasheet
68Kb / 2P
   One- and Two-Pole, Switchable Thermal Circuit Breaker / Power Switch With Optional Indicator Lamp
2-1393248-7 MACOM-2-1393248-7 Datasheet
68Kb / 2P
   One- and Two-Pole, Switchable Thermal Circuit Breaker / Power Switch With Optional Indicator Lamp
2-1393248-9 MACOM-2-1393248-9 Datasheet
54Kb / 2P
   One- and Two-Pole Thermal Circuit Breaker
2-1423673-3 MACOM-2-1423673-3 Datasheet
102Kb / 2P
   Rocker-Actuated Thermal Circuit Breaker/Power Switch With Optional Indicator Lamp
2-1423608-1 MACOM-2-1423608-1 Datasheet
68Kb / 2P
   One- and Two-Pole, Switchable
logo
ETAL Group
1115-F111-P1T1 ETAL-1115-F111-P1T1 Datasheet
168Kb / 2P
   Single pole thermal reset circuit breaker
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com