Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100329PC Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # 100329PC
Description  Low Power Octal ECL/TTL Bidirectional Translator with Register
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

100329PC Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button 100329PC Datasheet HTML 3Page - Fairchild Semiconductor 100329PC Datasheet HTML 4Page - Fairchild Semiconductor 100329PC Datasheet HTML 5Page - Fairchild Semiconductor 100329PC Datasheet HTML 6Page - Fairchild Semiconductor 100329PC Datasheet HTML 7Page - Fairchild Semiconductor 100329PC Datasheet HTML 8Page - Fairchild Semiconductor 100329PC Datasheet HTML 9Page - Fairchild Semiconductor 100329PC Datasheet HTML 10Page - Fairchild Semiconductor 100329PC Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
www.fairchildsemi.com
10
Physical Dimensions inches (millimeters) unless otherwise noted
24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-010, 0.400 Wide
Package Number N24E


Similar Part No. - 100329PC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100329 NSC-100329 Datasheet
242Kb / 11P
   Low Power Octal ECL/TTL Bidirectional Translator with Register
logo
Lapp.
10032900 LAPP-10032900 Datasheet
126Kb / 2P
   EPIC® H-B 10 AG-LB
17.09.2018
logo
Turck, Inc.
1003291 TURCK-1003291 Datasheet
172Kb / 3P
   Inductive Sensor
11/07/2023
1003295 TURCK-1003295 Datasheet
178Kb / 3P
   Inductive Sensor
11/07/2023
logo
Fairchild Semiconductor
100329A FAIRCHILD-100329A Datasheet
88Kb / 8P
   Low Power Octal ECL/TTL Bidirectional Translator with Register
More results

Similar Description - 100329PC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
F100329 NSC-F100329 Datasheet
385Kb / 16P
   Low Power Octal ECL/TTL Bidirectional Translator with Register
logo
Fairchild Semiconductor
100329A FAIRCHILD-100329A Datasheet
88Kb / 8P
   Low Power Octal ECL/TTL Bidirectional Translator with Register
logo
National Semiconductor ...
100329 NSC-100329 Datasheet
242Kb / 11P
   Low Power Octal ECL/TTL Bidirectional Translator with Register
100328 NSC-100328 Datasheet
263Kb / 12P
   Low Power Octal ECL/TTL Bi-Directional Translator with Latch
logo
Fairchild Semiconductor
100328 FAIRCHILD-100328 Datasheet
140Kb / 14P
   Low Power Octal ECL/TTL Bi-Directional Translator with Latch
logo
National Semiconductor ...
F100328 NSC-F100328 Datasheet
394Kb / 16P
   Low Power Octal ECL/TTL Bi-Directional Translator with Latch
logo
Texas Instruments
SN10KHT5539 TI1-SN10KHT5539 Datasheet
103Kb / 6P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH OPEN-COLLECTOR OUTPUTS
SN100KT5541 TI1-SN100KT5541 Datasheet
121Kb / 8P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH 3-STATE OUTPUTS
SN10KHT5541 TI-SN10KHT5541 Datasheet
90Kb / 6P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH 3-STATE OUTPUTS
SN100KT5539 TI1-SN100KT5539 Datasheet
105Kb / 7P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH OPEN-COLLECTOR OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com