Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100322QC Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 100322QC
Description  Low Power 9-Bit Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

100322QC Datasheet(HTML) 2 Page - Fairchild Semiconductor

  100322QC Datasheet HTML 1Page - Fairchild Semiconductor 100322QC Datasheet HTML 2Page - Fairchild Semiconductor 100322QC Datasheet HTML 3Page - Fairchild Semiconductor 100322QC Datasheet HTML 4Page - Fairchild Semiconductor 100322QC Datasheet HTML 5Page - Fairchild Semiconductor 100322QC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum rating.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Note 2: ESD testing conforms to MIL-STD-883, Method 3015.
Commercial Version
DC Electrical Characteristics (Note 3)
VEE = −4.2V to 5.7V, VCC = VCCA = GND, TC = 0°C to +85°C
Note 3: The specified limits represent the “worst case” value for the parameter. Since these values normally occur at the temperature extremes, additional
noise immunity and guardbanding can be achieved by decreasing the allowable system operating ranges. Conditions for testing shown in the tables are cho-
sen to guarantee operation under “worst case” conditions.
DIP AC Electrical Characteristics
VEE = −4.2V to 5.7V, VCC = VCCA = GND
Note 4: The propagation delay specified is for single output switching. Delays may vary up to 200 ps with multiple outputs switching.
Storage Temperature (TSTG)
−65°C to +150°C
Maximum Junction Temperature (TJ)
+150°C
VEE Pin Potential to Ground Pin
−7.0V to +0.5V
Input Voltage (DC)
VEE to +0.5V
Output Current (DC Output HIGH)
−50 mA
ESD (Note 2)
≥ 2000V
Case Temperature (TC)
Commercial
0
°C to +85°C
Industrial
−40°C to +85°C
Supply Voltage (VEE)
−5.7V to −4.2V
Symbol
Parameter
Min
Typ
Max
Units
Conditions
VOH
Output HIGH Voltage
−1025
−955
−870
mV
VIN =VIH (Max)
Loading with
VOL
Output LOW Voltage
−1830
−1705
−1620
or VIL (Min)
50
Ω to −2.0V
VOHC
Output HIGH Voltage
−1035
mV
VIN = VIH(Min)
Loading with
VOLC
Output LOW Voltage
−1610
or VIL (Max)
50
Ω to −2.0V
VIH
Input HIGH Voltage
−1165
−870
mV
Guaranteed HIGH Signal
for All Inputs
VIL
Input LOW Voltage
−1830
−1475
mV
Guaranteed LOW Signal
for All Inputs
IIL
Input LOW Current
0.50
µAV
IN = VIL (Min)
IIH
Input HIGH Current
240
µAV
IN = VIH (Max)
IEE
Power Supply Current
−65
−30
mA
Inputs Open
Symbol
Parameter
TC = 0°CTC = +25°CTC = +85°C
Units
Conditions
Min
Max
Min
Max
Min
Max
tPLH
Propagation Delay
0.45
1.45
0.45
1.45
0.45
1.55
ns
Figures 1, 2
tPHL
Data to Output
(Note 4)
tTLH
Transition Time
0.35
1.20
0.35
1.20
0.35
1.20
ns
Figures 1, 2
tTHL
20% to 80%, 80% to 20%


Similar Part No. - 100322QC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100322 NSC-100322 Datasheet
104Kb / 6P
   Low Power 9-Bit Buffer
100322D NSC-100322D Datasheet
104Kb / 6P
   Low Power 9-Bit Buffer
100322F NSC-100322F Datasheet
104Kb / 6P
   Low Power 9-Bit Buffer
More results

Similar Description - 100322QC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100322 NSC-100322 Datasheet
104Kb / 6P
   Low Power 9-Bit Buffer
F100322 NSC-F100322 Datasheet
184Kb / 6P
   Low Power 9-Bit Buffer
logo
Micrel Semiconductor
SY100S322 MICREL-SY100S322 Datasheet
94Kb / 5P
   9-BIT BUFFER
logo
ON Semiconductor
MC10E122 ONSEMI-MC10E122 Datasheet
94Kb / 4P
   9-BIT BUFFER
1996 REV 2
logo
Micrel Semiconductor
SY100S322 MICREL-SY100S322_07 Datasheet
77Kb / 4P
   9-BIT BUFFER
SY100S322 MICREL-SY100S322_06 Datasheet
83Kb / 6P
   9-BIT BUFFER
SY10E122 MICREL-SY10E122 Datasheet
60Kb / 4P
   9-BIT BUFFER
logo
National Semiconductor ...
F100122 NSC-F100122 Datasheet
90Kb / 3P
   9-BIT BUFFER
logo
Micrel Semiconductor
SY10E122 MICREL-SY10E122_06 Datasheet
59Kb / 4P
   9-BIT BUFFER
logo
ON Semiconductor
MC10E122 ONSEMI-MC10E122_06 Datasheet
121Kb / 8P
   5V ECL 9-Bit Buffer
November, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com