Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSMBC-2-DV Datasheet(PDF) 1 Page - Major League Electronics

Part # LSMBC-2-DV
Description  .079 cl Dual Row - Vertical - Dual Entry Low Profile - Surface Mount Box Contact
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAJOR-LEAGUE [Major League Electronics]
Direct Link  http://www.mlelectronics.com
Logo MAJOR-LEAGUE - Major League Electronics

LSMBC-2-DV Datasheet(HTML) 1 Page - Major League Electronics

  LSMBC-2-DV Datasheet HTML 1Page - Major League Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mates with:
BSTC,
BSTCM,
BSTCR,
BSTCRSM,
BSTS,
TBSTC,
TBSTCM,
TBSTS,
TBSTCM,
TBSTS,
TSHC,
TSHCR,
TSHCRE,
TSHCRSM,
TSHR,
TSHRE,
TSHS,
TSHSCM,
TTSHC,
TTSHCR,
TTSHCRE,
TTSHR,
TTSHRE,
TTSHS,
TTSHSM
Products cut to specific sizes are uncancellable/nonreturnable
Parts are subject to change without notice
Specifications
Insertion Force - Single Contact only - H Plating:
1.8oz. (0,50N) avg with .0197 (0,50mm) sq. pin
Withdrawal Force - Single Contact only - H Plating:
0.6oz. (0,17N) avg with .0197 (0,50mm) sq. pin
Current Rating: 2.0 Ampere
Insulation Resistance: 1000MΩ Min.
Dielectric Withstanding: 500V AC
Contact Resistance: 20 mΩ Max.
Operating Temperature: -40°C to + 105°C
Max. Process Temperature:
Peak: 260°C up to 10 secs.
Process: 230°C up to 60 secs.
Wave: 260°C up to 6 secs.
Reflow: 260°C up to 10 secs.
Manual Solder: 350°C up to 5 secs.
Materials
Contact Material: Phosphor Bronze
Insulator Material: Nylon 6T
Plating: Au or Sn over 50µ" (1,27) Ni
4235 Earnings Way, New Albany, Indiana, 47150, USA
1-800-782-3486 (USA/Canada/Mexico)
Tel: 812-944-7244
Fax: 812-944-7268
E-mail: mle@mlelectronics.com
Web: www.mlelectronics.com
Row Specification
D = Dual Row
Pins Per Row
LSMBC-2 XX
D
XX
Ordering Information
02
XX
01 - 40
Packing Information
TR-P = Tape and Reel with Plastic Pick and Place pad
TB-P = Tube with Plastic Pick and Place pad
TB-0 = Tube without Pick and Place Pad
If left blank, packaging at MLE's discretion
Pad may be metal, mylar or plastic
XX
X
V
XXX
Vertical
Polarized Position
Leave blank if not needed
If required, specify empty pin position, e.g. 012 for Pin 12
Surface Mount
Plating Options
Matte Tin All Over
T
10µ Gold on Contact Area / Matte Tin on Tail
GT
G
10µ Gold on Contact Area / Flash on Tail
30µ Gold on Contact Area / Matte Tin on Tail
H
Gold Flash over Entire Pin
F
LF
Lead Free
Alignment Pin
Leave blank if not needed
AP = With
Major League Electronics .079 cl Low Profile - Surface Mount Box Contact - Vertical
13 FEB 07
LSMBC-2-DV SERIES
Low Profile - Surface Mount Box Contact
.079 cl Dual Row - Vertical - Dual Entry


Similar Part No. - LSMBC-2-DV

ManufacturerPart #DatasheetDescription
logo
Major League Electronic...
LSMBC-1-DV MAJOR-LEAGUE-LSMBC-1-DV Datasheet
110Kb / 2P
   .100cl Low Profile - Verticla Surface Mount Box Contact
More results

Similar Description - LSMBC-2-DV

ManufacturerPart #DatasheetDescription
logo
Major League Electronic...
ULSMBC-2-DV MAJOR-LEAGUE-ULSMBC-2-DV Datasheet
266Kb / 1P
   .079 cl Dual Row - Surface Mount Ultra Low Profile - Box Contact - Vertical
BCSS-2-DV MAJOR-LEAGUE-BCSS-2-DV Datasheet
237Kb / 1P
   .079 cl Dual Row Box Contact Socket Strip
SSHSM-2-DV MAJOR-LEAGUE-SSHSM-2-DV Datasheet
128Kb / 2P
   .079 cl Dual Row - Surface Mount Socket Strips - Vertical
SMBC-1-SS MAJOR-LEAGUE-SMBC-1-SS Datasheet
267Kb / 1P
   .100 cl Single Row Surface Mount Box Contact - Vertical
SMBC-1-SM MAJOR-LEAGUE-SMBC-1-SM Datasheet
267Kb / 1P
   .100 cl Single Row Surface Mount Box Contact - Vertical
TSHSM-2-DV MAJOR-LEAGUE-TSHSM-2-DV Datasheet
357Kb / 1P
   .079 cl Dual Row - Surface Mount Terminal Strip Headers - Vertical
TSHSCM-2-DV MAJOR-LEAGUE-TSHSCM-2-DV Datasheet
280Kb / 1P
   .079 cl Dual Row - Surface Mount Terminal Strip Headers - Vertical
LSMSS-7-D MAJOR-LEAGUE-LSMSS-7-D Datasheet
76Kb / 2P
   .039 cl Dual Row - Surface Mount Socket Strips - Low Profile - Top Entry
TTSHSM-2-DV MAJOR-LEAGUE-TTSHSM-2-DV Datasheet
730Kb / 1P
   .079 cl Dual Row - Surface Mount Thicker Terminal Strip Headers - Vertical
BCSS-2-SV MAJOR-LEAGUE-BCSS-2-SV Datasheet
235Kb / 1P
   .079 cl Single Row Box Contact Socket Strip
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com