Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100313QC Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # 100313QC
Description  Low Power Quad Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

100313QC Datasheet(HTML) 6 Page - Fairchild Semiconductor

  100313QC Datasheet HTML 1Page - Fairchild Semiconductor 100313QC Datasheet HTML 2Page - Fairchild Semiconductor 100313QC Datasheet HTML 3Page - Fairchild Semiconductor 100313QC Datasheet HTML 4Page - Fairchild Semiconductor 100313QC Datasheet HTML 5Page - Fairchild Semiconductor 100313QC Datasheet HTML 6Page - Fairchild Semiconductor 100313QC Datasheet HTML 7Page - Fairchild Semiconductor 100313QC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.fairchildsemi.com
6
Test Circuitry
Notes:
VCC, VCCA = +2V, VEE = −2.5V.
L1 and L2
= equal length 50Ω impedance lines.
RT = 50Ω terminator internal to scope.
Decoupling 0.1
µF from GND to V
CC and VEE.
All unused outputs are loaded with 50
Ω to GND.
CL = Fixture and stray capacitance ≤ 3 pF.
FIGURE 1. AC Test Circuit
Switching Waveforms
FIGURE 2. Propagation Delay and Transition Times


Similar Part No. - 100313QC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100313 NSC-100313 Datasheet
119Kb / 6P
   Low Power Quad Driver
100313D NSC-100313D Datasheet
119Kb / 6P
   Low Power Quad Driver
100313F NSC-100313F Datasheet
119Kb / 6P
   Low Power Quad Driver
More results

Similar Description - 100313QC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100313 NSC-100313 Datasheet
119Kb / 6P
   Low Power Quad Driver
logo
Linear Technology
LT1030CS LINER-LT1030CS Datasheet
124Kb / 2P
   Quad Low Power Line Driver?
LT1032 LINER-LT1032_02 Datasheet
205Kb / 12P
   Quad Low Power Line Driver
LT1030 LINER-LT1030 Datasheet
174Kb / 4P
   Quad Low Power Line Driver
LTC487 LINER-LTC487_05 Datasheet
113Kb / 8P
   Quad Low Power RS485 Driver
LT1032 LINER-LT1032 Datasheet
184Kb / 8P
   Quad Low Power Line Driver
LTC486 LINER-LTC486_05 Datasheet
113Kb / 8P
   Quad Low Power RS485 Driver
LTC486 LINER-LTC486_15 Datasheet
797Kb / 14P
   Quad Low Power RS485 Driver
LTC487 LINER-LTC487_15 Datasheet
178Kb / 12P
   Quad Low Power RS485 Driver
logo
Motorola, Inc
MC14C88B MOTOROLA-MC14C88B Datasheet
119Kb / 8P
   QUAD LOW POWER LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com