Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1000307QI Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 1000307QI
Description  Low Power Quint Exclusive OR/NOR Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1000307QI Datasheet(HTML) 3 Page - Fairchild Semiconductor

  1000307QI Datasheet HTML 1Page - Fairchild Semiconductor 1000307QI Datasheet HTML 2Page - Fairchild Semiconductor 1000307QI Datasheet HTML 3Page - Fairchild Semiconductor 1000307QI Datasheet HTML 4Page - Fairchild Semiconductor 1000307QI Datasheet HTML 5Page - Fairchild Semiconductor 1000307QI Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
Commercial Version (Continued)
PLCC AC Electrical Characteristics
VEE = −4.2V to 5.7V, VCC = VCCA = GND
Industrial Version
PLCC DC Electrical Characteristics (Note 4)
VEE = −4.2V to −5.7V, VCC = VCCA = GND, TC = −40°C to +85°C
Note 4: The specified limits represent the “worst case” value for the parameter. Since these values normally occur at the temperature extremes, additional
noise immunity and guardbanding can be achieved by decreasing the allowable system operating ranges. Conditions for testing shown in the tables are cho-
sen to guarantee operation under “worst case” conditions.
PLCC AC Electrical Characteristics
VEE = −4.2V to 5.7V, VCC = VCCA = GND
Symbol
Parameter
TC = 0°CTC = +25°CTC = +85°C
Units
Conditions
MinMax
MinMax
Min
Max
tPLH
Propagation Delay
0.55
1.70
0.55
1.60
0.55
1.70
ns
Figures 1, 2
tPHL
D2a–D2e to O, O
tPLH
Propagation Delay
0.55
1.50
0.55
1.40
0.55
1.50
ns
tPHL
D1a–D1e to O, O
tPLH
Propagation Delay
1.15
2.55
1.15
2.55
1.15
2.80
ns
tPHL
Data to F
tTLH
Transition Time
0.35
1.10
0.35
1.10
0.35
1.10
ns
tTHL
20% to 80%, 80% to 20%
Symbol
Parameter
TC = −40°CTC = 0°C to +85°C
Units
Conditions
Min
Max
Min
Max
VOH
Output HIGH Voltage
−1085
−870
−1025
−870
mV
VIN = VIH(Max)
Loading with
VOL
Output LOW Voltage
−1830
−1575
−1830
−1620
mV
or VIL(Min)
50
Ω to −2.0V
VOHC
Output HIGH Voltage
−1095
−1035
mV
VIN = VIH(Min)
Loading with
VOLC
Output LOW Voltage
−1565
−1610
mV
or VIL(Max)
50
Ω to −2.0V
VIH
Input HIGH Voltage
−1170
−870
−1165
−870
mV
Guaranteed HIGH Signal for All Inputs
VIL
Input LOW Voltage
−1830
−1480
−1830
−1475
mV
Guaranteed LOW Signal for All Inputs
IIL
Input LOW Current
0.50
0.50
µAV
IN = VIL(Min)
IIH
Input HIGH Current
D2a–D2e
250
250
µAV
IN = VIH(Max)
D1a–D1e
350
350
IEE
Power Supply Current
−69
−30
−69
−30
mA
Inputs Open
Symbol
Parameter
TC = −40°CTC = +25°CTC = +85°C
Units
Conditions
MinMax
MinMax
Min
Max
tPLH
Propagation Delay
0.45
1.70
0.55
1.60
0.55
1.70
ns
Figures 1, 2
tPHL
D2a–D2e to O, O
tPLH
Propagation Delay
0.45
1.50
0.55
1.40
0.55
1.50
ns
tPHL
D1a–D1e to O, O
tPLH
Propagation Delay
1.05
2.55
1.15
2.55
1.15
2.80
ns
tPHL
Data to F
tTLH
Transition Time
0.35
1.10
0.35
1.10
0.35
1.10
ns
tTHL
20% to 80%, 80% to 20%


Similar Part No. - 1000307QI

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
100030 PHOENIX-100030 Datasheet
716Kb / 11P
   QUINT-PS-100-240AC/24DC/10
logo
Lapp.
10003000 LAPP-10003000 Datasheet
135Kb / 2P
   EPIC® H-B 6 AG-LB
17.09.2018
logo
Weidmuller
1000300001 WEIDMULLER-1000300001 Datasheet
77Kb / 3P
   BLF 5.08/10/90F SN BK BX
More results

Similar Description - 1000307QI

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100307 NSC-100307 Datasheet
123Kb / 8P
   Low Power Quint Exclusive OR/NOR Gate
logo
Texas Instruments
100307 TI1-100307 Datasheet
138Kb / 7P
[Old version datasheet]   Low Power Quint Exclusive OR/NOR Gate
logo
National Semiconductor ...
F100107 NSC-F100107 Datasheet
99Kb / 4P
   QUINT EXCLUSIVE OR/NOR GATE
logo
Micrel Semiconductor
SY100S307 MICREL-SY100S307_10 Datasheet
387Kb / 4P
   QUINT EXCLUSIVE OR/NOR GATE
SY100S307 MICREL-SY100S307 Datasheet
97Kb / 5P
   QUINT EXCLUSIVE OR/NOR GATE
logo
Fairchild Semiconductor
100302 FAIRCHILD-100302 Datasheet
78Kb / 8P
   Low Power Quint 2-Input OR/NOR Gate
logo
Texas Instruments
100302 TI1-100302 Datasheet
135Kb / 7P
[Old version datasheet]   Low Power Quint 2-Input OR/NOR Gate
logo
National Semiconductor ...
100302 NSC-100302 Datasheet
106Kb / 6P
   Low Power Quint 2-Input OR/NOR Gate
logo
Hitachi Semiconductor
HD14070B HITACHI-HD14070B Datasheet
65Kb / 6P
   Quadruple Exclusive-OR Gate, Quadruple Exclusive-NOR Gate
logo
List of Unclassifed Man...
74S135FC ETC-74S135FC Datasheet
57Kb / 1P
   QUAD EXCLUSIVE-OR / NOR GATE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com