Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100304 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 100304
Description  Low Power Quint AND/NAND Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

100304 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  100304 Datasheet HTML 1Page - Fairchild Semiconductor 100304 Datasheet HTML 2Page - Fairchild Semiconductor 100304 Datasheet HTML 3Page - Fairchild Semiconductor 100304 Datasheet HTML 4Page - Fairchild Semiconductor 100304 Datasheet HTML 5Page - Fairchild Semiconductor 100304 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum rating.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Note 2: ESD testing conforms to MIL-STD-883, Method 3015.
Commercial Version
DC Electrical Characteristics (Note 3)
VEE = −4.2V to −5.7V, VCC = VCCA = GND, TC = 0°C to +85°C
Note 3: The specified limits represent the “worst case” value for the parameter. Since these values normally occur at the temperature extremes, additional
noise immunity and guardbanding can be achieved by decreasing the allowable system operating ranges. Conditions for testing shown in the tables are cho-
sen to guarantee operation under “worst case” conditions.
DIP AC Electrical Characteristics
VEE = −4.2V to −5.7V, VCC = VCCA = GND
PLCC AC Electrical Characteristics
VEE = −4.2V to −5.7V, VCC = VCCA = GND
Storage Temperature (TSTG)
−65°C to +150°C
Maximum Junction Temperature (TJ)
+150°C
VEE Pin Potential to Ground Pin
−7.0V to +0.5V
Input Voltage (DC)
VEE to +0.5V
Output Current (DC Output HIGH)
−50 mA
ESD (Note 2)
≥2000V
Case Temperature (TC)
Commercial
0
°C to +85°C
Industrial
−40°C to +85°C
Supply Voltage (VEE)
−5.7V to −4.2V
Symbol
Parameter
Min
Typ
Max
Units
Conditions
VOH
Output HIGH Voltage
−1025
−955
−870
mV
VIN =VIH (Max)
Loading with
VOL
Output LOW Voltage
−1830
−1705
−1620
mV
or VIL (Min)
50
Ω to −2.0V
VOHC
Output HIGH Voltage
−1035
mV
VIN = VIH(Min)
Loading with
VOLC
Output LOW Voltage
−1610
mV
or VIL (Max)
50
Ω to −2.0V
VIH
Input HIGH Voltage
−1165
−870
mV
Guaranteed HIGH Signal
for All Inputs
VIL
Input LOW Voltage
−1830
−1475
mV
Guaranteed LOW Signal
for All Inputs
IIL
Input LOW Current
0.50
µAV
IN = VIL (Min)
IIH
Input High Current
D2a–D2e
250
µAV
IN = VIH(Max)
D1a–D1e
350
IEE
Power Supply Current
−69
−43
−30
mA
Inputs open
Symbol
Parameter
TC = 0°CTC = +25°CTC = +85°C
Units
Conditions
Min
Max
Min
Max
Min
Max
tPLH
Propagation Delay
0.40
1.75
0.40
1.65
0.40
1.75
ns
tPHL
Dna–Dne to O, O
Figures 1, 2
tPLH
Propagation Delay
1.00
2.60
1.00
2.60
1.15
3.20
ns
tPHL
Data to F
tTLH
Transition Time
0.35
1.20
0.35
1.20
0.35
1.20
ns
tTHL
20% to 80%, 80% to 20%
Symbol
Parameter
TC = 0°CTC = +25°CTC = +85°C
Units
Conditions
Min
Max
Min
Max
Min
Max
tPLH
Propagation Delay
0.40
1.55
0.40
1.45
0.40
1.55
ns
tPHL
Dna–Dne to O, O
Figures 1, 2
tPLH
Propagation Delay
1.00
2.40
1.00
2.40
1.15
3.00
ns
tPHL
Data to F
tTLH
Transition Time
0.35
1.10
0.35
1.15
0.35
1.10
ns
tTHL
20% to 80%, 80% to 20%


Similar Part No. - 100304

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100304 NSC-100304 Datasheet
109Kb / 8P
   Low Power Quint AND/NAND Gate
logo
Texas Instruments
100304 TI1-100304 Datasheet
135Kb / 7P
[Old version datasheet]   Low Power Quint AND/NAND Gate
logo
Turck, Inc.
1003040 TURCK-1003040 Datasheet
178Kb / 4P
   Inductive Sensor
11/07/2023
logo
ERNI Electronics
100304020001 ERNI-100304020001 Datasheet
76Kb / 1P
   M 1.27 SRC P, 8 -polig KS
100304120001 ERNI-100304120001 Datasheet
97Kb / 1P
   Messerl. SMC-Q 26-SMD-BA8-13
More results

Similar Description - 100304

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
F100304 NSC-F100304 Datasheet
135Kb / 4P
   LOW POWER QUINT AND / NAND GATE
100304 NSC-100304 Datasheet
109Kb / 8P
   Low Power Quint AND/NAND Gate
logo
Texas Instruments
100304 TI1-100304 Datasheet
135Kb / 7P
[Old version datasheet]   Low Power Quint AND/NAND Gate
logo
Micrel Semiconductor
SY100S304 MICREL-SY100S304_07 Datasheet
79Kb / 4P
   QUINT AND/NAND GATE
SY100S304 MICREL-SY100S304 Datasheet
98Kb / 5P
   QUINT AND/NAND GATE
SY10E104 MICREL-SY10E104_0 Datasheet
64Kb / 4P
   QUINT 2-INPUT AND/NAND GATE
logo
ON Semiconductor
MC10E104 ONSEMI-MC10E104 Datasheet
102Kb / 4P
   QUINT 2-INPUT AND/NAND GATE
1996 REV 2
logo
Micrel Semiconductor
SY10E104 MICREL-SY10E104 Datasheet
70Kb / 4P
   QUINT 2-INPUT AND/NAND GATE
logo
ON Semiconductor
MC10E104 ONSEMI-MC10E104_06 Datasheet
78Kb / 7P
   5V ECL Quint 2-Input AND/NAND Gate
December, 2006 ??Rev. 7
MC10E104 ONSEMI-MC10E104_16 Datasheet
154Kb / 7P
   5 V ECL Quint 2?륤nput AND/NAND Gate
July, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com