Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVB3011 Datasheet(PDF) 9 Page - Agere Systems

Part # EVB3011
Description  1 GHz Quadrature Modulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

EVB3011 Datasheet(HTML) 9 Page - Agere Systems

Back Button EVB3011 Datasheet HTML 4Page - Agere Systems EVB3011 Datasheet HTML 5Page - Agere Systems EVB3011 Datasheet HTML 6Page - Agere Systems EVB3011 Datasheet HTML 7Page - Agere Systems EVB3011 Datasheet HTML 8Page - Agere Systems EVB3011 Datasheet HTML 9Page - Agere Systems EVB3011 Datasheet HTML 10Page - Agere Systems EVB3011 Datasheet HTML 11Page - Agere Systems EVB3011 Datasheet HTML 12Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Data Sheet
W3011
September 1999
1 GHz Quadrature Modulator
Lucent Technologies Inc.
9
Characteristic Curves
Conditions unless otherwise noted: VCC = 2.7; TA = 25
°C ± 3 °C; LOH = 755 MHz @ –12.5 dBm, LOL = 185
MHz @ –12.5 dBm; I/Q= 0.8 Vp-p
π/4 – DQPSK; α = 0.5 (random data); I/Q Vcm = 1.22 Vdc; LC filter = 10
nH//2.2 pF; RFOUT = 940 MHz.
APC VOLTAGE (V)
VCC = 2.7
VCC = 3.0
VCC = 3.3
–70
–60
–50
–40
–30
–20
–10
0
10
0.5
1.0
1.5
2.0
2.5
3.0
Figure 7. Output Power vs. APC and Supply
Voltage
–80
–70
–60
–50
–40
–30
–20
–10
0
10
0.5
1.0
1.5
2.0
2.5
3.0
APC VOLTAGE (V)
25 °C
–20 °C
85 °C
Figure 8. Output Power vs. APC Voltage and
Temperature
30
35
40
45
50
55
60
–70
–60 –50 –40
–30
–20
–10
0
10
RF OUTPUT (dBm)
VCC = 2.7
VCC = 3.0
VCC = 3.3
Figure 9. Supply Current vs. Output Power
0
5
10
15
20
25
30
35
40
45
50
–60
–50
–40
–30
–20
–10
0
10
OUTPUT POWER (dBm)
LO = –15 dBm
LO = –10 dBm
LO = –5 dBm
Figure 10. Carrier Suppression vs. Output
Power and LO Level


Similar Part No. - EVB3011

ManufacturerPart #DatasheetDescription
logo
Agere Systems
EVB3013A AGERE-EVB3013A Datasheet
145Kb / 12P
   W3013 Indirect Quadrature Modulator with Gain Control
More results

Similar Description - EVB3011

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8110GR-E1 NEC-UPC8110GR-E1 Datasheet
42Kb / 4P
   1 GHz QUADRATURE MODULATOR
UPC8110GR NEC-UPC8110GR_00 Datasheet
75Kb / 6P
   1 GHz QUADRATURE MODULATOR
logo
Analog Devices
AD8346 AD-AD8346 Datasheet
190Kb / 12P
   0.8 GHz-2.5 GHz Quadrature Modulator
REV. 0
logo
Texas Instruments
TRF3703 TI-TRF3703_08 Datasheet
746Kb / 25P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF3701 TI-TRF3701 Datasheet
79Kb / 5P
[Old version datasheet]   0.6 GHz to 1.0 GHz QUADRATURE MODULATOR
TRF3703 TI-TRF3703_07 Datasheet
659Kb / 26P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
logo
Analog Devices
AD8346EVAL AD-AD8346EVAL Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
logo
Texas Instruments
TRF3702 TI-TRF3702 Datasheet
655Kb / 36P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
logo
Analog Devices
AD8346 AD-AD8346_15 Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
logo
Texas Instruments
TRF370317 TI1-TRF370317_15 Datasheet
1Mb / 33P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com