Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUCW3011FCL Datasheet(PDF) 1 Page - Agere Systems

Part # LUCW3011FCL
Description  1 GHz Quadrature Modulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LUCW3011FCL Datasheet(HTML) 1 Page - Agere Systems

  LUCW3011FCL Datasheet HTML 1Page - Agere Systems LUCW3011FCL Datasheet HTML 2Page - Agere Systems LUCW3011FCL Datasheet HTML 3Page - Agere Systems LUCW3011FCL Datasheet HTML 4Page - Agere Systems LUCW3011FCL Datasheet HTML 5Page - Agere Systems LUCW3011FCL Datasheet HTML 6Page - Agere Systems LUCW3011FCL Datasheet HTML 7Page - Agere Systems LUCW3011FCL Datasheet HTML 8Page - Agere Systems LUCW3011FCL Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
W3011
1 GHz Quadrature Modulator
Data Sheet
September 1999
Features
+ Guaranteed performance at 2.7 V power supply
+ Output power of 3 dBm into 50 Ω load (single-
ended) with 3 V operation
+ Direct RF modulation with or without offset mixer
+ Automatic power control (APC) capability
+ Accurate 90° phase shifter for carrier
+ Double-balanced active mixers minimize carrier
feedthrough (origin offset)
+ Low-current sleep mode
Applications
+ PDC 800 and American digital cellular mobile
terminals
+ Cellular base stations
Description
The W3011 1 GHz Quadrature Modulator is a
monolithic integrated circuit that provides direct
modulation of an RF carrier by I & Q baseband
inputs. It is particularly suited for use in mobile and
handheld cellular telephones designed to the IS-136
(North American 824 MHz to 849 MHz), PDC
(Japan RCR-STD27 889 MHz to 958 MHz), and
other digital personal-communications standards.
The circuit block diagram is shown in Figure 1. From
two LO signals, LOL and LOH, the offset mixer
produces an internal LO signal, which prevents the
external VCOs from being pulled by the large
transmitted signal. The phase shifter splits the LO
signal into two carriers with 90° phase separation
and equal amplitude.
These signals are fed to the in-phase (I) and
quadrature-phase (Q) double-balanced mixers. The
resulting signals are summed and fed into the output
amplifier. This amplifier can provide 0 dBm linear
output power, minimum, into a 50
Ω load.
The output power can be attenuated up to 50 dB by
applying a control voltage to the APC input.
Nominally, the output power is at maximum
(+3 dBm) with VAPC > 2.2 V, and at minimum
(–50 dBm) with VAPC < 0.8 V.
A CMOS/TTL-compatible logic input allows the
device to be put into a powerdown mode in which
less than 10 µA of supply current is consumed.
BIAS AND CONTROL
VCC
ENABLE
GROUND
φ
EXTERNAL FILTER
OR
DIRECT LO INPUT
APC
RFOUT
π/4
+π/4
Q
I
LOL IN
50
LOH IN
50
Figure 1. Circuit Block Diagram


Similar Part No. - LUCW3011FCL

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LUCW3000CCN AGERE-LUCW3000CCN Datasheet
327Kb / 28P
   W3000 PLL Dual-Band Frequency Synthesizer
LUCW3000CCN-TR AGERE-LUCW3000CCN-TR Datasheet
327Kb / 28P
   W3000 PLL Dual-Band Frequency Synthesizer
LUCW3020CCS AGERE-LUCW3020CCS Datasheet
409Kb / 44P
   GSM Multiband RF Transceiver
LUCW3020CCS-DB AGERE-LUCW3020CCS-DB Datasheet
409Kb / 44P
   GSM Multiband RF Transceiver
LUCW3030ACA AGERE-LUCW3030ACA Datasheet
429Kb / 22P
   W3030 3 V Dual-Mode IF Cellular Receiver
More results

Similar Description - LUCW3011FCL

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8110GR-E1 NEC-UPC8110GR-E1 Datasheet
42Kb / 4P
   1 GHz QUADRATURE MODULATOR
UPC8110GR NEC-UPC8110GR_00 Datasheet
75Kb / 6P
   1 GHz QUADRATURE MODULATOR
logo
Analog Devices
AD8346 AD-AD8346 Datasheet
190Kb / 12P
   0.8 GHz-2.5 GHz Quadrature Modulator
REV. 0
logo
Texas Instruments
TRF3703 TI-TRF3703_08 Datasheet
746Kb / 25P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF3701 TI-TRF3701 Datasheet
79Kb / 5P
[Old version datasheet]   0.6 GHz to 1.0 GHz QUADRATURE MODULATOR
TRF3703 TI-TRF3703_07 Datasheet
659Kb / 26P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
logo
Analog Devices
AD8346EVAL AD-AD8346EVAL Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
logo
Texas Instruments
TRF3702 TI-TRF3702 Datasheet
655Kb / 36P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
logo
Analog Devices
AD8346 AD-AD8346_15 Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
logo
Texas Instruments
TRF370317 TI1-TRF370317_15 Datasheet
1Mb / 33P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com