Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUCW3000CCN-TR Datasheet(PDF) 6 Page - Agere Systems

Part # LUCW3000CCN-TR
Description  W3000 PLL Dual-Band Frequency Synthesizer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LUCW3000CCN-TR Datasheet(HTML) 6 Page - Agere Systems

Back Button LUCW3000CCN-TR Datasheet HTML 2Page - Agere Systems LUCW3000CCN-TR Datasheet HTML 3Page - Agere Systems LUCW3000CCN-TR Datasheet HTML 4Page - Agere Systems LUCW3000CCN-TR Datasheet HTML 5Page - Agere Systems LUCW3000CCN-TR Datasheet HTML 6Page - Agere Systems LUCW3000CCN-TR Datasheet HTML 7Page - Agere Systems LUCW3000CCN-TR Datasheet HTML 8Page - Agere Systems LUCW3000CCN-TR Datasheet HTML 9Page - Agere Systems LUCW3000CCN-TR Datasheet HTML 10Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Advance Data Sheet
W3000 PLL Dual-Band Frequency Synthesizer
December 1999
Lucent Technologies Inc.
6
Electrical Characteristics
Table 2. General Specifications
Conditions (unless otherwise specified): VDD = 2.7 V; TA = 25 °C ± 3 °C; VREF = 0.25 Vp-p, VDDC = 2.85 V.
Parameters
Symbol
Min
Typ
Max
Unit
Ambient Operating Temperature
TA
–30
25
85
°C
Nominal Operating Voltage
VDD
2.7
2.85
3.6
V
Nominal Charge Pump Operating Voltage
VDDC
VDD
2.85
3.6
V
Power Supply Current
IDD
5.1
8.0
mA
Powerdown Current
IDD
0.1
20
µA
Digital Inputs:
Logic High Voltage
VIH
0.7 * VDD
VDD
VDD + 0.15
V
Logic Low Voltage
VIL
– 0.3
GND
0.3 * VDD
V
Logic High Current (VIH = VDD + 0.15 V)
|IIH|
10
µA
Logic Low Current (VIL = –0.3 V)
|IIL|
10
µA
Digital Outputs:
Logic High Voltage (|IOH| = 2 mA)
VOH
VDD – 0.4
V
Logic Low Voltage (|IOL| = 2 mA)
VOL
0.4
V
† (IDD1 + IDD2 + IDDC) under locked condition, VDDC = 2.85 V; fVCO.= 1200 MHz; fREF = 13 MHz.
‡ (IDD1 + IDD2 + IDDC) VIL = 0 Vdc on all logic input pins.
Table 3. Electrical Specifications
Conditions (unless otherwise specified): VDD = 2.7 V; TA = 25 °C ± 3 °C; VREF = 0.25 Vp-p, VDDC = 2.85 V.
Parameter
Symbol
Min
Typ
Max
Unit
Main Input Frequency Range
fVCO
0.5
2.2
GHz
Main Input Level (1100 MHz—1750 MHz)
VMAIN
–20
6
dBm/50
Ω*
Main Input Level
VMAIN
–10
6
dBm/50
Ω*
Reference Input Frequency Range
fREF
8
30
MHz
Reference Input Shunt Resistance
20
30
k
Reference Input Shunt Capacitance
1.2
3
pF
Reference Input Slew Rate
41
60
mV/ns
Reference Input Level
VREF
0.25
2.00
Vp-p
Phase Detector Comparison Frequency
fCOMP
0.025
2
MHz
External Resistor Value (pin 9 to VDDC)
10
18
k
Phase Detector Range
–2
π
2
π
rad.
Phase Detector Noise Floor,
±150 Hz
offset (25 kHz comparison frequency)
–167
dBc/Hz
*Equivalent voltage of a 50
Ω terminated source.
† Frequencies outside the 1100 MHz—1750 MHz range and up to and including 2200 MHz.
‡ fVCO = 1190 MHz; VREF = 1.4 Vp-p.


Similar Part No. - LUCW3000CCN-TR

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LUCW3011FCL AGERE-LUCW3011FCL Datasheet
199Kb / 12P
   1 GHz Quadrature Modulator
LUCW3020CCS AGERE-LUCW3020CCS Datasheet
409Kb / 44P
   GSM Multiband RF Transceiver
LUCW3020CCS-DB AGERE-LUCW3020CCS-DB Datasheet
409Kb / 44P
   GSM Multiband RF Transceiver
LUCW3030ACA AGERE-LUCW3030ACA Datasheet
429Kb / 22P
   W3030 3 V Dual-Mode IF Cellular Receiver
LUCW3030ACA-DB AGERE-LUCW3030ACA-DB Datasheet
429Kb / 22P
   W3030 3 V Dual-Mode IF Cellular Receiver
More results

Similar Description - LUCW3000CCN-TR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB15C100 FUJITSU-MB15C100 Datasheet
285Kb / 28P
   IF Band PLL Frequency Synthesizer
MB15C103 FUJITSU-MB15C103 Datasheet
150Kb / 16P
   IF Band PLL Frequency Synthesizer
MB15C101 FUJITSU-MB15C101 Datasheet
151Kb / 17P
   IF Band PLL Frequency Synthesizer
logo
Motorola, Inc
MC145149 MOTOROLA-MC145149 Datasheet
157Kb / 12P
   Dual PLL Frequency Synthesizer
logo
Rohm
BU2630F ROHM-BU2630F Datasheet
143Kb / 8P
   Dual PLL frequency synthesizer
logo
Sanyo Semicon Device
LM7006 SANYO-LM7006 Datasheet
275Kb / 7P
   Dual PLL Frequency Synthesizer Circuit
logo
Toshiba Semiconductor
TB31251FL TOSHIBA-TB31251FL Datasheet
573Kb / 15P
   1.4GHz DUAL-PLL FREQUENCY SYNTHESIZER
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com