Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USS-820D Datasheet(PDF) 11 Page - Agere Systems

Part # USS-820D
Description  USS-820D USB Device Controller
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

USS-820D Datasheet(HTML) 11 Page - Agere Systems

Back Button USS-820D Datasheet HTML 7Page - Agere Systems USS-820D Datasheet HTML 8Page - Agere Systems USS-820D Datasheet HTML 9Page - Agere Systems USS-820D Datasheet HTML 10Page - Agere Systems USS-820D Datasheet HTML 11Page - Agere Systems USS-820D Datasheet HTML 12Page - Agere Systems USS-820D Datasheet HTML 13Page - Agere Systems USS-820D Datasheet HTML 14Page - Agere Systems USS-820D Datasheet HTML 15Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
Agere Systems Inc.
11
Data Sheet, Rev. 4
June 2001
USB Device Controller
USS-820D
Register Timing Characteristics (continued)
Table 5. Register Access Timing—Special Function Register (SFR) Write
5-5353
Figure 7. Register Access Timing—SFR Write
Symbol
Parameter
Min
Unit
tWRASU
Write Address Setup Time (starts before the trailing edge of WRN or
IOCSN, whichever is first)
60
ns
tWRAHD
Write Address Hold (starts after the trailing edge of WRN or IOCSN,
whichever is first)
−10
ns
tWRPW
Write Minimum Pulse Width (from the leading edge of WRN or IOCSN,
whichever is last, to the trailing edge of WRN or IOCSN, whichever is
first)
23
ns
tWRDSU
Write Data Setup (from data valid to the trailing edge of WRN or IOCSN,
whichever is first)
60
ns
tWRDHD
Write Data Hold (from the trailing edge of WRN or IOCSN, whichever is
first, to data not valid)
−10
ns
tWRREC
Recovery Time Between Write Attempts (from the trailing edge of WRN
or IOCSN, whichever is first, to the next leading edge of WRN or IOCSN,
whichever is last)
23
ns
tWRRECC
Recovery Time Between Write Completes (from the trailing edge of WRN
or IOCSN, whichever is first, to the next trailing edge of WRN or IOCSN,
whichever is first)
86
ns
IOCSN
WRN
A
D
tWRRECC
tWRPW
tWRASU
tWRAHD
tWRDSU
VALID
VALID
VALID
VALID
tWRDHD
tWRREC


Similar Part No. - USS-820D

ManufacturerPart #DatasheetDescription
logo
Agere Systems
USS-820FD AGERE-USS-820FD Datasheet
890Kb / 56P
   USB Device Controller
More results

Similar Description - USS-820D

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML60851C OKI-ML60851C Datasheet
413Kb / 67P
   USB Device Controller
logo
Mitsubishi Electric Sem...
M66290AGP MITSUBISHI-M66290AGP Datasheet
435Kb / 53P
   USB DEVICE CONTROLLER
logo
Renesas Technology Corp
M66290AGP RENESAS-M66290AGP Datasheet
451Kb / 54P
   USB DEVICE CONTROLLER
logo
List of Unclassifed Man...
PL-2351 ETC-PL-2351 Datasheet
31Kb / 1P
   USB Device Controller
logo
OKI electronic componet...
ML60851A OKI-ML60851A Datasheet
325Kb / 45P
   USB Device Controller
ML60851E OKI-ML60851E Datasheet
358Kb / 84P
   USB Device Controller
ML60851D OKI-ML60851D Datasheet
705Kb / 82P
   USB Device Controller
ML60852A OKI-ML60852A Datasheet
335Kb / 81P
   USB Device Controller
ML60852 OKI-ML60852 Datasheet
451Kb / 81P
   USB Device Controller
logo
Agere Systems
USS-820FD AGERE-USS-820FD Datasheet
890Kb / 56P
   USB Device Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com