Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TTRN012G7 Datasheet(PDF) 6 Page - Agere Systems

Part # TTRN012G7
Description  TTRN012G5 (2.5 Gbits/s) and TTRN012G7 (2.5 Gbits/s and 2.7 Gbits/s) Clock Synthesizer, 16:1 Data Multiplexer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TTRN012G7 Datasheet(HTML) 6 Page - Agere Systems

Back Button TTRN012G7 Datasheet HTML 2Page - Agere Systems TTRN012G7 Datasheet HTML 3Page - Agere Systems TTRN012G7 Datasheet HTML 4Page - Agere Systems TTRN012G7 Datasheet HTML 5Page - Agere Systems TTRN012G7 Datasheet HTML 6Page - Agere Systems TTRN012G7 Datasheet HTML 7Page - Agere Systems TTRN012G7 Datasheet HTML 8Page - Agere Systems TTRN012G7 Datasheet HTML 9Page - Agere Systems TTRN012G7 Datasheet HTML 10Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
TTRN012G5 and TTRN012G7
Preliminary Data Sheet
Clock Synthesizer, 16:1 Data Multiplexer
August 2000
6
Lucent Technologies Inc.
Pin Information (continued)
Table 2. Pin Descriptions—155.52 Mbits/s and Related Signals
Note: In Table 2, when operating the TTRN012G7 device at the OC-48/STM-16 rate, 155 Mbits/s should be inter-
preted as 155.52 Mbits/s. When operating the TTRN012G7 device at the RS FEC OC-48/STM-16 rate,
155 Mbits/s should be interpreted as 166.62 Mbits/s. (A similar interpretation should be made for 155 MHz.)
* Differential pairs are indicated by P and N suffixes. For nondifferential pins, N at the end of the symbol name designates active-low.
† I = input, O = output. Iu indicates an internal pull-up resistor on this pin.
Pin
Symbol*
Type
Level
Name/Description
99
D15P
I
LVPECL
Data Input (155 Mbits/s). 155 Mbits/s differential data input.
D15 is the most significant bit and is transmitted first on the
D2G5P/N output.
98
D15N
97
D14P
LVPECL
96
D14N
94
D13P
LVPECL
93
D13N
92
D12P
LVPECL
91
D12N
89
D11P
LVPECL
88
D11N
87
D10P
LVPECL
86
D10N
84
D9P
LVPECL
83
D9N
82
D8P
LVPECL
81
D8N
79
D7P
LVPECL
78
D7N
77
D6P
LVPECL
76
D6N
74
D5P
LVPECL
73
D5N
72
D4P
LVPECL
71
D4N
69
D3P
LVPECL
68
D3N
67
D2P
LVPECL
66
D2N
62
D1P
LVPECL
61
D1N
60
D0P
LVPECL
59
D0N


Similar Part No. - TTRN012G7

ManufacturerPart #DatasheetDescription
logo
Tokyo Coil Engineering ...
TTRN-038S TCE-TTRN-038S Datasheet
127Kb / 1P
   Transformer
TTRN-0520H TCE-TTRN-0520H Datasheet
127Kb / 1P
   Transformer
TTRN-0525PH TCE-TTRN-0525PH Datasheet
126Kb / 1P
   Transformer
TTRN-0530H TCE-TTRN-0530H Datasheet
126Kb / 1P
   Transformer
TTRN-060S TCE-TTRN-060S Datasheet
120Kb / 1P
   Transformer
More results

Similar Description - TTRN012G7

ManufacturerPart #DatasheetDescription
logo
Agere Systems
TRCV012G5 AGERE-TRCV012G5 Datasheet
500Kb / 28P
   TRCV012G5 (2.5 Gbits/s) and TRCV012G7 (2.5 Gbits/s and 2.7 Gbits/s) Limiting Amplifier, Clock Recovery, 1:16 Data Demultiplexer
ORLI10G AGERE-ORLI10G Datasheet
1Mb / 72P
   Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
logo
NXP Semiconductors
TZA3014 PHILIPS-TZA3014 Datasheet
162Kb / 28P
   2.5 Gbits/s postamplifier with level detector
2001 Jun 25
logo
Agere Systems
TA16 AGERE-TA16 Datasheet
476Kb / 28P
   TA16-Type 2.5 Gbits/s Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
1417K5A AGERE-1417K5A Datasheet
159Kb / 14P
   NetLight 1417K5A 2.5 Gbits/s 1300 nm Laser Transceiver with Clock and Data Recovery
2417K4A AGERE-2417K4A Datasheet
129Kb / 12P
   NetLight 2417K4A 1300 nm Laser 2.5 Gbits/s Transceiver
CA16 AGERE-CA16 Datasheet
464Kb / 30P
   CA16-Type 2.5 Gbits/s DWDM Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
1417K6S AGERE-1417K6S Datasheet
205Kb / 14P
   NetLight 1417K6S 2.5 Gbits/s 1300 nm Laser Transceiver
D374 AGERE-D374 Datasheet
56Kb / 8P
   D374-Type Digital Uncooled 2.5 Gbits/s Laser Module
1417K4A AGERE-1417K4A Datasheet
194Kb / 10P
   NetLight 1417K4A 1300 nm Laser 2.5 Gbits/s Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com