Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1529MU135TBG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP1529MU135TBG
Description  1.7MHz, 1A, High Efficiency, Low Ripple, Adjustable Output Voltage Step-down Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1529MU135TBG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP1529MU135TBG Datasheet HTML 3Page - ON Semiconductor NCP1529MU135TBG Datasheet HTML 4Page - ON Semiconductor NCP1529MU135TBG Datasheet HTML 5Page - ON Semiconductor NCP1529MU135TBG Datasheet HTML 6Page - ON Semiconductor NCP1529MU135TBG Datasheet HTML 7Page - ON Semiconductor NCP1529MU135TBG Datasheet HTML 8Page - ON Semiconductor NCP1529MU135TBG Datasheet HTML 9Page - ON Semiconductor NCP1529MU135TBG Datasheet HTML 10Page - ON Semiconductor NCP1529MU135TBG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
NCP1529
http://onsemi.com
7
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VIN, INPUT VOLTAGE (V)
Figure 9. Standby Current vs. Input Voltage
(Enable = 0, Temperature = 255C)
27
28
29
30
31
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN, INPUT VOLTAGE (V)
Figure 10. Quiescent Current vs. Input Voltage
(Open Loop, Feedback = 1,
Temperature = 255C)
0
10
20
30
40
50
60
70
80
90
100
0
200
400
600
800
1000
IOUT, OUTPUT CURRENT (mA)
Figure 11. Efficiency vs. Output Current
(VIN = 3.3 V, VOUT = 1.2 V)
25°C
85°C
−40°C
0
10
20
30
40
50
60
70
80
90
100
0
200
400
600
800
1000
IOUT, OUTPUT CURRENT (mA)
Figure 12. Efficiency vs. Output Current
(Vout = 1.2 V, Temperature = 255C)
5.5 V
VBAT = 2.7 V
3.3 V
IOUT, OUTPUT CURRENT (mA)
Figure 13. Efficiency vs. Output Current
(VIN = 3.6 V, Temperature = 255C)
VOUT = 0.9 V
3.3 V
1.2 V
0
10
20
30
40
50
60
70
80
90
100
0
200
400
600
800
1000
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
2.1
2.2
−60
−20
20
60
100
TA, AMBIENT TEMPERATURE (°C)
Figure 14. Switching Frequency vs. Ambient
Temperature (Vout = 1.2 V, Iout = 200 mA)
VIN = 2.7 V
3.6 V
5.5 V


Similar Part No. - NCP1529MU135TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1529 ONSEMI-NCP1529 Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
NCP1529 ONSEMI-NCP1529_10 Datasheet
252Kb / 16P
   1.7MHz, 1A, High Efficiency, Low Ripple, Adjustable Output Voltage Step-down Converter
September, 2010 ??Rev. 5
More results

Similar Description - NCP1529MU135TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1529 ONSEMI-NCP1529_10 Datasheet
252Kb / 16P
   1.7MHz, 1A, High Efficiency, Low Ripple, Adjustable Output Voltage Step-down Converter
September, 2010 ??Rev. 5
logo
Richtek Technology Corp...
RT8060 RICHTEK-RT8060 Datasheet
269Kb / 10P
   1.5MHz, 1A High Efficiency Step-Down Converter
logo
Linear Technology
LTC3637EMSE LINER-LTC3637EMSE Datasheet
726Kb / 8P
   High Efficiency 76V, 1A Step-Down Converter
logo
Richtek Technology Corp...
RT8060A RICHTEK-RT8060A Datasheet
235Kb / 10P
   1.5MHz, 1A High Efficiency Step-Down Converter
logo
ON Semiconductor
NCV894530 ONSEMI-NCV894530 Datasheet
88Kb / 8P
   High Efficiency Low Voltage Step-Down Converter
September, 2015 ??Rev. 2
NCV894630 ONSEMI-NCV894630 Datasheet
88Kb / 9P
   High Efficiency Low Voltage Step-Down Converter
September, 2015 ??Rev. 1
logo
Monolithic Power System...
MP28114 MPS-MP28114 Datasheet
505Kb / 11P
   Ultra-small 1.7MHz, 600mA, Low-Voltage Synchronous Step-Down Converter
logo
ams AG
AS1382 AMSCO-AS1382 Datasheet
636Kb / 20P
   1A, High Efficiency, DC-DC Step Down Converter
logo
Fairchild Semiconductor
FAN2001 FAIRCHILD-FAN2001 Datasheet
329Kb / 11P
   1A High-Efficiency Step-Down DC-DC Converter
logo
ON Semiconductor
FAN2002 ONSEMI-FAN2002 Datasheet
451Kb / 13P
   1A High-Efficiency Step-Down DC-DC Converter
April 2005 Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com