Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1529ASNT1G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP1529ASNT1G
Description  1.7MHz, 1A, High Efficiency, Low Ripple, Adjustable Output Voltage Step-down Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1529ASNT1G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP1529ASNT1G Datasheet HTML 7Page - ON Semiconductor NCP1529ASNT1G Datasheet HTML 8Page - ON Semiconductor NCP1529ASNT1G Datasheet HTML 9Page - ON Semiconductor NCP1529ASNT1G Datasheet HTML 10Page - ON Semiconductor NCP1529ASNT1G Datasheet HTML 11Page - ON Semiconductor NCP1529ASNT1G Datasheet HTML 12Page - ON Semiconductor NCP1529ASNT1G Datasheet HTML 13Page - ON Semiconductor NCP1529ASNT1G Datasheet HTML 14Page - ON Semiconductor NCP1529ASNT1G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
NCP1529
http://onsemi.com
11
Soft−Start
The NCP1529 uses soft−start to limit the inrush current
when the device is initially powered up or enabled. Soft start
is implemented by gradually increasing the reference
voltage until it reaches the full reference voltage. During
startup, a pulsed current source charges the internal
soft−start capacitor to provide gradually increasing
reference voltage. When the voltage across the capacitor
ramps up to the nominal reference voltage, the pulsed
current source will be switched off and the reference voltage
will switch to the regular reference voltage.
Cycle−by−cycle Current Limitation
From the block diagram, an ILIM comparator is used to
realize cycle−by−cycle current limit protection. The
comparator compares the SW pin voltage with the reference
voltage, which is biased by a constant current. If the inductor
current reaches the limit, the ILIM comparator detects the
SW voltage falling below the reference voltage and releases
the signal to turn off the switch Q1. The cycle−by−cycle
current limit is set at 1600 mA (nom).
Low Dropout Operation
The NCP1529 offers a low input to output voltage
difference. The NCP1529 can operate at 100% duty cycle.
In this mode the PMOS (Q1) remains completely ON. The
minimum input voltage to maintain regulation can be
calculated as:
Vout + VOUT(max) ) IOUT RDS(on)_RINDUCTOR
(eq. 1)
VOUT: Output Voltage (V)
IOUT: Max Output Current
RDS(on): P−Channel Switch RDS(on)
RINDUCTOR: Inductor Resistance (DCR)
Undervoltage Lockout
The Input voltage VIN must reach 2.4 V (typ) before the
NCP1529 enables the DC/DC converter output to begin the
start up sequence (see soft−start section). The UVLO
threshold hysteresis is typically 100 mV.
Shutdown Mode
Forcing this pin to a voltage below 0.4 V will shut down
the IC. In shutdown mode, the internal reference, oscillator
and most of the control circuitries are turned off. Therefore,
the typical current consumption will be 0.3
mA (typical
value). Applying a voltage above 1.2 V to EN pin will enable
the DC/DC converter for normal operation. The device will
go through soft−start to normal operation.
Thermal Shutdown
Internal Thermal Shutdown circuitry is provided to
protect the integrated circuit in the event that the maximum
junction Temperature is exceeded. If the junction
temperature exceeds 180
°C, the device shuts down. In this
mode all power transistors and control circuits are turned
off. The device restarts in soft−start after the temperature
drops below 140
°C. This feature is provided to prevent
catastrophic failures from accidental device overheating.
Short Circuit Protection
When the output is shorted to ground, the device limits the
inductor current. The duty−cycle is minimum and the
consumption on the input line is 550 mA (typ). When the
short circuit condition is removed, the device returns to the
normal mode of operation.
USB or 5 V Rail Powered Applications
For USB or 5 V rail powered applications, NCP1529 is
able to supply voltages up to 3.9 V, 600 mA, operating in
PWM mode only, with high efficiency (Figure 28), low
output voltage ripple and good load regulation results over
all current range (Figure 29).
40
45
50
55
60
65
70
75
80
85
90
95
100
0
200
400
600
800
1000
IOUT, OUTPUT CURRENT (mA)
Figure 28. Efficiency vs. Output Current
(VIN = 5.0 V, VOUT = 3.9 V)
25°C
85°C
−40°C
−3.0
−2.5
−2.0
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
200
400
600
800
1000
IOUT, OUTPUT CURRENT (mA)
Figure 29. Load Regulation vs. Output Current
(VIN = 5.0 V, VOUT = 3.9 V)
25°C
85°C
−40°C


Similar Part No. - NCP1529ASNT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1529 ONSEMI-NCP1529 Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
NCP1529 ONSEMI-NCP1529_10 Datasheet
252Kb / 16P
   1.7MHz, 1A, High Efficiency, Low Ripple, Adjustable Output Voltage Step-down Converter
September, 2010 ??Rev. 5
More results

Similar Description - NCP1529ASNT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1529 ONSEMI-NCP1529_10 Datasheet
252Kb / 16P
   1.7MHz, 1A, High Efficiency, Low Ripple, Adjustable Output Voltage Step-down Converter
September, 2010 ??Rev. 5
logo
Richtek Technology Corp...
RT8060 RICHTEK-RT8060 Datasheet
269Kb / 10P
   1.5MHz, 1A High Efficiency Step-Down Converter
logo
Linear Technology
LTC3637EMSE LINER-LTC3637EMSE Datasheet
726Kb / 8P
   High Efficiency 76V, 1A Step-Down Converter
logo
Richtek Technology Corp...
RT8060A RICHTEK-RT8060A Datasheet
235Kb / 10P
   1.5MHz, 1A High Efficiency Step-Down Converter
logo
ON Semiconductor
NCV894530 ONSEMI-NCV894530 Datasheet
88Kb / 8P
   High Efficiency Low Voltage Step-Down Converter
September, 2015 ??Rev. 2
NCV894630 ONSEMI-NCV894630 Datasheet
88Kb / 9P
   High Efficiency Low Voltage Step-Down Converter
September, 2015 ??Rev. 1
logo
Monolithic Power System...
MP28114 MPS-MP28114 Datasheet
505Kb / 11P
   Ultra-small 1.7MHz, 600mA, Low-Voltage Synchronous Step-Down Converter
logo
ams AG
AS1382 AMSCO-AS1382 Datasheet
636Kb / 20P
   1A, High Efficiency, DC-DC Step Down Converter
logo
Fairchild Semiconductor
FAN2001 FAIRCHILD-FAN2001 Datasheet
329Kb / 11P
   1A High-Efficiency Step-Down DC-DC Converter
logo
ON Semiconductor
FAN2002 ONSEMI-FAN2002 Datasheet
451Kb / 13P
   1A High-Efficiency Step-Down DC-DC Converter
April 2005 Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com