Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC24052 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC24052
Description  12V, 6A High-Efficiency Buck Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC24052 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC24052 Datasheet HTML 3Page - Micrel Semiconductor MIC24052 Datasheet HTML 4Page - Micrel Semiconductor MIC24052 Datasheet HTML 5Page - Micrel Semiconductor MIC24052 Datasheet HTML 6Page - Micrel Semiconductor MIC24052 Datasheet HTML 7Page - Micrel Semiconductor MIC24052 Datasheet HTML 8Page - Micrel Semiconductor MIC24052 Datasheet HTML 9Page - Micrel Semiconductor MIC24052 Datasheet HTML 10Page - Micrel Semiconductor MIC24052 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Micrel, Inc.
MIC24052
December 2012
7
M9999-120312-A
Typical Characteristics (Continued)
0.0
0.2
0.4
0.6
0.8
1.0
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN Operating Supply Current
vs. Temperature
VIN = 12V
V
OUT = 1.8V
I
OUT = 0A
SWITCHING
0
2
4
6
8
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN Shutdown Current
vs. Temperature
VIN = 12V
I
OUT = 0A
V
EN = 0V
0
1
2
3
4
5
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VDD UVLO Threshold
vs. Temperature
RISING
FALLING
HYST
0.792
0.796
0.800
0.804
0.808
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
Feedback Voltage
vs. Temperature
VIN = 12V
V
OUT = 1.8V
I
OUT = 1A
-1.00%
-0.75%
-0.50%
-0.25%
0.00%
0.25%
0.50%
0.75%
1.00%
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
Load Regulation
vs. Temperature
VIN = 12V
V
OUT = 1.8V
I
OUT = 1A TO 6A
-0.2%
-0.1%
0.0%
0.1%
0.2%
0.3%
0.4%
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
Line Regulation
vs. Temperature
VIN = 4.5V to 19V
V
OUT = 1.8V
I
OUT = 1A
500
550
600
650
700
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
Switching Frequency
vs. Temperature
VIN = 12V
V
OUT = 1.8V
I
OUT = 1A
2
3
4
5
6
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VDD
vs. Temperature
VIN = 12V
I
OUT = 0A
0
5
10
15
20
25
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
Output Current Limit
vs. Temperature
VIN = 12V
V
OUT = 1.8V


Similar Part No. - MIC24052

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC24052 MICROCHIP-MIC24052 Datasheet
1Mb / 34P
   6A Output Current Capability
11/07/16
More results

Similar Description - MIC24052

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC24051 MICREL-MIC24051 Datasheet
1Mb / 30P
   12V, 6A High-Efficiency Buck Regulator
MIC24054 MICREL-MIC24054 Datasheet
1Mb / 30P
   12V, 9A High-Efficiency Buck Regulator
MIC24055 MICREL-MIC24055 Datasheet
1Mb / 29P
   12V, 12A High-Efficiency Buck Regulator
MIC24056 MICREL-MIC24056 Datasheet
1Mb / 30P
   12V, 12A High-Efficiency Buck Regulator
MIC24053 MICREL-MIC24053 Datasheet
1Mb / 30P
   12V, 9A High-Efficiency Buck Regulator
logo
List of Unclassifed Man...
ZSPM4022-06 ETC2-ZSPM4022-06 Datasheet
1Mb / 38P
   12V/6A Synchronous DC/DC Buck Regulator
logo
Renesas Technology Corp
ZSPM4022-06 RENESAS-ZSPM4022-06 Datasheet
1Mb / 37P
   12V/6A Synchronous DC/DC Buck Regulator
January 28, 2016
logo
Micrel Semiconductor
MIC22602 MICREL-MIC22602 Datasheet
855Kb / 24P
   1MHz, 6A Integrated Switch High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8016_1105 INTERSIL-ISL8016_1105 Datasheet
1Mb / 22P
   6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL8016 INTERSIL-ISL8016 Datasheet
1Mb / 22P
   6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com