Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMFT1N10 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MMFT1N10
Description  MEDIUM POWER TMOS FET 1 AMP 100 VOLTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMFT1N10 Datasheet(HTML) 4 Page - Motorola, Inc

  MMFT1N10 Datasheet HTML 1Page - Motorola, Inc MMFT1N10 Datasheet HTML 2Page - Motorola, Inc MMFT1N10 Datasheet HTML 3Page - Motorola, Inc MMFT1N10 Datasheet HTML 4Page - Motorola, Inc MMFT1N10 Datasheet HTML 5Page - Motorola, Inc MMFT1N10 Datasheet HTML 6Page - Motorola, Inc MMFT1N10 Datasheet HTML 7Page - Motorola, Inc MMFT1N10 Datasheet HTML 8Page - Motorola, Inc MMFT1N10 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MMFT1N10E
4
Motorola TMOS Power MOSFET Transistor Device Data
FORWARD BIASED SAFE OPERATING AREA
The FBSOA curves define the maximum drain–to–source
voltage and drain current that a device can safely handle
when it is forward biased, or when it is on, or being turned on.
Because these curves include the limitations of simultaneous
high voltage and high current, up to the rating of the device,
they are especially useful to designers of linear systems. The
curves are based on an ambient temperature of 25
°C and a
maximum junction temperature of 150
°C. Limitations for re-
petitive pulses at various ambient temperatures can be de-
termined by using the thermal response curves. Motorola
Application Note, AN569, “Transient Thermal Resistance–
General Data and Its Use” provides detailed instructions.
SWITCHING SAFE OPERATING AREA
The switching safe operating area (SOA) is the boundary
that the load line may traverse without incurring damage to
the MOSFET. The fundamental limits are the peak current,
IDM and the breakdown voltage, BVDSS. The switching SOA
is applicable for both turn–on and turn–off of the devices for
switching times less than one microsecond.
Figure 7. Maximum Rated Forward Biased
Safe Operating Area
VGS = 20 V
SINGLE PULSE
TA = 25°C
10
0.1
1
0.1
0.01
0.001
1
10
100
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
DC
20 ms
1 s
500 ms
100 ms
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
Figure 8. Thermal Response
1.0
0.1
0.001
1.0E–05
1.0E–04
1.0E–03
1.0E–02
1.0E–01
1.0E+00
t, TIME (s)
0.1
0.01
0.2
0.02
0.01
D = 0.5
SINGLE PULSE
0.05
R
θJA(t) = r(t) RθJA
R
θJA = 156°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TA = P(pk) R
θJA(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
1.0E+01
COMMUTATING SAFE OPERATING AREA (CSOA)
The Commutating Safe Operating Area (CSOA) of Figure 10 defines the limits of safe operation for commutated source–drain
current versus re–applied drain voltage when the source–drain diode has undergone forward bias. The curve shows the limita-
tions of IFM and peak VDS for a given rate of change of source current. It is applicable when waveforms similar to those of Figure
9 are present. Full or half–bridge PWM DC motor controllers are common applications requiring CSOA data.
Device stresses increase with increasing rate of change of source current so dIS/dt is specified with a maximum value. Higher
values of dIS/dt require an appropriate derating of IFM, peak VDS or both. Ultimately dIS/dt is limited primarily by device, package,
and circuit impedances. Maximum device stress occurs during trr as the diode goes from conduction to reverse blocking.
VDS(pk) is the peak drain–to–source voltage that the device must sustain during commutation; IFM is the maximum forward
source–drain diode current just prior to the onset of commutation.
VR is specified at 80% rated BVDSS to ensure that the CSOA stress is maximized as IS decays from IRM to zero.
RGS should be minimized during commutation. TJ has only a second order effect on CSOA.
Stray inductances in Motorola’s test circuit are assumed to be practical minimums. dVDS/dt in excess of 10 V/ns was at-
tained with dIS/dt of 400 A/µs.


Similar Part No. - MMFT1N10

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMFT107T1 MOTOROLA-MMFT107T1 Datasheet
118Kb / 6P
   MEDIUM POWER TMOS FET 250 mA, 200 VOLTS
logo
ON Semiconductor
MMFT107T1 ONSEMI-MMFT107T1 Datasheet
78Kb / 8P
   Power MOSFET 250 mA, 200 Volts
November, 2000 ??Rev. 4
MMFT107T1D ONSEMI-MMFT107T1D Datasheet
78Kb / 8P
   Power MOSFET 250 mA, 200 Volts
November, 2000 ??Rev. 4
MMFT107T3 ONSEMI-MMFT107T3 Datasheet
78Kb / 8P
   Power MOSFET 250 mA, 200 Volts
November, 2000 ??Rev. 4
logo
Motorola, Inc
MMFT108T1 MOTOROLA-MMFT108T1 Datasheet
91Kb / 6P
   TMOS FET TRANSISTOR N-CHANNEL - ENHANCEMENT
More results

Similar Description - MMFT1N10

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMFT3055E MOTOROLA-MMFT3055E Datasheet
238Kb / 10P
   MEDIUM POWER TMOS FET 1.7 AMP 60 VOLTS
MMFT2955E MOTOROLA-MMFT2955E Datasheet
178Kb / 10P
   TMOS MEDIUM POWER FET 1.2 AMP 60 VOLTS
MMFT3055EL MOTOROLA-MMFT3055EL Datasheet
236Kb / 10P
   MEDIUM POWER LOGIC LEVEL TMOS FET 1.5 AMP 60 VOLTS
MMFT2N02EL MOTOROLA-MMFT2N02EL Datasheet
250Kb / 10P
   MEDIUM POWER LOGIC LEVEL TMOS FET 1.6 AMP 20 VOLTS
MTB33N10E MOTOROLA-MTB33N10E Datasheet
266Kb / 10P
   TMOS POWER FET 33 AMPERES 100 VOLTS
MMFT960T1 MOTOROLA-MMFT960T1 Datasheet
122Kb / 6P
   MEDIUM POWER TMOS FET 300 mA 60 VOLTS
MMFT107T1 MOTOROLA-MMFT107T1 Datasheet
118Kb / 6P
   MEDIUM POWER TMOS FET 250 mA, 200 VOLTS
MMFT2406T1 MOTOROLA-MMFT2406T1 Datasheet
90Kb / 6P
   MEDIUM POWER TMOS FET 700 mA 240 VOLTS
MMFT5P03HD MOTOROLA-MMFT5P03HD Datasheet
198Kb / 12P
   TMOS MEDIUM POWER FET 5.2 AMPERES 30 VOLTS
MTB40N10E MOTOROLA-MTB40N10E Datasheet
192Kb / 10P
   TMOS POWER FET 40 AMPERES 100 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com