Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB0603N2400ANTR Datasheet(PDF) 5 Page - AVX Corporation

Part # DB0603N2400ANTR
Description  Thin-Film Directional Couplers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

DB0603N2400ANTR Datasheet(HTML) 5 Page - AVX Corporation

  DB0603N2400ANTR Datasheet HTML 1Page - AVX Corporation DB0603N2400ANTR Datasheet HTML 2Page - AVX Corporation DB0603N2400ANTR Datasheet HTML 3Page - AVX Corporation DB0603N2400ANTR Datasheet HTML 4Page - AVX Corporation DB0603N2400ANTR Datasheet HTML 5Page - AVX Corporation DB0603N2400ANTR Datasheet HTML 6Page - AVX Corporation DB0603N2400ANTR Datasheet HTML 7Page - AVX Corporation DB0603N2400ANTR Datasheet HTML 8Page - AVX Corporation DB0603N2400ANTR Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
59
3
Thin-Film Directional Couplers
DB0603N 3dB 90° Couplers
Thin-Film Directional Couplers
DB0603N 3dB 90° Couplers
2200MHz to 2600MHz DB0603N2400ANTR
Phase Balance
-8
-4
0
4
8
2200
2300
2400
2500
2600
Frequency (MHz)
Isolation
-30
-28
-26
-24
-22
-20
2200
2300
2400
2500
2600
Frequency (MHz)


Similar Part No. - DB0603N2400ANTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
DB0603N2017ANTR AVX-DB0603N2017ANTR Datasheet
66Kb / 3P
   Miniature 0603 size
More results

Similar Description - DB0603N2400ANTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CP0805SMD AVX-CP0805SMD Datasheet
169Kb / 6P
   Thin-Film Directional Couplers
CP0805 AVX-CP0805 Datasheet
162Kb / 5P
   Thin-Film Directional Couplers
CP0603 AVX-CP0603 Datasheet
264Kb / 7P
   Thin-Film Directional Couplers
CP0603SMD AVX-CP0603SMD Datasheet
126Kb / 4P
   Thin-Film Directional Couplers
DB0805 AVX-DB0805 Datasheet
104Kb / 13P
   Thin-Film Directional Couplers
CP0402 AVX-CP0402 Datasheet
235Kb / 5P
   Thin-Film Directional Couplers
CP0302P5425ENTR AVX-CP0302P5425ENTR Datasheet
101Kb / 2P
   Thin Film Directional Couplers WiFi Band High Directivity
CP0402W2700FNTR AVX-CP0402W2700FNTR Datasheet
287Kb / 3P
   Thin Film Directional Couplers Wide Band High Directivity
logo
TDK Electronics
TFSC06054125-2113A1 TDK-TFSC06054125-2113A1 Datasheet
74Kb / 6P
   Thin-film Directional Coupler
TFSC06053925-2111B2X TDK-TFSC06053925-2111B2X Datasheet
106Kb / 6P
   Thin-Film Directional Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com