Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA16N1FAA Datasheet(PDF) 11 Page - Agere Systems

Part # TA16N1FAA
Description  TA16-Type 2.5 Gbits/s Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TA16N1FAA Datasheet(HTML) 11 Page - Agere Systems

Back Button TA16N1FAA Datasheet HTML 7Page - Agere Systems TA16N1FAA Datasheet HTML 8Page - Agere Systems TA16N1FAA Datasheet HTML 9Page - Agere Systems TA16N1FAA Datasheet HTML 10Page - Agere Systems TA16N1FAA Datasheet HTML 11Page - Agere Systems TA16N1FAA Datasheet HTML 12Page - Agere Systems TA16N1FAA Datasheet HTML 13Page - Agere Systems TA16N1FAA Datasheet HTML 14Page - Agere Systems TA16N1FAA Datasheet HTML 15Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11
Agere Systems Inc.
Data Sheet
TA16-Type 2.5 Gbits/s Transponder with
March 2001
16-Channel 155 Mbits/s Multiplexer/Demulitplexer
Pin Descriptions (continued)
Table 3. TA16-Type Transponder Output Pin Descriptions
Pin Name
Pin Description
RxQ[0:15]P
RxQ[0:15]N
16-bit Differential LVPECL Parallel Output Data Bus. RxQ[0:15] is the
155 Mbyte/s 16-bit output word. RxQ15P/N is the most significant bit of the received
word and is the first bit serialized. RxQ00P/N is the least significant bit of the
received word and is the last bit serialized. RxQ[0:15]P/N is updated on the falling
edge of POCLk.
POCLKP
POCLKN
Differential LVPECL Parallel Output Clock. A 155 MHz nominally 50% duty cycle,
byte rate output clock that is aligned to the RxQ[0:15] byte serial output data.
RxQ[0:15] and FP are updated on the falling edge of POCLK.
FP
Frame Pulse (LVPECL). Indicates frame boundaries in the received serial data
stream. If framing pattern detection is enabled (FRAMEN high and OOF), FP pulses
high for one POCLK cycle when a 32-bit sequence matching the framing pattern is
detected in the received serial data. FP is updated on the falling edge of POCLK.
SEARCH
A1 A2 Frame Search Output (LVTTL). A high on this output pin indicates that the
frame detection circuit is active and is searching for a new A1 A2 byte alignment.
This output will be high during the entire A1 A2 frame search. Once a new alignment
is found, this signal will remain high for a minimum of one 155 MHz clock period
beyond the third A2 byte before it will be set low.
LOS
Loss of Signal (LVTTL). A low on this output indicates a loss of lock by the clock
recovery circuit in the optical receiver.
LSRBIAS
Laser Bias (Analog). Provides an indication of the health of the laser in the trans-
mitter. This output changes at the rate of 20 mV/mA of bias current. If this output
voltage reaches 1.4 V (70 mA of bias), the automatic power control circuit is strug-
gling to maintain output power. This may indicate that the transmitter has reached an
end-of-life condition.
LSRALRM
Laser Degrade Alarm (5 V CMOS). A logic low on this output indicates that the
transmitter’s automatic power control circuits are unable to maintain the nominal out-
put power. This output becomes active when the optical output power degrades 2 dB
below the nominal operating power.
LPM
Laser Power Monitor (Analog). Provides an indication of the output power level
from the transmitter laser. This output is set at 500 mV for the nominal transmitter
optical output power. If the optical power decreases by 3 dB, this output will drop to
approximately 250 mV, and if the output power should increase by 3 dB, this output
will increase to 1000 mV.
PCLKP/N
Parallel Byte Clock (Differential LVPECL). A byte-rate reference clock generated
by dividing the internal 2.488 GHz serial bit clock by 16. This output is normally used
to synchronize byte-wide transfers from upstream logic into the TA16 transponder.
See timing discussion for additional details, page 17.
PHERR
Phase Error Signal (Single-Ended LVPECL). This signal pulses high during each
PCLK cycle for which there is potential setup/hold timing violations between the inter-
nal byte clock and the PICLK timing domains. PHERR is updated on the falling edge
of the PICLK output. For a detailed explanation, see the sectionon Transmitter Data
Input Timing on page 17.
IDPMON
Receiver Photodiode Current Monitor (Analog). This output provides a current
output that is a mirror of the photocurrent generated by the optical receiver’s photo-
diode (APD or PIN).
LOCKDET
Lock Detect (LVTTL). This output goes low after the transmit side PLL has locked to
the clock signal provided at the TXREFCLK input pins. LOCKDET is an asynchronous
output.


Similar Part No. - TA16N1FAA

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TA16 TIMOTION-TA16 Datasheet
873Kb / 10P
   Max. load 4,500N (push) ; 2,500N (pull)
20231215-Q
logo
Beijing Yaohuadechang E...
TA16-01 YHDC-TA16-01 Datasheet
1Mb / 1P
   Primary core built-in type current transformer
TA16-02 YHDC-TA16-02 Datasheet
1Mb / 1P
   Primary core built-in type current transformer
TA16-03 YHDC-TA16-03 Datasheet
1Mb / 1P
   Primary core built-in type current transformer
logo
Kingbright Corporation
TA16-11 KINGBRIGHT-TA16-11 Datasheet
168Kb / 5P
   37mm (1.4 INCH ) 5 X 8 SINGLE COLOR DOT MATRIX DISPLAYS
More results

Similar Description - TA16N1FAA

ManufacturerPart #DatasheetDescription
logo
Agere Systems
CA16 AGERE-CA16 Datasheet
464Kb / 30P
   CA16-Type 2.5 Gbits/s DWDM Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
TTRN012G5 AGERE-TTRN012G5 Datasheet
394Kb / 22P
   TTRN012G5 (2.5 Gbits/s) and TTRN012G7 (2.5 Gbits/s and 2.7 Gbits/s) Clock Synthesizer, 16:1 Data Multiplexer
TRCV012G5 AGERE-TRCV012G5 Datasheet
500Kb / 28P
   TRCV012G5 (2.5 Gbits/s) and TRCV012G7 (2.5 Gbits/s and 2.7 Gbits/s) Limiting Amplifier, Clock Recovery, 1:16 Data Demultiplexer
ORLI10G AGERE-ORLI10G Datasheet
1Mb / 72P
   Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
logo
NXP Semiconductors
TZA3047A PHILIPS-TZA3047A Datasheet
135Kb / 28P
   30 Mbits/s up to 1.25 Gbits/s laser drivers
2003 Jun 05
TZA3014 PHILIPS-TZA3014 Datasheet
162Kb / 28P
   2.5 Gbits/s postamplifier with level detector
2001 Jun 25
logo
Agere Systems
TMXF84622 AGERE-TMXF84622 Datasheet
902Kb / 62P
   TMXF84622 155 Mbits/s/622 Mbits/s Interface SONET/SDH x84/x63 Ultramapper
logo
Vitesse Semiconductor C...
VSC8061FI VITESSE-VSC8061FI Datasheet
684Kb / 20P
   2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset
logo
Agere Systems
D374 AGERE-D374 Datasheet
56Kb / 8P
   D374-Type Digital Uncooled 2.5 Gbits/s Laser Module
logo
NXP Semiconductors
TZA3017HW PHILIPS-TZA3017HW Datasheet
220Kb / 52P
   30 Mbits/s up to 3.2 Gbits/s A-rate fibre optic transmitter
2003 May 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com