Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T8538B Datasheet(PDF) 1 Page - Agere Systems

Part # T8538B
Description  T8538B Quad Programmable Codec
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

T8538B Datasheet(HTML) 1 Page - Agere Systems

  T8538B Datasheet HTML 1Page - Agere Systems T8538B Datasheet HTML 2Page - Agere Systems T8538B Datasheet HTML 3Page - Agere Systems T8538B Datasheet HTML 4Page - Agere Systems T8538B Datasheet HTML 5Page - Agere Systems T8538B Datasheet HTML 6Page - Agere Systems T8538B Datasheet HTML 7Page - Agere Systems T8538B Datasheet HTML 8Page - Agere Systems T8538B Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
Preliminary Data Sheet
August 2001
T8538B Quad Programmable Codec
Features
s
3.3 V operation
s
Per-channel programmable gains, equalization,
termination impedance, and hybrid balance
s
Programmable
µ-law, linear, or A-law modes:
— Up to 256 time slots per frame
— Supports PCM data rates of 512 kbits/s to
16.384 Mbits/s
— Double-clock mode timing compatible with
ISDN standard interfaces
s
Fully programmable time-slot assignment with bit
offset
s
Analog and digital loopback test modes
s
Serial microprocessor interface:
— Normal and byte-by-byte control modes
— Fast scan mode
s
Six bidirectional control leads per channel, for
SLIC and line card function control
s
Differential analog output:
— Mates directly to SLICs, eliminating external
components
s
Sigma-delta converters with dither noise reduction
s
Quad design to minimize package count on dense
line card applications
s
Meets or exceeds ITU-T G.711—G.712 and rele-
vant
Telcordia TechnologiesTM requirements
Description
The device consists of four independent channels of
codec and digital signal processing functions on one
chip. In addition to the classic A-to-D and D-to-A con-
version, each channel provides termination imped-
ance synthesis and a hybrid balance network.
The device is controlled by a serial microprocessor
interface, and a series of bidirectional I/O leads are
provided so that this control mechanism can be uti-
lized to operate the battery feed device, ringing volt-
age switches, etc. Common data and clock paths can
be shared over any number of devices. All the filter
coefficients, signal processing, SLIC, and test fea-
tures are accessible through this interface. This
serial interface can be operated at speeds up to
16 Mbits/s.
The choice of a PCM bus is also programmable, with
any channel capable of being assigned to any time
slot. The PCM bus can be operated at speeds up to
16.384 Mbits/s, allowing for a maximum of 256 time
slots. Separate transmit and receive interfaces are
available for 4-wire bus designs, or they can be
strapped together for a 2-wire PCM bus.
The device is available in two packages.
The T8538B 64-pin TQFP features five data latches
per channel and the 100-pin TQFP features six data
latches per channel.
Both devices are pin-compatible with the T8536B 5 V
quad programmable codecs.


Similar Part No. - T8538B

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T8531 AGERE-T8531 Datasheet
999Kb / 48P
   T8502 and T8503 Dual PCM Codecs with Filters
T8531A AGERE-T8531A Datasheet
888Kb / 50P
   T8531A/8532 Multichannel Programmable Codec Chip Set
T8532 AGERE-T8532 Datasheet
999Kb / 48P
   T8502 and T8503 Dual PCM Codecs with Filters
T8532 AGERE-T8532 Datasheet
888Kb / 50P
   T8531A/8532 Multichannel Programmable Codec Chip Set
T8533 AGERE-T8533 Datasheet
890Kb / 48P
   T8533/34 Quad Programmable Line Card Signal Processor
More results

Similar Description - T8538B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
821024 RENESAS-821024 Datasheet
919Kb / 15P
   QUAD NON-PROGRAMMABLE PCM CODEC
JUNE 25, 2014
logo
Integrated Device Techn...
821024 IDT-821024_14 Datasheet
696Kb / 14P
   QUAD NON-PROGRAMMABLE PCM CODEC
logo
Agere Systems
T8535B AGERE-T8535B Datasheet
929Kb / 50P
   T8535B/T8536B Quad Programmable Codec
logo
Renesas Technology Corp
821004J RENESAS-821004J Datasheet
1,003Kb / 16P
   QUAD NON-PROGRAMMABLE PCM CODEC
NOVEMBER 2020
logo
Integrated Device Techn...
IDT821024 IDT-IDT821024 Datasheet
247Kb / 13P
   QUAD NON-PROGRAMMABLE PCM CODEC
logo
Silicon Laboratories
SI3206 SILABS-SI3206 Datasheet
213Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
SI3245 SILABS-SI3245 Datasheet
208Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
logo
Renesas Technology Corp
IDT821034 RENESAS-IDT821034 Datasheet
466Kb / 20P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
2003
logo
Integrated Device Techn...
IDT821034 IDT-IDT821034 Datasheet
253Kb / 19P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
IDT82V1054A IDT-IDT82V1054A Datasheet
492Kb / 42P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com