Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T8535B Datasheet(PDF) 7 Page - Agere Systems

Part # T8535B
Description  T8535B/T8536B Quad Programmable Codec
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

T8535B Datasheet(HTML) 7 Page - Agere Systems

Back Button T8535B Datasheet HTML 3Page - Agere Systems T8535B Datasheet HTML 4Page - Agere Systems T8535B Datasheet HTML 5Page - Agere Systems T8535B Datasheet HTML 6Page - Agere Systems T8535B Datasheet HTML 7Page - Agere Systems T8535B Datasheet HTML 8Page - Agere Systems T8535B Datasheet HTML 9Page - Agere Systems T8535B Datasheet HTML 10Page - Agere Systems T8535B Datasheet HTML 11Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
Agere Systems Inc.
7
Preliminary Data Sheet
September 2001
T8535B/T8536B Quad Programmable Codec
Pin Information (continued)
5-8126 (F)
Figure 3. 68-Pin PLCC Pin Diagram
Table 3. Pin Assignments, 68-Pin PLCC, Per-Channel Functions
Ckt
Name
Type
Name/Description
ab
c
d
21
34
35
48
AGND
GND
Analog Ground. A common AGND, DGND, SGND plane is
highly recommended.
20
33
36
49
VDD
PWR
Analog Power Supply.
19
32
37
50
VFXII
Voice Frequency Transmit Input. This node requires a 10 M
or 20 M
Ω resistance to AGND. The value is dependent upon the
gain of the XAG amplifier (register 146). 20 M
Ω can be used for
any gain setting, 10 M
Ω can only be used for XAG gain settings
of 0 dB and +6.02 dB.
18
31
38
51
VFROP
O
Voice Frequency Receive Output, Positive Polarity. This pin
can drive 2000
Ω (or greater) loads.
17
30
39
52
VFRON
O
Voice Frequency Receive Output, Negative Polarity. This pin
can drive 2000
Ω (or greater) loads.
16
29
41
53
SLIC0
I/O
SLIC Control 0.
15
27
42
54
SLIC1
I/O
SLIC Control 1.
9
264361
SLIC2
I/O
SLIC Control 2.
8
254463
SLIC3
I/O
SLIC Control 3.
7
234664
SLIC4
I/O
SLIC Control 4.
6
224762
SLIC5
I/O
SLIC Control 5.
6
4
3
2
1 68676665 64
5
7
8
963 62 61
40
38
37
36
35
34
33
32
31
30
39
41 42 43
29
28
27
23
21
20
19
18
17
16
15
14
13
22
SLIC0a
VDDa
FILTV
PVCO
SGND
SLIC5b
DGND
SLIC2b
VFROPa
24
25
26
12
11
10
SLIC1a
VFXIa
PVCOIN
PLLT
AGNDa
SLIC4b
SLIC3b
VFRONa
47
49
50
51
52
53
54
55
56
57
48
SLIC1d
VFXId
DR
DGND
FS
AGNDd
SLIC4c
SLIC3c
VFRONd
46
45
44
58
59
60
VDD
VFROPd
DX
BCLK
VDDd
SLIC5c
DGND
SLIC0d


Similar Part No. - T8535B

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T8531 AGERE-T8531 Datasheet
999Kb / 48P
   T8502 and T8503 Dual PCM Codecs with Filters
T8531A AGERE-T8531A Datasheet
888Kb / 50P
   T8531A/8532 Multichannel Programmable Codec Chip Set
T8532 AGERE-T8532 Datasheet
999Kb / 48P
   T8502 and T8503 Dual PCM Codecs with Filters
T8532 AGERE-T8532 Datasheet
888Kb / 50P
   T8531A/8532 Multichannel Programmable Codec Chip Set
T8533 AGERE-T8533 Datasheet
890Kb / 48P
   T8533/34 Quad Programmable Line Card Signal Processor
More results

Similar Description - T8535B

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T8538B AGERE-T8538B Datasheet
847Kb / 44P
   T8538B Quad Programmable Codec
logo
Renesas Technology Corp
821024 RENESAS-821024 Datasheet
919Kb / 15P
   QUAD NON-PROGRAMMABLE PCM CODEC
JUNE 25, 2014
logo
Integrated Device Techn...
821024 IDT-821024_14 Datasheet
696Kb / 14P
   QUAD NON-PROGRAMMABLE PCM CODEC
logo
Renesas Technology Corp
821004J RENESAS-821004J Datasheet
1,003Kb / 16P
   QUAD NON-PROGRAMMABLE PCM CODEC
NOVEMBER 2020
logo
Integrated Device Techn...
IDT821024 IDT-IDT821024 Datasheet
247Kb / 13P
   QUAD NON-PROGRAMMABLE PCM CODEC
logo
Silicon Laboratories
SI3206 SILABS-SI3206 Datasheet
213Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
SI3245 SILABS-SI3245 Datasheet
208Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
logo
Renesas Technology Corp
IDT821034 RENESAS-IDT821034 Datasheet
466Kb / 20P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
2003
logo
Integrated Device Techn...
IDT821034 IDT-IDT821034 Datasheet
253Kb / 19P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
IDT82V1054A IDT-IDT82V1054A Datasheet
492Kb / 42P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com