Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T8535B Datasheet(PDF) 6 Page - Agere Systems

Part # T8535B
Description  T8535B/T8536B Quad Programmable Codec
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

T8535B Datasheet(HTML) 6 Page - Agere Systems

Back Button T8535B Datasheet HTML 2Page - Agere Systems T8535B Datasheet HTML 3Page - Agere Systems T8535B Datasheet HTML 4Page - Agere Systems T8535B Datasheet HTML 5Page - Agere Systems T8535B Datasheet HTML 6Page - Agere Systems T8535B Datasheet HTML 7Page - Agere Systems T8535B Datasheet HTML 8Page - Agere Systems T8535B Datasheet HTML 9Page - Agere Systems T8535B Datasheet HTML 10Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
6
Agere Systems Inc.
Preliminary Data Sheet
September 2001
T8535B/T8536B Quad Programmable Codec
Pin Information (continued)
Table 2. Pin Assignments, 44-Pin PLCC, Common Functions
Pin
Name
Type
Name/Description
1DO
O
Serial Data Output. This is a 3-state output.
2DI
I
Serial Data Input.
3DCLK
I
Serial Data Clock Input.
4CS
I
Chip Select Input. This lead determines the interval that the serial interface is
active.
5INTS
I
Serial Interface Select. Leaving this lead open places the serial interface in the nor-
mal mode; grounding it places the interface into the byte-by-byte mode. This lead
has an internal pull-up.
6FILTV
PWR
Frequency Synthesizer Power (5 V). This pin must be tied to VDD.
7PVCOIN
Internal Test Point. Do not connect to this lead.
8PVCO
Internal Test Point. Do not connect to this lead.
9PLLT
Synthesizer Test Point. Do not connect to this lead.
10
SGND
GND
Synthesizer Ground. Connect to digital ground. A common AGND, DGND, SGND
plane is highly recommended.
16, 29,
38, 44
DGND
GND
Digital Ground. Logic ground and return for logic power supply. A common AGND,
DGND, SGND plane is highly recommended.
17, 28,
35, 42
VDD
PWR
Digital Power Supply (5 V).
36
FS
I
PCM Frame Strobe Input. This 8 kHz clock must be derived from the same source
as BCLK.
37
BCLK
I
PCM Bit Clock Input. This lead is used to develop internal clocks for certain clock
rates.
39
DX
O
PCM Transmit Data Output. This is a 3-state output.
40
DR
I
PCM Receive Data Input.
41
RST
I
Power-On Reset. A low causes a reset of the entire chip. This pin may be con-
nected to DGND with a 0.1
µF capacitor for a power-on reset function, or it may be
driven by external logic. This lead has an internal pull-up.
43
NC
No Connect. This pin may be used as a tie point.


Similar Part No. - T8535B

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T8531 AGERE-T8531 Datasheet
999Kb / 48P
   T8502 and T8503 Dual PCM Codecs with Filters
T8531A AGERE-T8531A Datasheet
888Kb / 50P
   T8531A/8532 Multichannel Programmable Codec Chip Set
T8532 AGERE-T8532 Datasheet
999Kb / 48P
   T8502 and T8503 Dual PCM Codecs with Filters
T8532 AGERE-T8532 Datasheet
888Kb / 50P
   T8531A/8532 Multichannel Programmable Codec Chip Set
T8533 AGERE-T8533 Datasheet
890Kb / 48P
   T8533/34 Quad Programmable Line Card Signal Processor
More results

Similar Description - T8535B

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T8538B AGERE-T8538B Datasheet
847Kb / 44P
   T8538B Quad Programmable Codec
logo
Renesas Technology Corp
821024 RENESAS-821024 Datasheet
919Kb / 15P
   QUAD NON-PROGRAMMABLE PCM CODEC
JUNE 25, 2014
logo
Integrated Device Techn...
821024 IDT-821024_14 Datasheet
696Kb / 14P
   QUAD NON-PROGRAMMABLE PCM CODEC
logo
Renesas Technology Corp
821004J RENESAS-821004J Datasheet
1,003Kb / 16P
   QUAD NON-PROGRAMMABLE PCM CODEC
NOVEMBER 2020
logo
Integrated Device Techn...
IDT821024 IDT-IDT821024 Datasheet
247Kb / 13P
   QUAD NON-PROGRAMMABLE PCM CODEC
logo
Silicon Laboratories
SI3206 SILABS-SI3206 Datasheet
213Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
SI3245 SILABS-SI3245 Datasheet
208Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
logo
Renesas Technology Corp
IDT821034 RENESAS-IDT821034 Datasheet
466Kb / 20P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
2003
logo
Integrated Device Techn...
IDT821034 IDT-IDT821034 Datasheet
253Kb / 19P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
IDT82V1054A IDT-IDT82V1054A Datasheet
492Kb / 42P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com