Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T8535B Datasheet(PDF) 4 Page - Agere Systems

Part # T8535B
Description  T8535B/T8536B Quad Programmable Codec
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

T8535B Datasheet(HTML) 4 Page - Agere Systems

  T8535B Datasheet HTML 1Page - Agere Systems T8535B Datasheet HTML 2Page - Agere Systems T8535B Datasheet HTML 3Page - Agere Systems T8535B Datasheet HTML 4Page - Agere Systems T8535B Datasheet HTML 5Page - Agere Systems T8535B Datasheet HTML 6Page - Agere Systems T8535B Datasheet HTML 7Page - Agere Systems T8535B Datasheet HTML 8Page - Agere Systems T8535B Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
4
Agere Systems Inc.
Preliminary Data Sheet
September 2001
T8535B/T8536B Quad Programmable Codec
General Description
Refer to Figure 1 for the following discussion.
5-8125aF
* Second PCM port not available in all package types.
Figure 1. Functional Block Diagram, Each Section
RST
SLIC
TO/FROM
ANALOG
GAIN
A/D
CONVERTER
ANALOG
BUFFER
D/A
CONVERTER
TERMINATION
IMPEDANCE
HYBRID
BALANCE
NETWORK
DIGITAL GAIN
(GAIN TRANSFER)
µ-LAW
PER
CHANNEL
COMMON
PCM BUS
INTERFACE
DX0
DR1*
TO/FROM
PCM BUS
POWER AND
GROUND
18
FS
BCLK
SLIC
CONTROL LATCHES
MICROPROCESSOR CONTROL
CONTROL AND DATA SIGNALS
4
SERIAL CONTROL INTERFACE
PER
CHANNEL
COMMON
0 TO 6
FREQUENCY
SYNTHESIZER
0 TO 3
FILTER
OR
CONVERSION
A-LAW
DIGITAL GAIN
(GAIN TRANSFER)
DX1*
TSX0*
TSX1*
DR0
VFROPn
VFRONn
VFXIn
This device performs virtually all the signal processing
functions associated with a central office line termina-
tion. Functionality includes line termination impedance
synthesis, fixed hybrid balance impedance synthesis,
and level conversion both in the analog sense to
accommodate various subscriber line interface circuits
(SLICs) and in the digital sense for adjustment of the
levels on the PCM bus. In general, the termination
impedance synthesis generates the equivalent of a cir-
cuit with the parallel combination of a capacitor and a
resistor in series with a resistor, or the parallel combi-
nation of a resistor and the series combination of a
resistor and capacitor. These general forms of imped-
ance characteristics will satisfy most of the require-
ments specified throughout the world. Programmable
selection of either
µ-law or A-law encoding further aids
worldwide deployment. All coefficients used in the filter-
ing algorithms can be computed off-line in advance and
downloaded to the device at the time of powerup. All
signal processing is contained within the device, and
there are only three interfaces of consequence to the
system designer: the SLIC interface, the PCM inter-
face, and the control interface.
The SLIC interface is designed to be flexible and con-
venient to use with a variety of SLIC circuits. With an
appropriate choice of SLIC, no external components
are required in the interface, with the exception of a dc
blocking capacitor in the transmit direction. In some
cases, dc blocking capacitors in the receive direction
may be necessary as well, since the device operates
from a single low-voltage supply.
The PCM bus interface is flexible in that it allows, inde-
pendently, the transmit and receive data for any chan-
nel to be placed in any time slot. The bus can be
operated at a maximum 16.384 Mbits/s rate to accom-
modate a maximum 256 time slots. Separate pins
are provided for each direction of transmission to
allow 4-wire bus operation. The frame strobe signal is
an 8 kHz signal that defines the beginning of the frame
structure for all four channels. The interface will count
8 bits per time slot and insert or read the data for each
channel as programmed. Lower speeds of the PCM
bus are allowed. The PCM clock must be synchronous
with the frame strobe signal.
The microprocessor control interface is a serial inter-
face that uses the classical chip select type of opera-
tion. The interface controls the device by writing or
reading various internal addresses. The command set
consists of simple read and write operations, with the
address determining the effect. All the memory loca-
tions, including the per-chip functions, are organized by
channel.
There are several test modes included to facilitate con-
firmation of correct operation. In the signal path, two
analog and three digital loopback tests are available,
while in the microprocessor interface, there is a write/
read test mode that tests the operation of the memory.
Use of external test access switches allows a complete
test of the signal path through the line card so that cor-
rect operation of various operational modes can be ver-
ified.


Similar Part No. - T8535B

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T8531 AGERE-T8531 Datasheet
999Kb / 48P
   T8502 and T8503 Dual PCM Codecs with Filters
T8531A AGERE-T8531A Datasheet
888Kb / 50P
   T8531A/8532 Multichannel Programmable Codec Chip Set
T8532 AGERE-T8532 Datasheet
999Kb / 48P
   T8502 and T8503 Dual PCM Codecs with Filters
T8532 AGERE-T8532 Datasheet
888Kb / 50P
   T8531A/8532 Multichannel Programmable Codec Chip Set
T8533 AGERE-T8533 Datasheet
890Kb / 48P
   T8533/34 Quad Programmable Line Card Signal Processor
More results

Similar Description - T8535B

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T8538B AGERE-T8538B Datasheet
847Kb / 44P
   T8538B Quad Programmable Codec
logo
Renesas Technology Corp
821024 RENESAS-821024 Datasheet
919Kb / 15P
   QUAD NON-PROGRAMMABLE PCM CODEC
JUNE 25, 2014
logo
Integrated Device Techn...
821024 IDT-821024_14 Datasheet
696Kb / 14P
   QUAD NON-PROGRAMMABLE PCM CODEC
logo
Renesas Technology Corp
821004J RENESAS-821004J Datasheet
1,003Kb / 16P
   QUAD NON-PROGRAMMABLE PCM CODEC
NOVEMBER 2020
logo
Integrated Device Techn...
IDT821024 IDT-IDT821024 Datasheet
247Kb / 13P
   QUAD NON-PROGRAMMABLE PCM CODEC
logo
Silicon Laboratories
SI3206 SILABS-SI3206 Datasheet
213Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
SI3245 SILABS-SI3245 Datasheet
208Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
logo
Renesas Technology Corp
IDT821034 RENESAS-IDT821034 Datasheet
466Kb / 20P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
2003
logo
Integrated Device Techn...
IDT821034 IDT-IDT821034 Datasheet
253Kb / 19P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
IDT82V1054A IDT-IDT82V1054A Datasheet
492Kb / 42P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com