Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T8533 Datasheet(PDF) 5 Page - Agere Systems

Part # T8533
Description  T8533/34 Quad Programmable Line Card Signal Processor
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

T8533 Datasheet(HTML) 5 Page - Agere Systems

  T8533 Datasheet HTML 1Page - Agere Systems T8533 Datasheet HTML 2Page - Agere Systems T8533 Datasheet HTML 3Page - Agere Systems T8533 Datasheet HTML 4Page - Agere Systems T8533 Datasheet HTML 5Page - Agere Systems T8533 Datasheet HTML 6Page - Agere Systems T8533 Datasheet HTML 7Page - Agere Systems T8533 Datasheet HTML 8Page - Agere Systems T8533 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
Preliminary Data Sheet
July 2001
Signal Processor
T8533/34 Quad Programmable Line Card
Agere Systems Inc.
5
Pin Information
5-8195(F)
Figure 2. 44-Pin PLCC Pin Diagram
Table 1. Pin Assignments, 44-Pin PLCC, Per-Channel Functions
Ckt
Name
Type
Name/Description
ab
c
d
15 22 23 30
AGND
GND Analog Ground. A common AGND, DGND, SGND plane is highly recom-
mended.
14 21 24 31
VDD
PWR 5 V Analog Power Supply.
13 20 25 32
VFXII
Transmit Analog Input. For complex terminations, this node requires a 10 M
or 20 M
Ω resistance to AGND.
12 19 26 33 VFROP
O
Receive Analog Output, Positive Polarity.
11 18 27 34 VFRON
O
Receive Analog Output, Negative Polarity.
54321
44
43
42
641
40
26
25
24
23
22
21
20
19
27
28
18
15
14
13
12
11
10
9
VDDa
PVCOIN
PVCO
SGND
DGND
VDD
VFROPa
16
17
8
7
VFXIa
PLLT
AGNDa
VFRONa
32
34
35
36
38
33
VFXId
DX
DGND
FS
AGNDd
DGND
VFRONd
31
30
29
39
VDD
VFROPd
BCLK
VDDd
37
T8533


Similar Part No. - T8533

ManufacturerPart #DatasheetDescription
logo
Bi technologies
T85331G BITECH-T85331G Datasheet
55Kb / 4P
   Thick Film Super Low Profile SIP Resistor Networks
T85331J BITECH-T85331J Datasheet
55Kb / 4P
   Thick Film Super Low Profile SIP Resistor Networks
More results

Similar Description - T8533

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GP520A ETC-GP520A Datasheet
146Kb / 10P
   Programmable Analog Signal Processor
logo
Freescale Semiconductor...
MSC8122 FREESCALE-MSC8122_V16 Datasheet
1Mb / 48P
   Quad Digital Signal Processor
MSC8126 FREESCALE-MSC8126 Datasheet
845Kb / 48P
   Quad Digital Signal Processor
MSC8126 FREESCALE-MSC8126_08 Datasheet
846Kb / 48P
   Quad Digital Signal Processor
MSC8122 FREESCALE-MSC8122_08 Datasheet
846Kb / 48P
   Quad Digital Signal Processor
MSC8122 FREESCALE-MSC8122_07 Datasheet
846Kb / 48P
   Quad Digital Signal Processor
MSC8126 FREESCALE-MSC8126_V15 Datasheet
1Mb / 48P
   Quad Digital Signal Processor
MSC8154 FREESCALE-MSC8154_11 Datasheet
886Kb / 68P
   Quad-Core Digital Signal processor
MSC8254 FREESCALE-MSC8254_11 Datasheet
886Kb / 68P
   Quad-Core Digital Signal Processor
MSC8154 FREESCALE-MSC8154 Datasheet
913Kb / 68P
   Quad-Core Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com