Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T8531 Datasheet(PDF) 3 Page - Agere Systems

Part # T8531
Description  T8502 and T8503 Dual PCM Codecs with Filters
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

T8531 Datasheet(HTML) 3 Page - Agere Systems

  T8531 Datasheet HTML 1Page - Agere Systems T8531 Datasheet HTML 2Page - Agere Systems T8531 Datasheet HTML 3Page - Agere Systems T8531 Datasheet HTML 4Page - Agere Systems T8531 Datasheet HTML 5Page - Agere Systems T8531 Datasheet HTML 6Page - Agere Systems T8531 Datasheet HTML 7Page - Agere Systems T8531 Datasheet HTML 8Page - Agere Systems T8531 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
Preliminary Data Sheet
November 2000
Lucent Technologies Inc.
3
Codec Chip Set
T8531/T8532 Multichannel Programmable
Table of Contents (continued)
Tables
Page
Table 1. T8532 Pin Descriptions ................................. 8
Table 2. T8531 Pin Descriptions ............................... 10
Table 3. Active Time-Slot Spacing in a PCM
Bus Frame ................................................... 15
Table 4. DSP Engine RAM Map for Channel_0 ac
Path Coefficients ......................................... 17
Table 5A. Bit Map for DSP Engine Time-Slot
Control Word............................................. 18
Table 5B. Bit Map for Default Per-Board
Coefficient Tables...................................... 18
Table 6. DSP Engine RAM Map for Time-Slot
Information Table 0...................................... 18
Table 7. Summary of Microprocessor Commands
for Control of T8531 Data Processing ......... 20
Table 8. Digital Interface............................................ 24
Table 9. Analog Interface .......................................... 24
Table 10. T8532 Power Dissipation........................... 25
Table 11. T8531 Power Dissipation........................... 25
Table 12. Gain and Dynamic Range ......................... 25
Table 13. Noise (per Channel) .................................. 27
Table 14. Distortion and Group Delay ....................... 28
Table 15. Crosstalk.................................................... 28
Table 16. PCM Interface Timing ............................... 29
Table 17. Serial Control Port Timing ........................ 31
Table 18. DSP Engine RAM Memory Map ................ 32
Table 19. T8531 Time-Slot Assignment Memory
Map ........................................................... 34
Table 20A. Bit Map for T8531 Time-Slot Assignment
Registers at 0x1400—0x140F................. 34
Table 20B. Bit Map for CTZ Disable and Null
Channel................................................... 34
Table 21. T8531 Channel Register Memory Map
for T8532 Device 0 ................................... 35
Table 22. T8531 Channel Register Memory Map
for T8532 Device 1 ................................... 35
Table 23. Bit Map for T8532 Powerup/Powerdown
Registers at 0x1500—0x1507 and
0x1540—0x1547 ....................................... 35
Table 24. Bit Map for T8532 Channel Control
Register 1 at 0x1508—0x150F and
0x1548—0x154F .......................................36
Table 25. T8532 Control Register 1: Transmit
Gain ...........................................................36
Table 26. T8532 Control Register 1: Analog
Termination Impedance .............................36
Table 27. T8532 Control Register 1: Digital
Loopback ...................................................37
Table 28. Bit Map for T8532 All Channel Test
Register at 0x1510 and 0x1550.................37
Table 29. Bits 3:0 of T8532 All Channel Test
Register at 0x1510 and 0x1550.................37
Table 30. Bit Map for T8532 Channel Control
Register 2 at 0x1518—0x151F and
0x1558—0x155F .......................................38
Table 31. T8532 Control Register 2: Receive Gain ...38
Table 32. T8531 Control Register Map .....................38
Table 33. Bits 15:8 of T8531 Board Control Word 1
at 0x1FFE ..................................................39
Table 34. Bits 7:0 of T8531 Board Control Word 1
at 0x1FFE ..................................................39
Table 35. Bits 15:9 of T8531 Board Control Word 2
at 0x1FFC..................................................40
Table 36. Bits 8:0 of T8531 Board Control Word 2
at 0x1FFC..................................................40
Table 37. Bits 15:0 of T8531 Board Control Word 3
at 0x1FFA ..................................................40
Table 38. Bits 15:0 of T8531 Board Control Word 4
at 0x1FF8 ..................................................40
Table 39. Bits 15:0 of T8531 Board Control Word 5
at 0x1FF6 ..................................................40
Table 40. Bits 15:0 of T8531 Reset of
Microprocessor Commands at 0x7FFF .....40
Table 41. DSP Engine ROM Memory Map................41
Table 42. Transmit Path Group Delay vs. Bit Offset ..48


Similar Part No. - T8531

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T8531A AGERE-T8531A Datasheet
888Kb / 50P
   T8531A/8532 Multichannel Programmable Codec Chip Set
More results

Similar Description - T8531

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T8502 AGERE-T8502 Datasheet
440Kb / 16P
   T8502 and T8503 Dual PCM Codecs with Filters
T7504 AGERE-T7504 Datasheet
221Kb / 18P
   T7504 and T75504 Quad PCM Codecs with Filters
T7502 AGERE-T7502 Datasheet
417Kb / 16P
   T7502 Dual PCM Codec with Filters
T7503 AGERE-T7503 Datasheet
417Kb / 16P
   T7503 Dual PCM Codec with Filters
T7507 AGERE-T7507 Datasheet
558Kb / 30P
   T7507 Quad PCM Codec with Filters, Termination Impedance, and Hybrid Balance
logo
California Micro Device...
G8912B CALMIRCO-G8912B Datasheet
373Kb / 8P
   CMOS PCM Transmit/receive Filters
logo
Winbond
W682510 WINBOND-W682510_05 Datasheet
389Kb / 35P
    DUAL-CHANNEL VOICEBAND CODECS
W682510 WINBOND-W682510 Datasheet
1Mb / 35P
   DUAL-CHANNEL VOICEBAND CODECS
logo
Zarlink Semiconductor I...
ZL38005 ZARLINK-ZL38005 Datasheet
115Kb / 8P
   Enhanced Voice Processor with Dual Wideband Codecs
logo
List of Unclassifed Man...
S3506I ETC1-S3506I Datasheet
1Mb / 16P
   CMOS Single Chip u-Law / A-Law Synchronous Combo Codecs With Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com