Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T8531 Datasheet(PDF) 11 Page - Agere Systems

Part # T8531
Description  T8502 and T8503 Dual PCM Codecs with Filters
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

T8531 Datasheet(HTML) 11 Page - Agere Systems

Back Button T8531 Datasheet HTML 7Page - Agere Systems T8531 Datasheet HTML 8Page - Agere Systems T8531 Datasheet HTML 9Page - Agere Systems T8531 Datasheet HTML 10Page - Agere Systems T8531 Datasheet HTML 11Page - Agere Systems T8531 Datasheet HTML 12Page - Agere Systems T8531 Datasheet HTML 13Page - Agere Systems T8531 Datasheet HTML 14Page - Agere Systems T8531 Datasheet HTML 15Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
Lucent Technologies Inc.
11
Preliminary Data Sheet
November 2000
Codec Chip Set
T8531/T8532 Multichannel Programmable
Pin Information (continued)
Table 2. T8531 Pin Descriptions (continued)
* The DSP is not configured for boundary-scan operation.
Note: TI = TTL input, TO = TTL output; CI = CMOS input, CO = CMOS output; AI = analog input, AO = analog output; Iu indicates that a pull-
up device is included on this lead, Id indicates that a pull-down device is included on this lead.
Number
Name
Type
Name/Function
23
SDX
TO
Transmit PCM Output. This pin remains in the high-impedance state
except during the transmit time slots as defined in the TSA registers.
Data is shifted out on the rising edge of SCK.
21
SFS
TI
Frame Sync. Active-high pulse or square wave with an 8 kHz pulse
repetition rate. The rising edge defines the start of the transmit and
receive frames.
54
CDO
CO
T8532 Control Data Output. Control register information for the T8532
chips. Data is valid only when either CCS0 or CCS1 is low.
51
CDI
TIu
T8532 Control Data Input. Control register information from the T8532
chips. Data is valid only when either CCS0 or CCS1 is low. An internal
pull-up device is provided.
53, 52
CCS[1:0]
CO
Control Interface Chip Select (Active-Low). These active-low outputs
select one of the associated T8532 chips.
7TCK
TI
JTAG Test Port*—Common Test Clock. Rate
≤20 MHz.
4TDI
TIu
JTAG Test Port*—Serial Data Input. A pull-up device is provided.
5TDO
TO
JTAG Test Port*—Serial Data Output.
6TMS
TIu
JTAG Test Port*—Mode Select. A pull-up device is provided.
48
JTESTB
TIu
JTAG Test. Used for factory testing. Do not make any connection to this
pin. A pull-up device is provided.
59
HIGHZB
TIu
3-State Control Pin (Active-Low). When pulled low, the device output
pins go into a high-impedance state. A pull-up device is provided.
60
TEST
CIu
Test Mode Input (Active-Low). This input allows bypass of clock synthe-
sizer and uses TSTCLK to drive the chip. A pull-up device is provided.
61
CK16
CO
16 MHz Clock Output. 16.384 MHz clock output (50% duty cycle). Note
that this clock divides down to a lower frequency (dependent upon the
DSPCKSL setting) when the T8531 is in hardware reset. The frequency
of CK16 is unaffected by software reset.
8TSTCLK
CI
Test Clock.
12, 14
NC
No Connect. This pin may be used as a tie point.
64
DSPCKSL1
CId
DSP Clock Select. See DSP Clock Frequency Selection on page 14.
1
DSPCKSL2
CId
DSP Clock Select. See DSP Clock Frequency Selection on page 14.
55
T_SYNC
CIu
Test Sync (Active-Low). Used for factory testing. Do not make any con-
nection to this pin. A pull-up device is provided.
58
RSTB
TIu
Reset (Active-Low). A logic low initiates reset. A pull-up device is pro-
vided.
3, 10, 16, 19,
25, 31, 34, 46,
50, 56, 62
VDD
5 V Digital Power Supply. Power supply decoupling capacitors (0.1
µF)
should be connected from each VDD pin to ground. Capacitors should be
located as close as possible to the device pins.
2, 9, 15, 18, 26,
32, 33, 41, 47,
49, 57, 63
VSS
Digital Ground.


Similar Part No. - T8531

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T8531A AGERE-T8531A Datasheet
888Kb / 50P
   T8531A/8532 Multichannel Programmable Codec Chip Set
More results

Similar Description - T8531

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T8502 AGERE-T8502 Datasheet
440Kb / 16P
   T8502 and T8503 Dual PCM Codecs with Filters
T7504 AGERE-T7504 Datasheet
221Kb / 18P
   T7504 and T75504 Quad PCM Codecs with Filters
T7502 AGERE-T7502 Datasheet
417Kb / 16P
   T7502 Dual PCM Codec with Filters
T7503 AGERE-T7503 Datasheet
417Kb / 16P
   T7503 Dual PCM Codec with Filters
T7507 AGERE-T7507 Datasheet
558Kb / 30P
   T7507 Quad PCM Codec with Filters, Termination Impedance, and Hybrid Balance
logo
California Micro Device...
G8912B CALMIRCO-G8912B Datasheet
373Kb / 8P
   CMOS PCM Transmit/receive Filters
logo
Winbond
W682510 WINBOND-W682510_05 Datasheet
389Kb / 35P
    DUAL-CHANNEL VOICEBAND CODECS
W682510 WINBOND-W682510 Datasheet
1Mb / 35P
   DUAL-CHANNEL VOICEBAND CODECS
logo
Zarlink Semiconductor I...
ZL38005 ZARLINK-ZL38005 Datasheet
115Kb / 8P
   Enhanced Voice Processor with Dual Wideband Codecs
logo
List of Unclassifed Man...
S3506I ETC1-S3506I Datasheet
1Mb / 16P
   CMOS Single Chip u-Law / A-Law Synchronous Combo Codecs With Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com