Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

06035C472KAT2A Datasheet(PDF) 4 Page - AVX Corporation

Part # 06035C472KAT2A
Description  X7R formulations are called ?쐔emperature stable??ceramics and fall into EIA Class II materials.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

06035C472KAT2A Datasheet(HTML) 4 Page - AVX Corporation

  06035C472KAT2A Datasheet HTML 1Page - AVX Corporation 06035C472KAT2A Datasheet HTML 2Page - AVX Corporation 06035C472KAT2A Datasheet HTML 3Page - AVX Corporation 06035C472KAT2A Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
20
X7R Dielectric
Capacitance Range
Letter
AC
EG
J
K
M
N
P
Q
XY
Z
Max.
0.33
0.56
0.71
0.90
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
Thickness
(0.013)
(0.022)
(0.028)
(0.035)
(0.037)
(0.040)
(0.050)
(0.055)
(0.060)
(0.070)
(0.090)
(0.100)
(0.110)
PAPER
EMBOSSED
PREFERRED SIZES ARE SHADED
SIZE
1210
1812
1825
2220
2225
Soldering
Reflow Only
Reflow Only
Reflow Only
Reflow Only
Reflow Only
Packaging
Paper/Embossed
All Embossed
All Embossed
All Embossed
All Embossed
(L) Length
mm
3.20 ± 0.20
4.50 ± 0.30
4.50 ± 0.30
5.70 ± 0.40
5.72 ± 0.25
(in.)
(0.126 ± 0.008)
(0.177 ± 0.012)
(0.177 ± 0.012)
(0.225 ± 0.016)
(0.225 ± 0.010)
(W) Width
mm
2.50 ± 0.20
3.20 ± 0.20
6.40 ± 0.40
5.00 ± 0.40
6.35 ± 0.25
(in.)
(0.098 ± 0.008)
(0.126 ± 0.008)
(0.252 ± 0.016)
(0.197 ± 0.016)
(0.250 ± 0.010)
(t)
Terminal
mm
0.50 ± 0.25
0.61 ± 0.36
0.61 ± 0.36
0.64 ± 0.39
0.64 ± 0.39
(in.)
(0.020 ± 0.010)
(0.024 ± 0.014)
(0.024 ± 0.014)
(0.025 ± 0.015)
(0.025 ± 0.015)
WVDC
10
16
25
50
100
200
500
50
100
200
500
50
100
25
50
100
200
50
100
Cap
100
(pF)
150
220
330
470
680
1000
1500
JJJJJJ
M
2200
JJJJJJ
M
3300
JJJJJJ
M
4700
JJJJJJ
M
6800
JJJJJJ
M
Cap
0.010
JJJJJJ
M
KKKK
M
M
X
X
X
M
P
(μF
0.015
JJJJJJ
P
K
K
K
P
M
M
X
X
X
M
P
0.022
JJJJJJ
Q
K
K
K
P
M
M
X
X
X
M
P
0.033
JJJJJJ
Q
K
K
K
X
M
M
X
X
X
M
P
0.047
JJJJJJ
K
K
K
Z
M
M
X
X
X
M
P
0.068
JJJJJ
M
K
K
K
Z
M
M
X
X
X
M
P
0.10
JJJJJ
M
K
K
K
Z
M
M
X
X
X
M
P
0.15
JJJJ
M
Z
K
K
P
M
M
X
X
X
M
P
0.22
JJJJ
P
Z
K
K
P
M
M
X
X
X
M
P
0.33
JJJJ
Q
K
M
X
M
M
X
X
X
M
P
0.47
MMMM
Q
K
P
M
M
X
X
X
M
P
0.68
M
M
P
X
X
M
Q
M
P
X
X
M
P
1.0
N
N
P
X
ZM
XM
P
X
X
M
P
1.5
N
N
ZZZ
ZZ
M
X
X
M
X
2.2
XXZZZ
ZZ
XX
M
3.3
XXZZ
Z
X
Z
4.7
XXZZ
Z
X
Z
10
Z
Z
Z*
Z
22
Z*
Z*
Z
47
100
WVDC
10
16
25
50
100
200
500
50
100
200
500
50
100
25
50
100
200
50
100
SIZE
1210
1812
1825
2220
2225
L
W
T
t
*Optional Specifications – Contact factory


Similar Part No. - 06035C472KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
06035C472KAZ2A AVX-06035C472KAZ2A Datasheet
199Kb / 5P
   MLCC with FLEXITERM짰
More results

Similar Description - 06035C472KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
06035C102JAT2A AVX-06035C102JAT2A Datasheet
131Kb / 4P
   X7R formulations are called ?쐔emperature stable??ceramics and fall into EIA Class II materials.
06036C225KAT2A AVX-06036C225KAT2A Datasheet
131Kb / 4P
   X7R formulations are called ?쐔emperature stable??ceramics and fall into EIA Class II materials.
08053C225KAT2A AVX-08053C225KAT2A Datasheet
131Kb / 4P
   X7R formulations are called ?쐔emperature stable??ceramics and fall into EIA Class II materials.
06035C471KAT2A AVX-06035C471KAT2A Datasheet
131Kb / 4P
   X7R formulations are called ?쐔emperature stable??ceramics and fall into EIA Class II materials.
12107C472KAT2A AVX-12107C472KAT2A Datasheet
131Kb / 4P
   X7R formulations are called ?쐔emperature stable??ceramics and fall into EIA Class II materials.
08055C103M2ATA AVX-08055C103M2ATA Datasheet
131Kb / 4P
   X7R formulations are called ?쐔emperature stable??ceramics and fall into EIA Class II materials.
04025C152KAT2A AVX-04025C152KAT2A Datasheet
131Kb / 4P
   X7R formulations are called ?쐔emperature stable??ceramics and fall into EIA Class II materials.
08055C102KAT2A AVX-08055C102KAT2A Datasheet
131Kb / 4P
   X7R formulations are called ?쐔emperature stable??ceramics and fall into EIA Class II materials.
08055C104KAT2A AVX-08055C104KAT2A Datasheet
131Kb / 4P
   X7R formulations are called ?쐔emperature stable??ceramics and fall into EIA Class II materials.
04025A470KAT4A AVX-04025A470KAT4A Datasheet
107Kb / 4P
   C0G (NP0) is the most popular formulation of the ?쐔emperature-compensating,??EIA Class I ceramic materials.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com