Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T8502 Datasheet(PDF) 2 Page - Agere Systems

Part # T8502
Description  T8502 and T8503 Dual PCM Codecs with Filters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

T8502 Datasheet(HTML) 2 Page - Agere Systems

  T8502 Datasheet HTML 1Page - Agere Systems T8502 Datasheet HTML 2Page - Agere Systems T8502 Datasheet HTML 3Page - Agere Systems T8502 Datasheet HTML 4Page - Agere Systems T8502 Datasheet HTML 5Page - Agere Systems T8502 Datasheet HTML 6Page - Agere Systems T8502 Datasheet HTML 7Page - Agere Systems T8502 Datasheet HTML 8Page - Agere Systems T8502 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
2
Lucent Technologies Inc.
Data Sheet
July 1998
T8502 and T8503 Dual PCM Codecs with Filters
Functional Description
Two channels of PCM data input and output are passed
through only two ports, DX and DR, so some type of
time-slot assignment is necessary. The scheme used
here is to utilize a fixed-data rate mode of 32 or 64 time
slots corresponding to master clock frequencies of
either 2.048 MHz or 4.096 MHz, respectively. Each
device has four frame sync (FSX and FSR) inputs, one
pair for each channel. During a single 125
µs frame,
each frame sync input is supplied a single pulse. The
timing of the respective frame sync pulse indicates the
beginning of the time slot during which the data for that
channel is clocked in or out of the device. FSX and FSR
must be high for a minimum of one master clock cycle.
They can be operated independently, or they can be
tied together for coincident transmit and receive data
transfer. During a frame, channel 0 and 1 transmit
frame sync pulses must be separated from each other
by one or more time slots. Likewise, channel 0 and 1
receive frame sync pulses must be separated from
each other by one or more time slots. Both transmit and
receive frame strobes must be derived from master
clock, but they do not need to be byte aligned.
A channel is placed in standby mode by removing both
FSX and FSR for 500
µs. Note, if any one of those
pulses (per channel) is removed, operation is indeter-
minate. Standby mode reduces overall device power
consumption by turning off nonessential circuitry. Criti-
cal circuits that ensure a fast, quiet powerup are kept
active. Master clock need not be active when both
channels are in standby mode.
The frequency of the master clock must be either
2.048 MHz or 4.096 MHz. Internal circuitry determines
the master clock frequency during the powerup reset
interval.
The analog input section in Figure 2 includes an on-
chip op amp that is used in conjunction with external,
user-supplied resistors to vary encoder passband gain.
The feedback resistance (RF) should range from 10 k
to 200 k
Ω, and capacitance from GSX to ground should
be kept to less than 50 pF. The input signal at VFXIN
should be ac coupled. For best performance, the maxi-
mum gain of this op amp should be limited to 20 dB or
less. Gain in the receive path is selectable via the GS
pins as either 0 dB or –3.5 dB.
5-3786.a
Figure 2. Typical Analog Input Section
Pin Information
5-3788.b
Figure 3. Pin Diagram
VFXIN
TO
CODEC
FILTERS
2.4 V
GAIN =
RF
RI
GSX
RF
CI
RI
+
VFXIN0
GSX0
GS0
FSR0
MCLK
GNDD
DR
DX
VFXIN1
GSX1
ASEL
FSR1
FSX1
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
FSX0
T-8502
T-8503
VFRO0
GNDA0
VDD
VFRO1
GNDA1
GS1


Similar Part No. - T8502

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T850 STMICROELECTRONICS-T850 Datasheet
274Kb / 21P
   Snubberless™, logic level and standard 8 A Triacs
DS2114 - Rev 15 - August 2018
T850-600B STMICROELECTRONICS-T850-600B Datasheet
274Kb / 21P
   Snubberless™, logic level and standard 8 A Triacs
DS2114 - Rev 15 - August 2018
T850-600B-TR STMICROELECTRONICS-T850-600B-TR Datasheet
274Kb / 21P
   Snubberless™, logic level and standard 8 A Triacs
DS2114 - Rev 15 - August 2018
T850-600G STMICROELECTRONICS-T850-600G Datasheet
102Kb / 5P
   HIGH PERFORMANCE TRIAC
T850-600G STMICROELECTRONICS-T850-600G Datasheet
274Kb / 21P
   Snubberless™, logic level and standard 8 A Triacs
DS2114 - Rev 15 - August 2018
More results

Similar Description - T8502

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T8531 AGERE-T8531 Datasheet
999Kb / 48P
   T8502 and T8503 Dual PCM Codecs with Filters
T7504 AGERE-T7504 Datasheet
221Kb / 18P
   T7504 and T75504 Quad PCM Codecs with Filters
T7502 AGERE-T7502 Datasheet
417Kb / 16P
   T7502 Dual PCM Codec with Filters
T7503 AGERE-T7503 Datasheet
417Kb / 16P
   T7503 Dual PCM Codec with Filters
T7507 AGERE-T7507 Datasheet
558Kb / 30P
   T7507 Quad PCM Codec with Filters, Termination Impedance, and Hybrid Balance
logo
California Micro Device...
G8912B CALMIRCO-G8912B Datasheet
373Kb / 8P
   CMOS PCM Transmit/receive Filters
logo
Winbond
W682510 WINBOND-W682510_05 Datasheet
389Kb / 35P
    DUAL-CHANNEL VOICEBAND CODECS
W682510 WINBOND-W682510 Datasheet
1Mb / 35P
   DUAL-CHANNEL VOICEBAND CODECS
logo
Zarlink Semiconductor I...
ZL38005 ZARLINK-ZL38005 Datasheet
115Kb / 8P
   Enhanced Voice Processor with Dual Wideband Codecs
logo
List of Unclassifed Man...
S3506I ETC1-S3506I Datasheet
1Mb / 16P
   CMOS Single Chip u-Law / A-Law Synchronous Combo Codecs With Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com