Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T8102A Datasheet(PDF) 10 Page - Agere Systems

Part # T8102A
Description  H.100/H.110 Interface and Time-Slot Interchangers
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

T8102A Datasheet(HTML) 10 Page - Agere Systems

Back Button T8102A Datasheet HTML 6Page - Agere Systems T8102A Datasheet HTML 7Page - Agere Systems T8102A Datasheet HTML 8Page - Agere Systems T8102A Datasheet HTML 9Page - Agere Systems T8102A Datasheet HTML 10Page - Agere Systems T8102A Datasheet HTML 11Page - Agere Systems T8102A Datasheet HTML 12Page - Agere Systems T8102A Datasheet HTML 13Page - Agere Systems T8102A Datasheet HTML 14Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 112 page
background image
6
Lucent Technologies Inc.
Advance Data Sheet
November 1999
H.100/H.110 Interfaces and Time-Slot Interchangers
Ambassador T8100A, T8102, and T8105
1 Product Overview (continued)
1.3 Pin Information
5-6118cF
Figure 1. 208 SQFP—Top View
CT_D28
CT_D30
VSS
LDO1
LDO3
LDO4
LDO6
CT_D27
VDD
CT_D29
CT_D31
LDO0
LDO2
VDD
LDO5
LDO7
VSS
LDO8
LDO9
LDO10
LDO11
VDD
LDO12
LDO13
LDO14
LDO15
VSS
LDI1
LDI3
LDI5
LDI7
LDI8
LDI10
LDI12
LDI14
(NC)
VSS
XCS
LDI0
LDI2
LDI4
LDI6
VDD
LDI9
LDI11
LDI13
LDI15
TCLKOUT
LPUE
PLL2GND
(NC)
PLL2VDD
/C16+
VSS
FGA1
FGA3
FGA5
FGA6
FGA8
/C4
VSS
/C16–
FGA0
FGA2
FGA4
VDD
FGA7
FGA9
FGA10
FGA11
VSS
FGB0
FGB1
FGB2
FGB3
FGB4
FGB5
VDD
FGB7
FGB9
FGB11
GP0
GP2
GP4
TODJAT/GP6
VDD
(NC)
(NC)
VSS
FGB6
FGB8
FGB10
VSS
GP1
GP3
GP5
FROMDJAT/GP7
(NC)
(NC)
PRIREFOUT
(NC)
EN1
4MHZIN
PLL1VDD
208
52
53
1
104
105
157
156
PIN #1 IDENTIFIER ZONE


Similar Part No. - T8102A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T810 STMICROELECTRONICS-T810 Datasheet
151Kb / 12P
   Snubberless?? logic level and standard 8 A Triacs
T810 STMICROELECTRONICS-T810 Datasheet
274Kb / 21P
   Snubberless™, logic level and standard 8 A Triacs
DS2114 - Rev 15 - August 2018
T810-400B STMICROELECTRONICS-T810-400B Datasheet
102Kb / 5P
   HIGH PERFORMANCE TRIACS
T810-600B STMICROELECTRONICS-T810-600B Datasheet
102Kb / 5P
   HIGH PERFORMANCE TRIACS
T810-600B STMICROELECTRONICS-T810-600B Datasheet
129Kb / 11P
   8A TRIACS
More results

Similar Description - T8102A

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T8100 AGERE-T8100 Datasheet
1Mb / 92P
   H.100/H.110 Interface and Time-Slot Interchanger
logo
OKI electronic componet...
ML53812-2 OKI-ML53812-2 Datasheet
668Kb / 64P
   H.100/H.110 CT Bus System Interface and Time-Slot Interchange
ML53612 OKI-ML53612 Datasheet
696Kb / 68P
   64-Channel Full Duplex H.100/H.110 CT Bus System Interface and Time-Slot Interchange
logo
Agere Systems
T8110L AGERE-T8110L Datasheet
2Mb / 164P
   Ambassador짰 T8110L H.100/H.110 Switch
logo
Switchcraft, Inc.
H203PC SWITCH-H203PC Datasheet
24Kb / 1P
   SERIES H-100, H-100PC, H-200, H-200PC
logo
Advantech Co., Ltd.
VEGA-2002 ADVANTECH-VEGA-2002 Datasheet
701Kb / 3P
   4K UHD H.265/H.264 Real-Time Encoder and Streaming Module
20-Dec-2022
VEGA-2002 ADVANTECH-VEGA-2002_V01 Datasheet
544Kb / 3P
   4K UHD H.265/H.264 Real-Time Fanless Streaming Box
5-Jan-2023
logo
Schneider Electric
LZ1H6X5FU SCHNEIDER-LZ1H6X5FU Datasheet
105Kb / 3P
   Starter TeSys H 3kW-400V control 110-230VAC
logo
EPCOS
B78421A1709A003 EPCOS-B78421A1709A003 Datasheet
69Kb / 2P
   xDSL Transformers S(H)DSL Interface
B78421P1705A005 EPCOS-B78421P1705A005 Datasheet
58Kb / 2P
   xDSL Transformers S(H)DSL Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com