Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T8100 Datasheet(PDF) 2 Page - Agere Systems

Part # T8100
Description  H.100/H.110 Interface and Time-Slot Interchanger
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

T8100 Datasheet(HTML) 2 Page - Agere Systems

  T8100 Datasheet HTML 1Page - Agere Systems T8100 Datasheet HTML 2Page - Agere Systems T8100 Datasheet HTML 3Page - Agere Systems T8100 Datasheet HTML 4Page - Agere Systems T8100 Datasheet HTML 5Page - Agere Systems T8100 Datasheet HTML 6Page - Agere Systems T8100 Datasheet HTML 7Page - Agere Systems T8100 Datasheet HTML 8Page - Agere Systems T8100 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 92 page
background image
Lucent Technologies Inc. reserves the right to make changes to the product(s) or information contained herein without notice. No liability is assumed as a result of their use or application. No
rights under any patent accompany the sale of any such product(s) or information.
Ambassador is a trademark of Lucent Technologies Inc.
Copyright © 1999 Lucent Technologies Inc.
All Rights Reserved
March 1999
AY99-019NTNB (Replaces AY99-011NTNB and must accompany DS98-195NTNB)
For additional information, contact your Microelectronics Group Account Manager or the following:
INTERNET:
http://www.lucent.com/micro
E-MAIL:
docmaster@micro.lucent.com
N. AMERICA:
Microelectronics Group, Lucent Technologies Inc., 555 Union Boulevard, Room 30L-15P-BA, Allentown, PA 18103
1-800-372-2447, FAX 610-712-4106 (In CANADA: 1-800-553-2448, FAX 610-712-4106)
ASIA PACIFIC: Microelectronics Group, Lucent Technologies Singapore Pte. Ltd., 77 Science Park Drive, #03-18 Cintech III, Singapore 118256
Tel. (65) 778 8833, FAX (65) 777 7495
CHINA:
Microelectronics Group, Lucent Technologies (China) Co., Ltd., A-F2, 23/F, Zao Fong Universe Building, 1800 Zhong Shan Xi Road, Shanghai
200233 P. R. China Tel. (86) 21 6440 0468, ext. 316, FAX (86) 21 6440 0652
JAPAN:
Microelectronics Group, Lucent Technologies Japan Ltd., 7-18, Higashi-Gotanda 2-chome, Shinagawa-ku, Tokyo 141, Japan
Tel. (81) 3 5421 1600, FAX (81) 3 5421 1700
EUROPE:
Data Requests: MICROELECTRONICS GROUP DATALINE: Tel. (44) 1189 324 299, FAX (44) 1189 328 148
Technical Inquiries: GERMANY: (49) 89 95086 0 (Munich), UNITED KINGDOM: (44) 1344 865 900 (Ascot),
FRANCE: (33) 1 40 83 68 00 (Paris), SWEDEN: (46) 8 594 607 00 (Stockholm), FINLAND: (358) 9 4354 2800 (Helsinki),
ITALY: (39) 02 6608131 (Milan), SPAIN: (34) 1 807 1441 (Madrid)


Similar Part No. - T8100

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
T8100 INTEL-T8100 Datasheet
1Mb / 77P
   Core2 Duo Processor and Core2 Extreme Processor on 45-nm Process
logo
Amphenol Corporation
T8100 AMPHENOL-T8100 Datasheet
302Kb / 8P
   Patented, Absorption Infrared Gas sensing engine provides high accuracy in a compact low cost package.
T8100 AMPHENOL-T8100 Datasheet
154Kb / 4P
   Patented, Absorption Infrared Gas sensing engine sensing engine provides high accuracy in a compact low cost package
logo
Agere Systems
T8100A AGERE-T8100A Datasheet
1Mb / 112P
   H.100/H.110 Interface and Time-Slot Interchangers
More results

Similar Description - T8100

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T8100A AGERE-T8100A Datasheet
1Mb / 112P
   H.100/H.110 Interface and Time-Slot Interchangers
logo
OKI electronic componet...
ML53812-2 OKI-ML53812-2 Datasheet
668Kb / 64P
   H.100/H.110 CT Bus System Interface and Time-Slot Interchange
ML53612 OKI-ML53612 Datasheet
696Kb / 68P
   64-Channel Full Duplex H.100/H.110 CT Bus System Interface and Time-Slot Interchange
logo
Agere Systems
T8110L AGERE-T8110L Datasheet
2Mb / 164P
   Ambassador짰 T8110L H.100/H.110 Switch
TSI-2 AGERE-TSI-2 Datasheet
1,016Kb / 61P
   2k x 2k Time-Slot Interchanger
TSI-8 AGERE-TSI-8 Datasheet
675Kb / 25P
   8K x 8K Time-Slot Interchanger
TSI-1 AGERE-TSI-1 Datasheet
1,012Kb / 61P
   1k x 1k Time-Slot Interchanger
TSI-4 AGERE-TSI-4 Datasheet
1,013Kb / 61P
   4k x 4k Time-Slot Interchanger
TTSI4K32T AGERE-TTSI4K32T Datasheet
1Mb / 64P
   4096-Channel, 32-Highway Time-Slot Interchanger
TTSI1K16T AGERE-TTSI1K16T Datasheet
1Mb / 64P
   1024-Channel, 16-Highway Time-Slot Interchanger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com