Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T7503 Datasheet(PDF) 5 Page - Agere Systems

Part # T7503
Description  T7503 Dual PCM Codec with Filters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

T7503 Datasheet(HTML) 5 Page - Agere Systems

  T7503 Datasheet HTML 1Page - Agere Systems T7503 Datasheet HTML 2Page - Agere Systems T7503 Datasheet HTML 3Page - Agere Systems T7503 Datasheet HTML 4Page - Agere Systems T7503 Datasheet HTML 5Page - Agere Systems T7503 Datasheet HTML 6Page - Agere Systems T7503 Datasheet HTML 7Page - Agere Systems T7503 Datasheet HTML 8Page - Agere Systems T7503 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Lucent Technologies Inc.
5
Data Sheet
February 1998
T7503 Dual PCM Codec with Filters
Electrical Characteristics (continued)
dc Characteristics (continued)
Table 3. Power Dissipation
Power measurements are made at MCLK = 4.096 MHz, outputs unloaded.
Transmission Characteristics
Table 4. Analog Interface
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Powerdown Current
IDDO
MCLK present and FS
≤ 0.4 V
0.1
1
mA
Powerup Current
IDDU
MCLK, FS pulse present
18
25
mA
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Resistance, FSXI
RVFXI
VFxI = 2.4 V
1.0
M
Input Leakage Current, VFXI
IBVFXI
VFxI = 2.4 V
–2.4
±0.01
2.4
µA
Input Capacitance, VFXIN, VFXIP
10
pF
Input Offset Voltage of Uncommitted
Op Amp, VFXIN – VFXIP
–5
5
mV
Input Common-mode Voltage Range,
VFXIN, VFXIP
1.2
VDD – 1.75
V
Input Common-mode Rejection Ratio,
VFXIN, VFXIP
60
dB
Gain Bandwidth Product (10 kHz) of Un-
committed Op Amp
3000
kHz
Equivalent Input Noise Between VFXIN
and VFXIP at GSX
–30
dBrnC
Output Voltage Range, GSX
0.5
VDD – 0.5
V
dc Open-loop Voltage Gain, GSX
AVOL
90
dB
Differential Output dc Offset Voltage
–80
±10
80
mV
Load Capacitance, GSX
CLX1
50
pF
Load Resistance, GSX
RLX1
10
k
VCM Output Voltage Referenced to GND
2.25
2.35
2.5
V
VCM Output Load Capacitance
0
50
pF
Load Resistance, VCM
RLVCM
10
k
Load Resistance, VFRO
RLVFRO
300
Load Capacitance, VFRO
CLVFRO
100
pF
Output Resistance, VFRO
ROVFRO
0 dBm0, 1020 Hz PCM
code applied to DR
0.3
3
Output Voltage, VFRO
VOR
Alternating
± zero µ-law
PCM code applied to DR
2.25
2.35
2.5
V
Output Leakage Current, VFRO, Power-
down
IOVFRO
–30
±0.02
30
µA
Output Voltage Swing, VFRO
VSWR
RL = 300
3.2
Vp-p


Similar Part No. - T7503

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
T7500 INTEL-T7500 Datasheet
1Mb / 87P
   Core2 Duo Processors and Core2 Extreme Processors for Platforms Based on Mobile 965 Express Chipset Family
logo
E-SWITCH
T750000 E-SWITCH-T750000 Datasheet
168Kb / 1P
   TERMINAL NUMBERS FOR REF ONLY
T750001 E-SWITCH-T750001 Datasheet
164Kb / 1P
   TERMINAL NUMBERS FOR REF ONLY
T750002 E-SWITCH-T750002 Datasheet
189Kb / 1P
   TERMINAL NUMBERS FOR REF ONLY
T750003 E-SWITCH-T750003 Datasheet
179Kb / 1P
   TERMINAL NUMBERS FOR REF ONLY
More results

Similar Description - T7503

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T7502 AGERE-T7502 Datasheet
417Kb / 16P
   T7502 Dual PCM Codec with Filters
logo
ELAN Microelectronics C...
EM77565 EMC-EM77565 Datasheet
318Kb / 25P
   ADPCM WITH PCM CODEC
logo
Texas Instruments
TLV320AIC1109 TI-TLV320AIC1109 Datasheet
353Kb / 27P
[Old version datasheet]   PCM CODEC
TLV320AIC1106PWR TI-TLV320AIC1106PWR Datasheet
538Kb / 19P
[Old version datasheet]   PCM CODEC
TLV320AIC1106 TI1-TLV320AIC1106_14 Datasheet
550Kb / 20P
[Old version datasheet]   PCM CODEC
TLV320AIC1110 TI1-TLV320AIC1110_14 Datasheet
1,016Kb / 41P
[Old version datasheet]   PCM CODEC
logo
Macronix International
MX93002 MCNIX-MX93002 Datasheet
373Kb / 35P
   PCM CODEC
logo
Texas Instruments
TLV320AIC1106 TI-TLV320AIC1106 Datasheet
220Kb / 17P
[Old version datasheet]   PCM CODEC
TLV320AIC1106 TI-TLV320AIC1106_15 Datasheet
537Kb / 19P
[Old version datasheet]   PCM CODEC
TLV320AIC1103PBSR TI1-TLV320AIC1103PBSR Datasheet
917Kb / 33P
[Old version datasheet]   PCM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com